Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3788EGN-1PBF Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3788EGN-1PBF
Description  2-Phase, Dual Output Synchronous Boost Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3788EGN-1PBF Datasheet(HTML) 2 Page - Linear Technology

  LTC3788EGN-1PBF Datasheet HTML 1Page - Linear Technology LTC3788EGN-1PBF Datasheet HTML 2Page - Linear Technology LTC3788EGN-1PBF Datasheet HTML 3Page - Linear Technology LTC3788EGN-1PBF Datasheet HTML 4Page - Linear Technology LTC3788EGN-1PBF Datasheet HTML 5Page - Linear Technology LTC3788EGN-1PBF Datasheet HTML 6Page - Linear Technology LTC3788EGN-1PBF Datasheet HTML 7Page - Linear Technology LTC3788EGN-1PBF Datasheet HTML 8Page - Linear Technology LTC3788EGN-1PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LTC3788-1
2
37881f
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VBIAS......................................................... –0.3V to 40V
BOOST1, BOOST2...................................... –0.3V to 76V
SW1, SW2 ................................................. –0.3V to 70V
RUN1, RUN2................................................ –0.3V to 8V
Maximum Current Sourced into Pin
from Source > 8V..............................................100μA
PGOOD1, PLLIN/MODE ............................... –0.3V to 6V
INTVCC, (BOOST1-SW1, BOOST2-SW2) ...... –0.3V to 6V
EXTVCC......................................................... –0.3V to 6V
SENSE1+, SENSE1,
SENSE2+, SENSE2.................................... –0.3V to 40V
SENSE1+ – SENSE1,
SENSE2+ – SENSE2................................. –0.3V to 0.3V
SS1, SS2, ITH1, ITH2, FREQ,
VFB1, VFB2 ........................................... –0.3V to INTVCC
Operating Junction Temperature Range ... –40°C to 125°C
Storage Temperature Range................... –65°C to 125°C
Lead Temperature (Soldering, 10 seconds) .......... 300°C
(Note 1)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
TOP VIEW
GN PACKAGE
28-LEAD PLASTIC SSOP
28
27
26
25
24
23
22
21
20
19
18
17
16
15
ITH1
VFB1
SENSE1+
SENSE1
FREQ
PLLIN/MODE
SGND
RUN1
RUN2
SENSE2
SENSE2+
VFB2
ITH2
SS2
SS1
PGOOD1
SW1
TG1
BOOST1
BG1
VBIAS
PGND
EXTVCC
INTVCC
BG2
BOOST2
TG2
SW2
TJMAX = 125°C, θJA = 90°C/W
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3788EGN-1#PBF
LTC3788EGN-1#TRPBF
LTC3788GN-1
28-Lead Plastic SSOP
–40°C to 125°C
LTC3788IGN-1#PBF
LTC3788IGN-1#TRPBF
LTC3788GN-1
28-Lead Plastic SSOP
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Main Control Loop
VBIAS
Chip Bias Voltage Operating Range
4.5
38
V
VFB1,2
Regulated Feedback Voltage
ITH = 1.2V (Note 4)
l
1.188
1.200
1.212
V
IFB1,2
Feedback Current
(Note 4)
±5
±50
nA
VREFLNREG
Reference Line Voltage Regulation
VIN = 6V to 38V
0.002
0.02
%/V
The l denotes the specifications which apply over the full operating
junction temperature range, otherwise specifications are at TA = 25°C, VBIAS = 12V, unless otherwise noted (Note 2).


Similar Part No. - LTC3788EGN-1PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3788EGN-1PBF LINER-LTC3788EGN-1PBF Datasheet
366Kb / 30P
   2-Phase, Dual Output Synchronous Boost Controller
More results

Similar Description - LTC3788EGN-1PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3788 LINER-LTC3788 Datasheet
427Kb / 32P
   2-Phase, Dual Output Synchronous Boost Controller
LTC3788-1 LINER-LTC3788-1_1 Datasheet
366Kb / 30P
   2-Phase, Dual Output Synchronous Boost Controller
LTC3788 LINER-LTC3788_15 Datasheet
411Kb / 32P
   2-Phase, Dual Output Synchronous Boost Controller
LTC3788 LINER-LTC3788_1 Datasheet
372Kb / 32P
   2-Phase, Dual Output Synchronous Boost Controller
LTC3788-1 LINER-LTC3788-1_15 Datasheet
387Kb / 30P
   2-Phase, Dual Output Synchronous Boost Controller
logo
Analog Devices
LTC7840 AD-LTC7840 Datasheet
1Mb / 38P
   2-Phase Dual Output Nonsynchronous Boost Controller with Hiccup Mode
Rev 0
logo
Linear Technology
LTC3736 LINER-LTC3736 Datasheet
348Kb / 28P
   Dual 2-Phase, No RSENSE Synchronous Controller with Output Tracking
LTC3736 LINER-LTC3736_15 Datasheet
441Kb / 28P
   Dual 2-Phase, No RSENSE, Synchronous Controller with Output Tracking
LTC3736-2 LINER-LTC3736-2 Datasheet
417Kb / 28P
   Dual 2-Phase, No RSENSE Synchronous Controller with Output Tracking
LTC3736-2 LINER-LTC3736-2_15 Datasheet
354Kb / 28P
   Dual 2-Phase, No RSENSE, Synchronous Controller with Output Tracking
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com