Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6801IGTRPBF Datasheet(PDF) 1 Page - Linear Technology

Part # LTC6801IGTRPBF
Description  Independent Multicell Battery Stack Fault Monitor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6801IGTRPBF Datasheet(HTML) 1 Page - Linear Technology

  LTC6801IGTRPBF Datasheet HTML 1Page - Linear Technology LTC6801IGTRPBF Datasheet HTML 2Page - Linear Technology LTC6801IGTRPBF Datasheet HTML 3Page - Linear Technology LTC6801IGTRPBF Datasheet HTML 4Page - Linear Technology LTC6801IGTRPBF Datasheet HTML 5Page - Linear Technology LTC6801IGTRPBF Datasheet HTML 6Page - Linear Technology LTC6801IGTRPBF Datasheet HTML 7Page - Linear Technology LTC6801IGTRPBF Datasheet HTML 8Page - Linear Technology LTC6801IGTRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LTC6801
1
6801p
n Monitors Up to 12 Li-Ion Cells in Series (60V Max)
n Stackable Architecture Enables >1000V Systems
n Adjustable Overvoltage and Undervoltage
Detection
n Self Test Features Guarantee Accuracy
n Robust Fault Detection Using Differential Signals
n Simple Pin-Strapped Configuration Allows Battery
Monitoring without a Microcontroller
n 15ms to Monitor All Cells in a System
n Programmable Response Time
n Two Temperature Monitor Inputs
n Low Power Idle Mode
n 36-Lead SSOP Package
–40
20
95
–10
50
110 125
580
–25
35
65
TEMPERATURE (°C)
1.0
–0.8
0.8
0.4
0
–0.4
0.6
0.2
–0.2
–0.6
–1.0
6801 TA01b
V+ = 43.2V
OV = 4.120V
5 TYPICAL UNITS
BLOCK DIAGRAM
DESCRIPTION
Independent Multicell
Battery Stack Fault Monitor
The LTC
®6801 is a multicell battery monitoring IC incor-
porating a 12-bit ADC, a precision independent voltage
reference, sampled comparator, and a high voltage input
multiplexer. The LTC6801 can monitor as many as 12 series
connected battery cells for overvoltage, undervoltage, and
overtemperature conditions, indicating whether the cells
are within specified parameters. The LTC6801 generates
a clock output when no fault conditions exist. Differential
clocking provides high noise immunity and ensures that
battery stack fault conditions cannot be hidden by frozen
bits or short circuit conditions.
Each LTC6801 can operate with a battery stack voltage up
to 60V and multiple LTC6801 devices can be stacked to
monitor each individual cell in a long battery string. When
multiple devices are stacked, the status signal of each
LTC6801 can be daisy-chained, without opto-couplers or
isolators, providing a single status output for the entire
battery string.
The LTC6801 is configurable by external pin strapping.
Adjustable overvoltage and undervoltage thresholds sup-
port various Li-Ion chemistries. Selectable measurement
times allow users to save power.
FEATURES
APPLICATIONS
n Redundant Battery Monitor
n Hybrid Electric Vehicles
n Battery Backup Systems
n Power Systems Using Multiple Battery Cells
6801 TA01a
1
2
3
12
13
20
22
14
15
16
VREF
VTEMP1
VTEMP2
NTC
NTC
C1
C2
C11
C12
V+
V–
NEXT LOWER
CELL PACK
NEXT HIGHER
CELL PACK
12
MUX
“CELLS GOOD”
ENABLE
INPUT
ISOLATION
CLOCK SIGNAL
INPUT ENABLES
THE LTC6801
CLOCK SIGNAL
OUTPUT INDICATES
SYSTEM “OK”
STATUS
OUTPUT
CONTROL
LOGIC
17
REFERENCE
LTC6801
ADC
0V Detection Level Error
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
Electrical Specifications Subject to Change


Similar Part No. - LTC6801IGTRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6801 LINER-LTC6801 Datasheet
405Kb / 40P
   Multicell Battery Stack Monitor
LTC6801 LINER-LTC6801 Datasheet
750Kb / 44P
   High Effciency Bidirectional Multicell Battery Balancer
LTC6801 LINER-LTC6801_15 Datasheet
276Kb / 28P
   Independent Multicell Battery Stack Fault Monitor
More results

Similar Description - LTC6801IGTRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6801 LINER-LTC6801_15 Datasheet
276Kb / 28P
   Independent Multicell Battery Stack Fault Monitor
LTC6803-2 LINER-LTC6803-2_15 Datasheet
409Kb / 40P
   Multicell Battery Stack Monitor
LTC6803-4 LINER-LTC6803-4_15 Datasheet
409Kb / 40P
   Multicell Battery Stack Monitor
LTC6803-3 LINER-LTC6803-3_15 Datasheet
427Kb / 40P
   Multicell Battery Stack Monitor
LTC6803-1 LINER-LTC6803-1_15 Datasheet
427Kb / 40P
   Multicell Battery Stack Monitor
LTC6802-1 LINER-LTC6802-1_15 Datasheet
335Kb / 38P
   Multicell Battery Stack Monitor
LTC6803-2 LINER-LTC6803-2 Datasheet
405Kb / 40P
   Multicell Battery Stack Monitor
LTC6802-1 LINER-LTC6802-1 Datasheet
262Kb / 32P
   Multicell Battery Stack Monitor
LTC6802-1 LINER-LTC6802-1_1 Datasheet
330Kb / 38P
   Multicell Battery Stack Monitor
LTC6803-1 LINER-LTC6803-1 Datasheet
424Kb / 40P
   Multicell Battery Stack Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com