Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3788-1 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3788-1
Description  2-Phase, Dual Output Synchronous Boost Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3788-1 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3788-1 Datasheet HTML 4Page - Linear Technology LTC3788-1 Datasheet HTML 5Page - Linear Technology LTC3788-1 Datasheet HTML 6Page - Linear Technology LTC3788-1 Datasheet HTML 7Page - Linear Technology LTC3788-1 Datasheet HTML 8Page - Linear Technology LTC3788-1 Datasheet HTML 9Page - Linear Technology LTC3788-1 Datasheet HTML 10Page - Linear Technology LTC3788-1 Datasheet HTML 11Page - Linear Technology LTC3788-1 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
LTC3788-1
8
37881f
TEMPERATURE (°C)
–45
5
55
80
0
80
40
160
200
240
120
20
100
60
180
220
260
140
–20
30
105
130
37881 G22
SENSE+ PIN
SENSE PIN
VSENSE = 12V
SENSE Pin Input Current
vs Temperature
Maximum Current Sense
Threshold vs ITH Voltage
SENSE Pin Input Current
vs VSENSE Voltage
SENSE Pin Input Current
vs ITH Voltage
Oscillator Frequency
vs Input Voltage
TYPICAL PERFORMANCE CHARACTERISTICS
15
510
20
25
30
35
40
INPUT VOLTAGE (V)
344
354
356
358
360
350
342
352
340
348
346
37881 G20
FREQ = GND
ITH VOLTAGE (V)
0
80
120
100
0.6
1.0
37881 G21
40
0
0.2
0.4
0.8
1.2
1.4
–40
60
20
–20
–60
PULSE-SKIPPING MODE
FORCED CONTINUOUS MODE
Burst Mode OPERATION
ITH VOLTAGE (V)
0
1
2
2.5
0
80
40
160
200
240
120
20
100
60
180
220
260
140
0.5
1.5
3
37881 G23
SENSE+ PIN
SENSE PIN
VSENSE = 12V
VSENSE COMMON MODE VOLTAGE (V)
2.5
17.5
27.5
32.5
0
80
40
160
200
240
120
20
100
60
180
220
260
140
7.5
12.5
22.5
37.5
37881 G24
SENSE+ PIN
SENSE PIN
DUTY CYCLE (%)
0
80
100
70
60
40
20
40
10
90
30
50
80
60
100
20
0
120
37881 G25
OPERATING FREQUENCY (kHz)
50
0
20
30
80
50
250
450
550
10
60
70
40
150
350
650
750
37881 G26
T = 130°C
T = 25°C
T = – 45°C
VSW = 12V
VBOOST – VSW = 4.5V
Maximum Current Sense
Threshold vs Duty Cycle
Charge Pump Charging Current
vs Operating Frequency


Similar Part No. - LTC3788-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3788-1 LINER-LTC3788-1 Datasheet
366Kb / 30P
   2-Phase, Dual Output Synchronous Boost Controller
LTC3788-1 LINER-LTC3788-1 Datasheet
373Kb / 36P
   PolyPhase Synchronous Boost Controller
LTC3788-1 LINER-LTC3788-1 Datasheet
523Kb / 38P
   60V PolyPhase Synchronous Boost Controller
LTC3788-1 LINER-LTC3788-1 Datasheet
302Kb / 20P
   No RSENSE Current Mode Boost DC/DC Controller
logo
Analog Devices
LTC3788-1 AD-LTC3788-1 Datasheet
1Mb / 48P
   PolyPhase Synchronous Boost Controller with PMBus Interface
More results

Similar Description - LTC3788-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3788 LINER-LTC3788 Datasheet
427Kb / 32P
   2-Phase, Dual Output Synchronous Boost Controller
LTC3788-1 LINER-LTC3788-1_1 Datasheet
366Kb / 30P
   2-Phase, Dual Output Synchronous Boost Controller
LTC3788 LINER-LTC3788_15 Datasheet
411Kb / 32P
   2-Phase, Dual Output Synchronous Boost Controller
LTC3788 LINER-LTC3788_1 Datasheet
372Kb / 32P
   2-Phase, Dual Output Synchronous Boost Controller
LTC3788-1 LINER-LTC3788-1_15 Datasheet
387Kb / 30P
   2-Phase, Dual Output Synchronous Boost Controller
logo
Analog Devices
LTC7840 AD-LTC7840 Datasheet
1Mb / 38P
   2-Phase Dual Output Nonsynchronous Boost Controller with Hiccup Mode
Rev 0
logo
Linear Technology
LTC3736 LINER-LTC3736 Datasheet
348Kb / 28P
   Dual 2-Phase, No RSENSE Synchronous Controller with Output Tracking
LTC3736 LINER-LTC3736_15 Datasheet
441Kb / 28P
   Dual 2-Phase, No RSENSE, Synchronous Controller with Output Tracking
LTC3736-2 LINER-LTC3736-2 Datasheet
417Kb / 28P
   Dual 2-Phase, No RSENSE Synchronous Controller with Output Tracking
LTC3736-2 LINER-LTC3736-2_15 Datasheet
354Kb / 28P
   Dual 2-Phase, No RSENSE, Synchronous Controller with Output Tracking
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com