Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC5543 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC5543
Description  0.6GHz to 1.3GHz High Dynamic Range Downconverting Mixer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5543 Datasheet(HTML) 1 Page - Linear Technology

  LTC5543 Datasheet HTML 1Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LINEAR TECHNOLOGY CONFIDENTIAL
Electrical Specifications Subject to Change
LTC5540
1
5540p
TYPICAL APPLICATION
DESCRIPTION
0.6GHz to 1.3GHz
High Dynamic Range
Downconverting Mixer
The LTC®5540 is part of a family of high dynamic range
passive downconverting mixers covering the 600MHz
to 4GHz frequency range. The LTC5540 is optimized for
0.6GHz to 1.3GHz RF applications. The LO frequency
must fall within the 0.7GHz to 1.2GHz range for optimum
performance. A typical application is a LTE or GSM receiver
with a 700MHz to 915MHz RF input and high-side LO.
The LTC5540 is designed for 3.3V operation, however; the
IF amplifier can be powered by 5V for the highest P1dB.
An integrated SPDT LO switch with fast switching accepts
two active LO signals, while providing high isolation.
The LTC5540’s high conversion gain and high dynamic
range enable the use of lossy IF filters in high-selectivity
receiver designs, while minimizing the total solution cost,
board space and system-level variation.
High Dynamic Range Downconverting Mixer Family
PART#
RF RANGE
LO RANGE
LTC5540
600MHz –1.3GHz
700MHz – 1.2GHz
LTC5541
1.3GHz – 2.3GHz
1.4GHz – 2.0GHz
LTC5542
1.6GHz – 2.7GHz
1.7GHz – 2.5GHz
LTC5543
2.3GHz – 4GHz
2.4GHz – 3.6GHz
FEATURES
APPLICATIONS
n Conversion Gain: 7.9dB at 900MHz
n IIP3: 25.9dBm at 900MHz
n Noise Figure: 9.9dB at 900MHz
n 17.7dB NF Under 5dBm Blocking
n High Input P1dB
n 3.3V Supply, 640mW Power Consumption
n Shutdown Pin
n 50Ω Single-Ended RF and LO Inputs
n LO Inputs 50Ω Matched when Shutdown
n High Isolation LO Switch
n 0dBm LO Drive Level
n High LO-RF and LO-IF Isolation
n Small Solution Size
n 20-Lead (5mm × 5mm) QFN package
n Wireless Infrastructure Receivers
(LTE, GSM, CDMA)
n High Dynamic Range Downmixer Applications
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
IF
AMP
ADC
IF
RF
700MHz
TO
915MHz
LNA
BIAS
SYNTH 2
SYNTH 1
VCCIF
3.3V or 5V
22pF
5.6pF
1.5pF
1μF
150nH
150nH
1nF
1nF
190MHz
SAW
190MHz
BPF
IMAGE
BPF
RF
CT
SHDN
22pF
SHDN
(0V/3.3V)
LTC5540
VCC2
VCC 3.3V
VCC1
VCC3
LOSEL
LO SELECT
(0V/3.3V)
LO
1090MHz
ALTERNATE LO FOR
FREQUENCY-HOPPING
100pF
100pF
LO1
LO2
IF+
IF
5540 TA01
1μF
LO
Wideband Receiver
Wideband Conversion Gain, IIP3
and NF vs RF Input Frequency
RF FREQUENCY (MHz)
600
6
15
14
13
11
10
12
9
7
8
16
18
27
26
25
23
22
24
21
19
20
28
900
1000
700
5540 TA01a
800
IIP3
NF
TA = +25°C
FIF = 190MHz
FLO = FRF + FIF
GC


Similar Part No. - LTC5543

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5543 LINER-LTC5543 Datasheet
56Kb / 1P
   2.3GHz to 4GHz High Dynamic Range Downconverting Mixer
LTC5543 LINER-LTC5543_15 Datasheet
252Kb / 16P
   2.3GHz to 4GHz High Dynamic Range Downconverting Mixer
More results

Similar Description - LTC5543

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5540 LINER-LTC5540_15 Datasheet
303Kb / 16P
   600MHz to 1.3GHz High Dynamic Range Downconverting Mixer
LTC5541 LINER-LTC5541_09 Datasheet
249Kb / 16P
   1.3GHz to 2.3GHz High Dynamic Range Downconverting Mixer
LTC5541 LINER-LTC5541 Datasheet
65Kb / 2P
   1.3GHz to 2.3GHz High Dynamic Range Downconverting Mixer
LTC5541 LINER-LTC5541_15 Datasheet
253Kb / 16P
   1.3GHz to 2.3GHz High Dynamic Range Downconverting Mixer
LTC5591 LINER-LTC5591_15 Datasheet
342Kb / 20P
   Dual 1.3GHz to 2.3GHz High Dynamic Range Downconverting Mixer
LTC5542 LINER-LTC5542_15 Datasheet
263Kb / 16P
   1.6GHz to 2.7GHz High Dynamic Range Downconverting Mixer
LTC5543 LINER-LTC5543 Datasheet
56Kb / 1P
   2.3GHz to 4GHz High Dynamic Range Downconverting Mixer
LTC5543 LINER-LTC5543_15 Datasheet
252Kb / 16P
   2.3GHz to 4GHz High Dynamic Range Downconverting Mixer
LTC5542 LINER-LTC5542 Datasheet
66Kb / 2P
   1.6GHz to 2.7GHz High Dynamic Range Downconverting Mixer
LTC5544 LINER-LTC5544 Datasheet
1Mb / 12P
   4GHz to 6GHz High Dynamic Range Downconverting Mixer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com