Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3854IMSE Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3854IMSE
Description  Small Footprint, Wide VIN Range Synchronous Step-Down DC/DC Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3854IMSE Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3854IMSE Datasheet HTML 2Page - Linear Technology LTC3854IMSE Datasheet HTML 3Page - Linear Technology LTC3854IMSE Datasheet HTML 4Page - Linear Technology LTC3854IMSE Datasheet HTML 5Page - Linear Technology LTC3854IMSE Datasheet HTML 6Page - Linear Technology LTC3854IMSE Datasheet HTML 7Page - Linear Technology LTC3854IMSE Datasheet HTML 8Page - Linear Technology LTC3854IMSE Datasheet HTML 9Page - Linear Technology LTC3854IMSE Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
LTC3854

3854fa
Typical perForMance characTerisTics
Current Sense Threshold
vs ITH Voltage
Shutdown Current
vs Input Voltage
Shutdown Current vs Temperature
INTVCC Load Regulation
INTVCC vs Temperature
RUN/SS Shutdown Threshold
vs Temperature
VIN (V)
4
30
5
10
15
20
25
0
28 32
3854 G19
40
36
24
16 20
12
8
VITH (V)
0
60
10
0
20
30
40
50
–10
2
3854 G18
3
2.5
1.5
1
0.5
TEMPERATURE (°C)
–45
20
11
12
13
15
14
16
19
18
17
10
45 60
3854 G20
105
75 90
30
0 15
–15
–30
VIN = 15V
LDO CURRENT (mA)
0
5.20
5.15
5.05
4.90
4.95
5.10
5.00
4.85
4.80
20
10
30
35
3854 G21
40
15
5
25
VIN = 15V
TEMPERATURE (°C)
–45
5.20
5.15
5.05
4.90
4.95
5.10
5.00
4.85
4.80
15
–15
45 60 75 90
3854 G22
105
0
–30
30
ILOAD = 10mA
VIN = 15V
TEMPERATURE (°C)
–45
1.40
1.35
1.25
1.15
1.30
1.20
1.10
15
–15
45 60 75 90
3854 G23
105
0
–30
30
Oscillator Frequency
vs Temperature
Undervoltage Lockout Falling
Threshold vs Temperature
Oscillator Frequency vs VIN
TEMPERATURE (°C)
–40
440
420
410
430
390
400
380
80
40
3854 G15
120
60
20
0
–20
100
TEMPERATURE (°C)
–40
4.0
3.7
3.8
3.6
3.9
3.1
3.2
3.3
3.4
3.5
3.0
80
40
3854 G16
120
60
20
0
–20
100
VIN (V)
5
440
400
410
420
430
390
370
380
360
25
15
3854 G17
40
20
10
30
35


Similar Part No. - LTC3854IMSE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3854 LINER-LTC3854 Datasheet
465Kb / 36P
   Current Mode Synchronous Controller for Sub Milliohm DCR Sensing
LTC3854 LINER-LTC3854 Datasheet
1Mb / 30P
   Low IQ Synchronous Step-Down Controller
LTC3854 LINER-LTC3854_15 Datasheet
539Kb / 28P
   Small Footprint, Wide VIN Range Synchronous Step-Down DC/DC Controller
More results

Similar Description - LTC3854IMSE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3854 LINER-LTC3854_15 Datasheet
539Kb / 28P
   Small Footprint, Wide VIN Range Synchronous Step-Down DC/DC Controller
logo
Analog Devices
ADP1851 AD-ADP1851 Datasheet
1Mb / 24P
   Wide Range Input, Synchronous, Step-Down DC-to-DC Controller
REV. B
logo
Linear Technology
LTC7812EUH LINER-LTC7812EUH Datasheet
429Kb / 14P
   Wide VIN, Step-Up Step-Down DC/DC Converter
LTC1773 LINER-LTC1773_15 Datasheet
298Kb / 20P
   Synchronous Step-Down DC/DC Controller
LTC1773 LINER-LTC1773 Datasheet
293Kb / 20P
   Synchronous Step-Down DC/DC Controller
logo
List of Unclassifed Man...
ML3406 ETC1-ML3406 Datasheet
730Kb / 12P
   Synchronous Step-Down DC-DC Controller
logo
Texas Instruments
TPS43061-312168 TI1-TPS43061-312168 Datasheet
1Mb / 38P
[Old version datasheet]   Low Quiescent Current Synchronous Boost DC-DC Controller with Wide VIN Range
TPS43060 TI-TPS43060 Datasheet
1Mb / 32P
[Old version datasheet]   Low Quiescent Current Synchronous Boost DC-DC Controller with Wide VIN Range
TPS43060 TI-TPS43060_15 Datasheet
1Mb / 43P
[Old version datasheet]   TPS4306x Low Quiescent Current Synchronous Boost DC-DC Controller With Wide VIN Range
logo
Linear Technology
LTC3878 LINER-LTC3878_15 Datasheet
408Kb / 26P
   Fast, Wide Operating Range No RSENSE Step-Down DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com