Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3854EDDB Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3854EDDB
Description  Small Footprint, Wide VIN Range Synchronous Step-Down DC/DC Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3854EDDB Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3854EDDB Datasheet HTML 5Page - Linear Technology LTC3854EDDB Datasheet HTML 6Page - Linear Technology LTC3854EDDB Datasheet HTML 7Page - Linear Technology LTC3854EDDB Datasheet HTML 8Page - Linear Technology LTC3854EDDB Datasheet HTML 9Page - Linear Technology LTC3854EDDB Datasheet HTML 10Page - Linear Technology LTC3854EDDB Datasheet HTML 11Page - Linear Technology LTC3854EDDB Datasheet HTML 12Page - Linear Technology LTC3854EDDB Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
LTC3854

3854fa
operaTion
Main Control Loop
The LTC3854 is a constant-frequency, peak current mode
step-down controller. During normal operation, the top
MOSFET is turned on when the clock sets the RS latch,
and is turned off when the main current comparator, ICMP,
resets the RS latch. The peak inductor current at which
ICMP resets the RS latch is controlled by the voltage on
the ITH pin, which is the output of the error amplifier EA.
The VFB pin receives the voltage feedback signal, which is
comparedtotheinternalreferencevoltagebytheEA.When
the load current increases, it causes a slight decrease in
VFB relative to the 0.8V reference, which in turn causes
the ITH voltage to increase until the average inductor cur-
rent matches the new load current. After the top MOSFET
has turned off, the bottom MOSFET is turned on until the
beginning of the next cycle.
INTVCC Power
Power for the top and bottom MOSFET drivers and most
other internal circuitry is derived from the INTVCC pin. An
internal 5V low dropout linear regulator supplies INTVCC
power from VIN.
The top MOSFET driver is biased from a floating bootstrap
capacitorCB,whichrechargesduringeachoffcyclethrough
an external Schottky diode when the top MOSFET turns
off. If the input voltage VIN decreases to a voltage close to
VOUT, the loop may enter dropout and attempt to turn on
the top MOSFET continuously. The dropout detector then
forces the top MOSFET off for 1/10 of the clock period
every fourth cycle to allow CB to recharge.
Shutdown and Start-Up (RUN/SS)
The LTC3854 is shut down using the RUN/SS pin. Pulling
this pin below 1.2V disables the controller and most of the
internal circuitry, including the INTVCC regulator.
However, for RUN/SS>0.8V the internal bandgap is
functional and the input current will be greater than the
minimum shutdown current. To keep the part in a true
shutdownmodetheRUN/SSpinshouldbeheldbelow0.4V.
ReleasingRUN/SSpinallowsaninternal1.25µAcurrentto
pull up the pin and enable the controller. Alternatively, the
RUN/SS pin may be externally pulled up or driven directly
by logic. Be careful not to exceed the Absolute Maximum
Rating of 6V on this pin.
The start-up of the controller’s output voltage VOUT
is governed by the voltage on the RUN/SS pin until
RUN/SS > 2V.
When the voltage on the RUN/SS pin is greater than 1.2V
and less than 2V the LTC3854 regulates the VFB voltage to
1.2V below the RUN/SS pin voltage. The RUN/SS pin pro-
grams the soft-start period through an external capacitor
from the RUN/SS pin to GND. An internal 1.25µA pull-up
current charges this capacitor creating a voltage ramp on
the RUN/SS pin. As the RUN/SS voltage rises linearly from
1.2V to 2V, VOUT rises smoothly from zero to the target
output voltage. When the LTC3854 is in undervoltage
lockout the external MOSFETs are held off.
Frequency of Operation
The LTC3854 operates at a fixed frequency of 400kHz.
Output Overvoltage Protection
An overvoltage comparator, OV, guards against transient
overshoots (>10%) as well as other more serious condi-
tions that may overvoltage the output. In such cases, the
topMOSFETisturnedoffandthebottomMOSFETisturned
on until the overvoltage condition is cleared.


Similar Part No. - LTC3854EDDB

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3854 LINER-LTC3854 Datasheet
465Kb / 36P
   Current Mode Synchronous Controller for Sub Milliohm DCR Sensing
LTC3854 LINER-LTC3854 Datasheet
1Mb / 30P
   Low IQ Synchronous Step-Down Controller
LTC3854 LINER-LTC3854_15 Datasheet
539Kb / 28P
   Small Footprint, Wide VIN Range Synchronous Step-Down DC/DC Controller
More results

Similar Description - LTC3854EDDB

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3854 LINER-LTC3854_15 Datasheet
539Kb / 28P
   Small Footprint, Wide VIN Range Synchronous Step-Down DC/DC Controller
logo
Analog Devices
ADP1851 AD-ADP1851 Datasheet
1Mb / 24P
   Wide Range Input, Synchronous, Step-Down DC-to-DC Controller
REV. B
logo
Linear Technology
LTC7812EUH LINER-LTC7812EUH Datasheet
429Kb / 14P
   Wide VIN, Step-Up Step-Down DC/DC Converter
LTC1773 LINER-LTC1773_15 Datasheet
298Kb / 20P
   Synchronous Step-Down DC/DC Controller
LTC1773 LINER-LTC1773 Datasheet
293Kb / 20P
   Synchronous Step-Down DC/DC Controller
logo
List of Unclassifed Man...
ML3406 ETC1-ML3406 Datasheet
730Kb / 12P
   Synchronous Step-Down DC-DC Controller
logo
Texas Instruments
TPS43061-312168 TI1-TPS43061-312168 Datasheet
1Mb / 38P
[Old version datasheet]   Low Quiescent Current Synchronous Boost DC-DC Controller with Wide VIN Range
TPS43060 TI-TPS43060 Datasheet
1Mb / 32P
[Old version datasheet]   Low Quiescent Current Synchronous Boost DC-DC Controller with Wide VIN Range
TPS43060 TI-TPS43060_15 Datasheet
1Mb / 43P
[Old version datasheet]   TPS4306x Low Quiescent Current Synchronous Boost DC-DC Controller With Wide VIN Range
logo
Linear Technology
LTC3878 LINER-LTC3878_15 Datasheet
408Kb / 26P
   Fast, Wide Operating Range No RSENSE Step-Down DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com