Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3788EUHTRPBF Datasheet(PDF) 11 Page - Linear Technology

Part # LTC3788EUHTRPBF
Description  2-Phase, Dual Output Synchronous Boost Controller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3788EUHTRPBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC3788EUHTRPBF Datasheet HTML 7Page - Linear Technology LTC3788EUHTRPBF Datasheet HTML 8Page - Linear Technology LTC3788EUHTRPBF Datasheet HTML 9Page - Linear Technology LTC3788EUHTRPBF Datasheet HTML 10Page - Linear Technology LTC3788EUHTRPBF Datasheet HTML 11Page - Linear Technology LTC3788EUHTRPBF Datasheet HTML 12Page - Linear Technology LTC3788EUHTRPBF Datasheet HTML 13Page - Linear Technology LTC3788EUHTRPBF Datasheet HTML 14Page - Linear Technology LTC3788EUHTRPBF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
LTC3788
11
3788f
SWITCHING
LOGIC
AND
CHARGE
PUMP
+
4.8V
3.8V
VBIAS
VIN
CIN
INTVCC
PLLIN/
MODE
PGOOD
+
1.32V
1.08V
+
+
+
VFB
EXTVCC
5.4V
LDO
VCO
PFD
SW
0.425V
SENS LO
BOOST
TG
CB
COUT
VOUT
DB
CLKOUT
PGND
BG
INTVCC
VFB
S
R
Q
EA
1.32V
SS
1.2V
RSENSE
0.5μA/
4.5μA
10μA
11V
SHDN
+
SHDN
2.5V
+
RC
SS
SENS
LO
ITH
CC
CSS
CC2
0.7V
2.8V
SLOPE COMP
2mV
+
+
SENSE
SENSE+
SLEEP
SHDN
CLK2
CLK1
RUN
SGND
INTVCC
FREQ
DUPLICATE FOR SECOND CONTROLLER CHANNEL
+ –
+
L
+
EN
5.4V
LDO
EN
20μA
100k
SYNC
DET
ILIM
PHASMD
OV
3788 BD
CURRENT
LIMIT
BLOCK DIAGRAM


Similar Part No. - LTC3788EUHTRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3788EUHTRPBF LINER-LTC3788EUHTRPBF Datasheet
372Kb / 32P
   2-Phase, Dual Output Synchronous Boost Controller
More results

Similar Description - LTC3788EUHTRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3788-1 LINER-LTC3788-1 Datasheet
415Kb / 28P
   2-Phase, Dual Output Synchronous Boost Controller
LTC3788-1 LINER-LTC3788-1_1 Datasheet
366Kb / 30P
   2-Phase, Dual Output Synchronous Boost Controller
LTC3788 LINER-LTC3788_15 Datasheet
411Kb / 32P
   2-Phase, Dual Output Synchronous Boost Controller
LTC3788 LINER-LTC3788_1 Datasheet
372Kb / 32P
   2-Phase, Dual Output Synchronous Boost Controller
LTC3788-1 LINER-LTC3788-1_15 Datasheet
387Kb / 30P
   2-Phase, Dual Output Synchronous Boost Controller
logo
Analog Devices
LTC7840 AD-LTC7840 Datasheet
1Mb / 38P
   2-Phase Dual Output Nonsynchronous Boost Controller with Hiccup Mode
Rev 0
logo
Linear Technology
LTC3736 LINER-LTC3736 Datasheet
348Kb / 28P
   Dual 2-Phase, No RSENSE Synchronous Controller with Output Tracking
LTC3736 LINER-LTC3736_15 Datasheet
441Kb / 28P
   Dual 2-Phase, No RSENSE, Synchronous Controller with Output Tracking
LTC3736-2 LINER-LTC3736-2 Datasheet
417Kb / 28P
   Dual 2-Phase, No RSENSE Synchronous Controller with Output Tracking
LTC3736-2 LINER-LTC3736-2_15 Datasheet
354Kb / 28P
   Dual 2-Phase, No RSENSE, Synchronous Controller with Output Tracking
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com