Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3788IUH Datasheet(PDF) 10 Page - Linear Technology

Part # LTC3788IUH
Description  2-Phase, Dual Output Synchronous Boost Controller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3788IUH Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC3788IUH Datasheet HTML 6Page - Linear Technology LTC3788IUH Datasheet HTML 7Page - Linear Technology LTC3788IUH Datasheet HTML 8Page - Linear Technology LTC3788IUH Datasheet HTML 9Page - Linear Technology LTC3788IUH Datasheet HTML 10Page - Linear Technology LTC3788IUH Datasheet HTML 11Page - Linear Technology LTC3788IUH Datasheet HTML 12Page - Linear Technology LTC3788IUH Datasheet HTML 13Page - Linear Technology LTC3788IUH Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
LTC3788
10
3788f
PIN FUNCTIONS
PGOOD2 (Pin 14): Power Good Indicator for Channel 2.
Open-drain logic output that is pulled to ground when
the output voltage is more than ±10% away from the
regulated output voltage. To avoid false trips the output
voltage must be outside the range for 25μs before this
output is activated.
INTVCC (Pin 19): Output of Internal 5.4V LDO. Power
supply for control circuits and gate drives. Decouple this
pin to GND with a minimum 4.7μF low ESR tantalum or
ceramic capacitor.
EXTVCC (Pin 20): External Power Input. When this pin is
higher than 4.8V an internal switch bypasses the inter-
nal regulator and supply power to INTVCC directly from
EXTVCC.
PGND (Pin 21): Driver Power Ground. Connects to the
sources of bottom (main) N-channel MOSFETs and the
(–) terminal(s) of CIN and COUT.
VBIAS (Pin 22): Main Supply Pin. It is normally tied to the
input supply VIN or to the output of the boost converter.
A bypass capacitor should be tied between this pin and
the signal ground pin. The operating voltage range on this
pin is 4.5V to 38V (40V abs max).
BG1, BG2 (Pin 23, Pin 18): Bottom Gate. Connect to the
gate of the main NMOS.
BOOST1, BOOST2 (Pin 24, Pin 17): Floating power supply
for the synchronous NMOS. Bypass to SW with a capacitor
and supply with a Schottky diode connected to INTVCC.
TG1, TG2 (Pin 25, Pin 16): Top Gate. Connect to the gate
of the synchronous NMOS.
SW1, SW2 (Pin 26, Pin 15): Switch Node. Connect to the
source of the synchronous NMOS, the drain of the main
NMOS and the inductor.
PGOOD1 (Pin 27): Power Good Indicator for Channel 1.
Open-drain logic output that is pulled to ground when
the output voltage is more than ±10% away from the
regulated output voltage. To avoid false trips the output
voltage must be outside the range for 25μs before this
output is activated.
ILIM (Pin 28): Current Comparator Sense Voltage Range
Input. This pin is used to set the peak current sense volt-
age in the current comparator. Connect this pin to SGND,
open and INTVCC to set the peak current sense voltage to
50mV, 75mV, and 100mV, respectively.
SS1, SS2 (Pin 29, Pin 13): Output Soft-Start Input. A
capacitor to ground at this pin sets the ramp rate of the
output voltage during start-up.
ITH1, ITH2 (Pin 30, Pin 12): Current Control Threshold
and Error Amplifier Compensation Point. The voltage on
this pin sets the current trip threshold.
VFB1, VFB2 (Pin 31, Pin 11): Error Amplifier Feedback
Input. This pin receives the remotely sensed feedback
voltage from an external resistive divider connected across
the output.
SENSE1+, SENSE2+ (Pin 32, Pin 10): Positive Current
Sense Comparator Input. The (+) input to the current
comparator is normally connected to the positive terminal
of a current sense resistor. The current sense resistor is
normally placed at the input of the boost controller in
series with the inductor. This pin also supplies power to
the current comparator.
GND (Exposed Pad Pin 33): Ground. The exposed pad
must be soldered to the circuit board for rated thermal
performance.


Similar Part No. - LTC3788IUH

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3788IUHPBF LINER-LTC3788IUHPBF Datasheet
372Kb / 32P
   2-Phase, Dual Output Synchronous Boost Controller
LTC3788IUHTRPBF LINER-LTC3788IUHTRPBF Datasheet
372Kb / 32P
   2-Phase, Dual Output Synchronous Boost Controller
More results

Similar Description - LTC3788IUH

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3788-1 LINER-LTC3788-1 Datasheet
415Kb / 28P
   2-Phase, Dual Output Synchronous Boost Controller
LTC3788-1 LINER-LTC3788-1_1 Datasheet
366Kb / 30P
   2-Phase, Dual Output Synchronous Boost Controller
LTC3788 LINER-LTC3788_15 Datasheet
411Kb / 32P
   2-Phase, Dual Output Synchronous Boost Controller
LTC3788 LINER-LTC3788_1 Datasheet
372Kb / 32P
   2-Phase, Dual Output Synchronous Boost Controller
LTC3788-1 LINER-LTC3788-1_15 Datasheet
387Kb / 30P
   2-Phase, Dual Output Synchronous Boost Controller
logo
Analog Devices
LTC7840 AD-LTC7840 Datasheet
1Mb / 38P
   2-Phase Dual Output Nonsynchronous Boost Controller with Hiccup Mode
Rev 0
logo
Linear Technology
LTC3736 LINER-LTC3736 Datasheet
348Kb / 28P
   Dual 2-Phase, No RSENSE Synchronous Controller with Output Tracking
LTC3736 LINER-LTC3736_15 Datasheet
441Kb / 28P
   Dual 2-Phase, No RSENSE, Synchronous Controller with Output Tracking
LTC3736-2 LINER-LTC3736-2 Datasheet
417Kb / 28P
   Dual 2-Phase, No RSENSE Synchronous Controller with Output Tracking
LTC3736-2 LINER-LTC3736-2_15 Datasheet
354Kb / 28P
   Dual 2-Phase, No RSENSE, Synchronous Controller with Output Tracking
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com