Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY8661SL Datasheet(PDF) 6 Page - Lyontek Inc.

Part # LY8661SL
Description  Dual 2.0W/CH Stereo Audio Amplifier include Headphone Function
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY8661SL Datasheet(HTML) 6 Page - Lyontek Inc.

Back Button LY8661SL Datasheet HTML 2Page - Lyontek Inc. LY8661SL Datasheet HTML 3Page - Lyontek Inc. LY8661SL Datasheet HTML 4Page - Lyontek Inc. LY8661SL Datasheet HTML 5Page - Lyontek Inc. LY8661SL Datasheet HTML 6Page - Lyontek Inc. LY8661SL Datasheet HTML 7Page - Lyontek Inc. LY8661SL Datasheet HTML 8Page - Lyontek Inc. LY8661SL Datasheet HTML 9Page - Lyontek Inc. LY8661SL Datasheet HTML 10Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
LY8661
Rev. 1.8
Dual 2.0W/CH Stereo Audio Amplifier include Headphone Function
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, lndustry E . Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan
TEL: 886-3-6668838
FAX: 886-3-6668836
6
®
Figure 4. With Headphone Typical Application Circuit (SOP16)


Similar Part No. - LY8661SL

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY8662 LYONTEK-LY8662 Datasheet
792Kb / 12P
   Dual 2.0W/CH Stereo Audio Amplifier include Headphone Function
LY8662EL LYONTEK-LY8662EL Datasheet
792Kb / 12P
   Dual 2.0W/CH Stereo Audio Amplifier include Headphone Function
LY8663 LYONTEK-LY8663 Datasheet
394Kb / 11P
   Dual 2.0W/CH Stereo Audio Amplifier include Headphone Function with Active-high shutdown mode
LY8663AB LYONTEK-LY8663AB Datasheet
839Kb / 21P
   Dual 2.0W/CH Stereo Audio Amplifier include Headphone Function with Active-high shutdown mode
LY8663AL LYONTEK-LY8663AL Datasheet
394Kb / 11P
   Dual 2.0W/CH Stereo Audio Amplifier include Headphone Function with Active-high shutdown mode
More results

Similar Description - LY8661SL

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY8662 LYONTEK-LY8662 Datasheet
792Kb / 12P
   Dual 2.0W/CH Stereo Audio Amplifier include Headphone Function
LY8663_1005 LYONTEK-LY8663_1005 Datasheet
839Kb / 21P
   Dual 2.0W/CH Stereo Audio Amplifier include Headphone Function with Active-high shutdown mode
LY8663 LYONTEK-LY8663 Datasheet
394Kb / 11P
   Dual 2.0W/CH Stereo Audio Amplifier include Headphone Function with Active-high shutdown mode
LY8602 LYONTEK-LY8602 Datasheet
270Kb / 8P
   Dual 2.0W/CH Stereo Audio Amplifier
logo
National Semiconductor ...
LM4863 NSC-LM4863_06 Datasheet
1Mb / 21P
   Dual 2.2W Audio Amplifier Plus Stereo Headphone Function
logo
Unisonic Technologies
PA4867 UTC-PA4867 Datasheet
288Kb / 7P
   DUAL 2.1W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
PA4863 UTC-PA4863_15 Datasheet
475Kb / 12P
   DUAL 2.2W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
logo
Kingbor Technology Co
KB4863 KINGBOR-KB4863 Datasheet
600Kb / 19P
   Dual 2.2W Audio Amplifier Plus Stereo Headphone Function
logo
National Semiconductor ...
LM4863 NSC-LM4863 Datasheet
513Kb / 16P
   Dual 2.2W Audio Amplifier Plus Stereo Headphone Function
logo
Texas Instruments
LM4873 TI1-LM4873 Datasheet
1Mb / 30P
[Old version datasheet]   Dual 2.1W Audio Amplifier Plus Stereo Headphone Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com