Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY8661EB Datasheet(PDF) 11 Page - Lyontek Inc.

Part # LY8661EB
Description  Dual 2.0W/CH Stereo Audio Amplifier include Headphone Function
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY8661EB Datasheet(HTML) 11 Page - Lyontek Inc.

Back Button LY8661EB Datasheet HTML 7Page - Lyontek Inc. LY8661EB Datasheet HTML 8Page - Lyontek Inc. LY8661EB Datasheet HTML 9Page - Lyontek Inc. LY8661EB Datasheet HTML 10Page - Lyontek Inc. LY8661EB Datasheet HTML 11Page - Lyontek Inc. LY8661EB Datasheet HTML 12Page - Lyontek Inc. LY8661EB Datasheet HTML 13Page - Lyontek Inc. LY8661EB Datasheet HTML 14Page - Lyontek Inc. LY8661EB Datasheet HTML 15Page - Lyontek Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
LY8661
Rev. 1.8
Dual 2.0W/CH Stereo Audio Amplifier include Headphone Function
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, lndustry E . Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan
TEL: 886-3-6668838
FAX: 886-3-6668836
11
®
This enables the headphone function, turns off Amp A (+out) and Amp B (+out) which mutes the bridged
speaker. The amplifier then drives the headphones, whose impedance is in parallel with resistors R5 and R6.
These resistors have negligible effect on the LY8661’s output drive capability since the typical impedance of
headphones is 32Ω.
Figure 5 also shows the suggested headphone jack electrical connections. The jack is designed to mate with
a four wire (or three wire)plug. The plug’s tip and ring should each carry one of the two stereo output signals,
whereas the sleeve should carry the ground return. The headphone jack with one control pin contact is
sufficient to drive the HP Sense pin when connecting headphones.
As outlined above driving the Speaker (BTL) and Headphone (SE) loads simultaneously using LY8661 is
simple and easy. However this configuration will only work if the HP Logic pin is used to control the BTL/SE
operation and HP Sense pin is connected to GND(Figure 6).
FIGURE 5. With Headphone Circuit (QFN Type)
FIGURE 6. Without Headphone Circuit (QFN Type)


Similar Part No. - LY8661EB

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY8662 LYONTEK-LY8662 Datasheet
792Kb / 12P
   Dual 2.0W/CH Stereo Audio Amplifier include Headphone Function
LY8662EL LYONTEK-LY8662EL Datasheet
792Kb / 12P
   Dual 2.0W/CH Stereo Audio Amplifier include Headphone Function
LY8663 LYONTEK-LY8663 Datasheet
394Kb / 11P
   Dual 2.0W/CH Stereo Audio Amplifier include Headphone Function with Active-high shutdown mode
LY8663AB LYONTEK-LY8663AB Datasheet
839Kb / 21P
   Dual 2.0W/CH Stereo Audio Amplifier include Headphone Function with Active-high shutdown mode
LY8663AL LYONTEK-LY8663AL Datasheet
394Kb / 11P
   Dual 2.0W/CH Stereo Audio Amplifier include Headphone Function with Active-high shutdown mode
More results

Similar Description - LY8661EB

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY8662 LYONTEK-LY8662 Datasheet
792Kb / 12P
   Dual 2.0W/CH Stereo Audio Amplifier include Headphone Function
LY8663_1005 LYONTEK-LY8663_1005 Datasheet
839Kb / 21P
   Dual 2.0W/CH Stereo Audio Amplifier include Headphone Function with Active-high shutdown mode
LY8663 LYONTEK-LY8663 Datasheet
394Kb / 11P
   Dual 2.0W/CH Stereo Audio Amplifier include Headphone Function with Active-high shutdown mode
LY8602 LYONTEK-LY8602 Datasheet
270Kb / 8P
   Dual 2.0W/CH Stereo Audio Amplifier
logo
National Semiconductor ...
LM4863 NSC-LM4863_06 Datasheet
1Mb / 21P
   Dual 2.2W Audio Amplifier Plus Stereo Headphone Function
logo
Unisonic Technologies
PA4867 UTC-PA4867 Datasheet
288Kb / 7P
   DUAL 2.1W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
PA4863 UTC-PA4863_15 Datasheet
475Kb / 12P
   DUAL 2.2W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
logo
Kingbor Technology Co
KB4863 KINGBOR-KB4863 Datasheet
600Kb / 19P
   Dual 2.2W Audio Amplifier Plus Stereo Headphone Function
logo
National Semiconductor ...
LM4863 NSC-LM4863 Datasheet
513Kb / 16P
   Dual 2.2W Audio Amplifier Plus Stereo Headphone Function
logo
Texas Instruments
LM4873 TI1-LM4873 Datasheet
1Mb / 30P
[Old version datasheet]   Dual 2.1W Audio Amplifier Plus Stereo Headphone Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com