Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY8602 Datasheet(PDF) 5 Page - Lyontek Inc.

Part # LY8602
Description  Dual 2.0W/CH Stereo Audio Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY8602 Datasheet(HTML) 5 Page - Lyontek Inc.

  LY8602 Datasheet HTML 1Page - Lyontek Inc. LY8602 Datasheet HTML 2Page - Lyontek Inc. LY8602 Datasheet HTML 3Page - Lyontek Inc. LY8602 Datasheet HTML 4Page - Lyontek Inc. LY8602 Datasheet HTML 5Page - Lyontek Inc. LY8602 Datasheet HTML 6Page - Lyontek Inc. LY8602 Datasheet HTML 7Page - Lyontek Inc. LY8602 Datasheet HTML 8Page - Lyontek Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
LY8602
Rev. 1.3
Dual 2.0W/CH Stereo Audio Amplifier
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, lndustry E . Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan
TEL: 886-3-6668838
FAX: 886-3-6668836
5
®
DC ELECTRICAL CHARACTERISTICS (VDD=3V, TA=25℃)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Power Supply Current
IDD
VIN = 0V, IO = 0A,
8Ω Load (BTL)
-
6.3
15.5
mA
Shutdown Current
ISD
VSHUTDOWN = 0V
-
0.1
2.0
µA
Shutdown High Input Voltage
VIH
1.4
-
-
V
Shutdown Low Input Voltage
VIL
-
-
0.4
V
Wake-up time
TWU
Bypass cap.=1.0uF
-
82
-
ms
Output Offset Voltage
VOS
-
7.0
50
mV
THD = 1%, f = 1 kHz,
RL=8Ω
0.37
THD = 10%, f = 1 kHz
RL=8Ω
0.46
THD = 1%, f = 1 kHz
RL=4Ω
0.46
Output Power
Po
THD = 10%, f = 1 kHz
RL=4Ω
-
0.6
W
Total Harmonic Distortion+ Noise THD+N
Po = 0.2 Wrms; f = 1kHz,
RL=8Ω
-
0.12
%
Power Supply Rejection Ratio
PSRR
Vripple = 200mV sine p-p
Input terminated with 10Ω
to GND
56 (f =
217Hz)
62 (f =
1kHz)
-
dB
Thermal Shutdown Temperature
TSD
150
170
190
Shutdown Time
TSDT
8 Ω load
1.0
ms
ORDERING INFORMATION
LY 8 602 VV
V : Package Type
UL : 10-PIN MSOP
BL : 10-PIN DFN
Product Name
A : Product Line
LY : Lyontek Product Number Prefix


Similar Part No. - LY8602

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY8601 LYONTEK-LY8601 Datasheet
195Kb / 5P
   Dual 0.1W Headphone Amplifier with Active-high shutdown mode
LY8601UL LYONTEK-LY8601UL Datasheet
195Kb / 5P
   Dual 0.1W Headphone Amplifier with Active-high shutdown mode
More results

Similar Description - LY8602

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY8661 LYONTEK-LY8661 Datasheet
1Mb / 15P
   Dual 2.0W/CH Stereo Audio Amplifier include Headphone Function
LY8662 LYONTEK-LY8662 Datasheet
792Kb / 12P
   Dual 2.0W/CH Stereo Audio Amplifier include Headphone Function
LY8663_1005 LYONTEK-LY8663_1005 Datasheet
839Kb / 21P
   Dual 2.0W/CH Stereo Audio Amplifier include Headphone Function with Active-high shutdown mode
LY8663 LYONTEK-LY8663 Datasheet
394Kb / 11P
   Dual 2.0W/CH Stereo Audio Amplifier include Headphone Function with Active-high shutdown mode
logo
Global Mixed-mode Techn...
G1454 GMT-G1454 Datasheet
398Kb / 1P
   2.0W Stereo Audio Amplifier with Shutdown Mode
logo
Generalplus Technology ...
GPY0031A GENERALPLUS-GPY0031A Datasheet
2Mb / 27P
   2.0W Audio Power Amplifier
logo
Integrated Silicon Solu...
IS31AP4088D-QFLS2-TR ISSI-IS31AP4088D-QFLS2-TR Datasheet
496Kb / 15P
   DUAL 2.6W STEREO AUDIO AMPLIFIER
IS31AP4066D ISSI-IS31AP4066D Datasheet
426Kb / 14P
   DUAL 1.3W STEREO AUDIO AMPLIFIER
IS31AP4088D ISSI-IS31AP4088D Datasheet
456Kb / 16P
   DUAL 2.6W STEREO AUDIO AMPLIFIER
IS31AP4066D-QFLS2-TR ISSI-IS31AP4066D-QFLS2-TR Datasheet
419Kb / 13P
   DUAL 1.3W STEREO AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com