Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY8006 Datasheet(PDF) 6 Page - Lyontek Inc.

Part # LY8006
Description  1.4 W Mono Filterless Class D Audio power Amplifier (MSOP / DFN) 竊뛅ompatible with LY8890/8891/8891B Single-Ended Input
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY8006 Datasheet(HTML) 6 Page - Lyontek Inc.

Back Button LY8006 Datasheet HTML 2Page - Lyontek Inc. LY8006 Datasheet HTML 3Page - Lyontek Inc. LY8006 Datasheet HTML 4Page - Lyontek Inc. LY8006 Datasheet HTML 5Page - Lyontek Inc. LY8006 Datasheet HTML 6Page - Lyontek Inc. LY8006 Datasheet HTML 7Page - Lyontek Inc. LY8006 Datasheet HTML 8Page - Lyontek Inc. LY8006 Datasheet HTML 9Page - Lyontek Inc. LY8006 Datasheet HTML 10Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LY8006
1.4 W Mono Filterless Class D Audio power Amplifier (MSOP / DFN)
Rev. 1.7
Compatible with LY8890/8891/8891B Single-Ended Input
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, lndustry E . Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan
TEL: 886-3-6668838
FAX: 886-3-6668836
6
®
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 3
Total Harmonic Distortion + Noise vs Output Power
Figure 4
Total Harmonic Distortion + Noise vs Frequency


Similar Part No. - LY8006

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY8006UL LYONTEK-LY8006UL Datasheet
775Kb / 16P
   3.3 W Mono Filterless Class D Audio power Amplifier
LY8006 LYONTEK-LY8006_13 Datasheet
775Kb / 16P
   3.3 W Mono Filterless Class D Audio power Amplifier
LY8006 LYONTEK-LY8006_17 Datasheet
878Kb / 16P
   3.3 W Mono Filterless Class D Audio power Amplifier
More results

Similar Description - LY8006

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY8005 LYONTEK-LY8005 Datasheet
1Mb / 22P
   2.3 W Mono Filterless Class D Audio power Amplifier (MSOP)
LY8010 LYONTEK-LY8010 Datasheet
2Mb / 24P
   2.5 W Mono Filterless Class D Audio power Amplifier (WCSP / DFN)
logo
Texas Instruments
SSM2301 TI-SSM2301 Datasheet
366Kb / 19P
[Old version datasheet]   Filterless High Efficiency Mono 1.4 W Class-D Audio Amplifier
logo
Analog Devices
SSM2301 AD-SSM2301_15 Datasheet
431Kb / 16P
   Filterless High Efficiency Mono 1.4 W Class-D Audio Amplifier
logo
Texas Instruments
TPA2000D1 TI-TPA2000D1 Datasheet
205Kb / 14P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Lyontek Inc.
LY8006 LYONTEK-LY8006_17 Datasheet
878Kb / 16P
   3.3 W Mono Filterless Class D Audio power Amplifier
logo
Texas Instruments
TPA2001D1 TI-TPA2001D1_06 Datasheet
220Kb / 15P
[Old version datasheet]   1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Lyontek Inc.
LY8006 LYONTEK-LY8006_13 Datasheet
775Kb / 16P
   3.3 W Mono Filterless Class D Audio power Amplifier
LY8010 LYONTEK-LY8010_13 Datasheet
823Kb / 21P
   3.3 W Mono Filterless Class D Audio power Amplifier
logo
Texas Instruments
TPA2000D1-Q1 TI-TPA2000D1-Q1_15 Datasheet
797Kb / 22P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com