Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC4069UBP Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC4069UBP
Description  HEX INVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC4069UBP Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC4069UBP Datasheet HTML 1Page - Toshiba Semiconductor TC4069UBP Datasheet HTML 2Page - Toshiba Semiconductor TC4069UBP Datasheet HTML 3Page - Toshiba Semiconductor TC4069UBP Datasheet HTML 4Page - Toshiba Semiconductor TC4069UBP Datasheet HTML 5Page - Toshiba Semiconductor TC4069UBP Datasheet HTML 6Page - Toshiba Semiconductor TC4069UBP Datasheet HTML 7Page - Toshiba Semiconductor TC4069UBP Datasheet HTML 8Page - Toshiba Semiconductor TC4069UBP Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TC4069UBP/UBF/UBFN/UBFT
2006-06-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC4069UBP,TC4069UBF,TC4069UBFN,TC4069UBFT
TC4069UB Hex Inverter
TC4069UB contains six circuits of inverters. Since the internal
circuit is composed of a single stage inverter, this is suitable for
the applications of CR oscillator circuits, crystal oscillator circuits
and linear amplifiers in addition to its application as inverters.
Because of one stage gate configuration, the propagation time
has been reduced.
Pin Assignment
Circuit Diagram
Weight
DIP14-P-300-2.54
: 0.96 g (typ.)
SOP14-P-300-1.27A
: 0.18 g (typ.)
SOP14-P-300-1.27
: 0.18 g (typ.)
SOL14-P-150-1.27
: 0.12 g (typ.)
TSSOP14-P-0044-0.65A : 0.06 g (typ.)
Note: xxxFN (JEDEC SOP) is not available in
Japan.
TC4069UBP
TC4069UBF
TC4069UBFN
TC4069UBFT
OUTPUT
INPUT
VDD
VSS
1/6 TC4069UB
VDD
9
O6
I5
8
14
13
12
11
10
1
2
3
4
5
6
7
I3
O3
VSS
I4
O4
(top view)
O1
I2
I1
O2
I6
O5


Similar Part No. - TC4069UBP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC4069UBP TOSHIBA-TC4069UBP Datasheet
248Kb / 9P
   Hex Inverter
TC4069UBP TOSHIBA-TC4069UBP_07 Datasheet
248Kb / 9P
   Hex Inverter
More results

Similar Description - TC4069UBP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC04A PHILIPS-74LVC04A Datasheet
87Kb / 10P
   Hex inverter
1997 Jun 30
logo
Texas Instruments
74AC11004 TI-74AC11004 Datasheet
75Kb / 5P
[Old version datasheet]   HEX INVERTER
REVISED APRIL 1996
logo
Fairchild Semiconductor
74AC04 FAIRCHILD-74AC04 Datasheet
104Kb / 8P
   Hex Inverter
74VHCT04A FAIRCHILD-74VHCT04A Datasheet
128Kb / 8P
   Hex Inverter
MM74HC04 FAIRCHILD-MM74HC04 Datasheet
77Kb / 6P
   Hex Inverter
MM74HCU04 FAIRCHILD-MM74HCU04 Datasheet
81Kb / 6P
   Hex Inverter
logo
NXP Semiconductors
74HC04 PHILIPS-74HC04 Datasheet
33Kb / 5P
   Hex inverter
2003 Jul 23
logo
STMicroelectronics
HCC4069UB STMICROELECTRONICS-HCC4069UB Datasheet
283Kb / 12P
   HEX INVERTER
logo
Motorola, Inc
74LS04 MOTOROLA-74LS04 Datasheet
34Kb / 2P
   HEX INVERTER
logo
NXP Semiconductors
74ALS04B PHILIPS-74ALS04B Datasheet
100Kb / 8P
   Hex inverter
1991 Feb 08
logo
STMicroelectronics
74AC04 STMICROELECTRONICS-74AC04_01 Datasheet
176Kb / 8P
   HEX INVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com