Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY62L51216MV Datasheet(PDF) 2 Page - Lyontek Inc.

Part # LY62L51216MV
Description  512K X 16 BIT LOW POWER CMOS SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY62L51216MV Datasheet(HTML) 2 Page - Lyontek Inc.

  LY62L51216MV Datasheet HTML 1Page - Lyontek Inc. LY62L51216MV Datasheet HTML 2Page - Lyontek Inc. LY62L51216MV Datasheet HTML 3Page - Lyontek Inc. LY62L51216MV Datasheet HTML 4Page - Lyontek Inc. LY62L51216MV Datasheet HTML 5Page - Lyontek Inc. LY62L51216MV Datasheet HTML 6Page - Lyontek Inc. LY62L51216MV Datasheet HTML 7Page - Lyontek Inc. LY62L51216MV Datasheet HTML 8Page - Lyontek Inc. LY62L51216MV Datasheet HTML 9Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
LY62L51216
Rev. 1.4
512K X 16 BIT LOW POWER CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
1
®
FEATURES
Fast access time : 55/70ns
Low power consumption:
Operating current : 30/20mA (TYP.)
Standby current : 5
μA (TYP.) LL-version
1.5
μA (TYP.) SL-version
Single 2.7V ~ 3.6V power supply
All inputs and outputs TTL compatible
Fully static operation
Tri-state output
Data byte control : LB# (DQ0 ~ DQ7)
UB# (DQ8 ~ DQ15)
Data retention voltage : 1.2V (MIN.)
Green package available
Package : 44-pin 400mil TSOP-II
48-ball 6mm x 8mm TFBGA
GENERAL DESCRIPTION
The LY62L51216 is a 8,388,608-bit low power
CMOS static random access memory organized as
524,288 words by 16 bits. It is fabricated using very
high performance, high reliability CMOS technology.
Its standby current is stable within the range of
operating temperature.
The LY62L51216 is well designed for low power
application, and particularly well suited for battery
back-up nonvolatile memory application.
The LY62L51216 operates from a single power
supply of 2.7V ~ 3.6V and all inputs and outputs are
fully TTL compatible
PRODUCT FAMILY
Power Dissipation
Product
Family
Operating
Temperature
Vcc Range
Speed
Standby(ISB1,TYP.)
Operating(Icc,TYP.)
LY62L51216
0 ~ 70℃
2.7 ~ 3.6V
55/70ns
5µA(LL)/1.5µA(SL)
30/20mA
LY62L51216(E)
-20 ~ 80℃
2.7 ~ 3.6V
55/70ns
5µA(LL)/1.5µA(SL)
30/20mA
LY62L51216(I)
-40 ~ 85℃
2.7 ~ 3.6V
55/70ns
5µA(LL)/1.5µA(SL)
30/20mA
FUNCTIONAL BLOCK DIAGRAM
CONTROL
CIRCUIT
CE#
WE#
OE#
DECODER
512Kx16
MEMORY ARRAY
COLUMN I/O
A0-A18
Vcc
Vss
DQ8-DQ15
Upper Byte
DQ0-DQ7
Lower Byte
I/O DATA
CIRCUIT
LB#
UB#
PIN DESCRIPTION
SYMBOL
DESCRIPTION
A0 - A18
Address Inputs
DQ0 – DQ15 Data Inputs/Outputs
CE#
Chip Enable Input
WE#
Write Enable Input
OE#
Output Enable Input
LB#
Lower Byte Control
UB#
Upper Byte Control
VCC
Power Supply
VSS
Ground


Similar Part No. - LY62L51216MV

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY62L51216ML-55LL LYONTEK-LY62L51216ML-55LL Datasheet
467Kb / 13P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62L51216ML-55LLI LYONTEK-LY62L51216ML-55LLI Datasheet
467Kb / 13P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62L51216ML-55LLIT LYONTEK-LY62L51216ML-55LLIT Datasheet
467Kb / 13P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62L51216ML-55LLT LYONTEK-LY62L51216ML-55LLT Datasheet
467Kb / 13P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62L51216ML-55SL LYONTEK-LY62L51216ML-55SL Datasheet
467Kb / 13P
   512K X 16 BIT LOW POWER CMOS SRAM
More results

Similar Description - LY62L51216MV

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY6251216 LYONTEK-LY6251216 Datasheet
190Kb / 13P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62L51216 LYONTEK-LY62L51216_11 Datasheet
467Kb / 13P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62W51316 LYONTEK-LY62W51316_13 Datasheet
376Kb / 13P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62L51216 LYONTEK-LY62L51216_16 Datasheet
798Kb / 15P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62L51316 LYONTEK-LY62L51316_16 Datasheet
360Kb / 14P
   512K X 16 BIT LOW POWER CMOS SRAM
LY6251316 LYONTEK-LY6251316_16 Datasheet
333Kb / 14P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62W51216 LYONTEK-LY62W51216_11 Datasheet
465Kb / 13P
   512K X 16 BIT LOW POWER CMOS SRAM
LY6251216 LYONTEK-LY6251216_13 Datasheet
330Kb / 14P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62L51316 LYONTEK-LY62L51316_11 Datasheet
464Kb / 13P
   512K X 16 BIT LOW POWER CMOS SRAM
LY6251216 LYONTEK-LY6251216_16 Datasheet
350Kb / 15P
   512K X 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com