Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY62L20488ML Datasheet(PDF) 11 Page - Lyontek Inc.

Part # LY62L20488ML
Description  2048K X 8 BIT LOW POWER CMOS SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY62L20488ML Datasheet(HTML) 11 Page - Lyontek Inc.

Back Button LY62L20488ML Datasheet HTML 4Page - Lyontek Inc. LY62L20488ML Datasheet HTML 5Page - Lyontek Inc. LY62L20488ML Datasheet HTML 6Page - Lyontek Inc. LY62L20488ML Datasheet HTML 7Page - Lyontek Inc. LY62L20488ML Datasheet HTML 8Page - Lyontek Inc. LY62L20488ML Datasheet HTML 9Page - Lyontek Inc. LY62L20488ML Datasheet HTML 10Page - Lyontek Inc. LY62L20488ML Datasheet HTML 11Page - Lyontek Inc. LY62L20488ML Datasheet HTML 12Page - Lyontek Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
LY62L20488
Rev. 0.3
2048K X 8 BIT LOW POWER CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
10
®
ORDERING INFORMATION
LY62L20488 U V - WW XX Y Z
Z : Packing Type
Blank : Tube or Tray
T : Tape Reel
Y : Temperature Range
Blank : (Commercial) 0°C ~ 70°C
E : (Extended) -20°C ~ +80°C
I : (Industrial) -40°C ~ +85°C
U : Package Type
M : 44-pin 400 mil TSOP-II
WW : Access Time(Speed)
XX : Power Type
LL : Ultra Low Power
SL : Special Ultra Low Power
V : Lead Information
L : Green Package


Similar Part No. - LY62L20488ML

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY62L20488ML-55LL LYONTEK-LY62L20488ML-55LL Datasheet
197Kb / 13P
   2048K X 8 BIT LOW POWER CMOS SRAM
LY62L20488ML-55LL LYONTEK-LY62L20488ML-55LL Datasheet
371Kb / 14P
   2048K X 8 BIT LOW POWER CMOS SRAM
LY62L20488ML-55LLE LYONTEK-LY62L20488ML-55LLE Datasheet
197Kb / 13P
   2048K X 8 BIT LOW POWER CMOS SRAM
LY62L20488ML-55LLE LYONTEK-LY62L20488ML-55LLE Datasheet
371Kb / 14P
   2048K X 8 BIT LOW POWER CMOS SRAM
LY62L20488ML-55LLET LYONTEK-LY62L20488ML-55LLET Datasheet
197Kb / 13P
   2048K X 8 BIT LOW POWER CMOS SRAM
More results

Similar Description - LY62L20488ML

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY6220488 LYONTEK-LY6220488_11 Datasheet
156Kb / 12P
   2048K X 8 BIT LOW POWER CMOS SRAM
LY62L20488_1008 LYONTEK-LY62L20488_1008 Datasheet
197Kb / 13P
   2048K X 8 BIT LOW POWER CMOS SRAM
LY6220488 LYONTEK-LY6220488_16 Datasheet
229Kb / 11P
   2048K X 8 BIT LOW POWER CMOS SRAM
LY62W20488 LYONTEK-LY62W20488_16 Datasheet
230Kb / 11P
   2048K X 8 BIT LOW POWER CMOS SRAM
LY62L20488 LYONTEK-LY62L20488_16 Datasheet
371Kb / 14P
   2048K X 8 BIT LOW POWER CMOS SRAM
LY6220488 LYONTEK-LY6220488 Datasheet
158Kb / 12P
   2048K X 8 BIT LOW POWER CMOS SRAM
LY62L20488A LYONTEK-LY62L20488A_13 Datasheet
427Kb / 13P
   2048K X 8 BIT LOW POWER CMOS SRAM
LY62W20488 LYONTEK-LY62W20488_13 Datasheet
237Kb / 12P
   2048K X 8 BIT LOW POWER CMOS SRAM
LY62L20488A LYONTEK-LY62L20488A_16 Datasheet
429Kb / 14P
   2048K X 8 BIT LOW POWER CMOS SRAM
LY62L204916A LYONTEK-LY62L204916A_16 Datasheet
369Kb / 12P
   2048K X 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com