Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY62L20488E Datasheet(PDF) 2 Page - Lyontek Inc.

Part # LY62L20488E
Description  2048K X 8 BIT LOW POWER CMOS SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY62L20488E Datasheet(HTML) 2 Page - Lyontek Inc.

  LY62L20488E Datasheet HTML 1Page - Lyontek Inc. LY62L20488E Datasheet HTML 2Page - Lyontek Inc. LY62L20488E Datasheet HTML 3Page - Lyontek Inc. LY62L20488E Datasheet HTML 4Page - Lyontek Inc. LY62L20488E Datasheet HTML 5Page - Lyontek Inc. LY62L20488E Datasheet HTML 6Page - Lyontek Inc. LY62L20488E Datasheet HTML 7Page - Lyontek Inc. LY62L20488E Datasheet HTML 8Page - Lyontek Inc. LY62L20488E Datasheet HTML 9Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LY62L20488
Rev. 0.3
2048K X 8 BIT LOW POWER CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
1
®
FEATURES
Fast access time : 55/70ns
Low power consumption:
Operating current : 45/30mA (TYP.)
Standby current : 10
μA (TYP.) LL-version
4
μA (TYP.) SL-version
Single 2.7V ~ 3.6V power supply
All inputs and outputs TTL compatible
Fully static operation
Tri-state output
Data retention voltage : 1.2V (MIN.)
Green package available
Package : 44-pin 400 mil TSOP-II
GENERAL DESCRIPTION
The LY62L20488 is a 16,777,216-bit low power
CMOS static random access memory organized as
2,097,152 words by 8 bits. It is fabricated using very
high performance, high reliability CMOS technology.
Its standby current is stable within the range of
operating temperature.
The LY62L20488 is well designed for very low
power system applications, and particularly well
suited for battery back-up nonvolatile memory
application.
The LY62L20488 operates from a single power
supply of 2.7V ~ 3.6V and all inputs and outputs are
fully TTL compatible
PRODUCT FAMILY
Power Dissipation
Product
Family
Operating
Temperature
Vcc Range
Speed
Standby(ISB1,TYP.)
Operating(Icc,TYP.)
LY62L20488
0 ~ 70℃
2.7 ~ 3.6V
55/70ns
10µA(LL)/4µA(SL)
45/30mA
LY62L20488(E)
-20 ~ 80℃
2.7 ~ 3.6V
55/70ns
10µA(LL)/4µA(SL)
45/30mA
LY62L20488(I)
-40 ~ 85℃
2.7 ~ 3.6V
55/70ns
10µA(LL)/4µA(SL)
45/30mA
FUNCTIONAL BLOCK DIAGRAM
DECODER
I/O DATA
CIRCUIT
CONTROL
CIRCUIT
2048Kx8
MEMORY ARRAY
COLUMN I/O
A0-A20
Vcc
Vss
DQ0-DQ7
CE#
WE#
OE#
CE2
PIN DESCRIPTION
SYMBOL
DESCRIPTION
A0 – A20
Address Inputs
DQ0 – DQ7
Data Inputs/Outputs
CE#, CE2
Chip Enable Inputs
WE#
Write Enable Input
OE#
Output Enable Input
VCC
Power Supply
VSS
Ground
NC
No Connection


Similar Part No. - LY62L20488E

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY62L20488AGL-55SL LYONTEK-LY62L20488AGL-55SL Datasheet
427Kb / 13P
   2048K X 8 BIT LOW POWER CMOS SRAM
LY62L20488AGL-55SLI LYONTEK-LY62L20488AGL-55SLI Datasheet
427Kb / 13P
   2048K X 8 BIT LOW POWER CMOS SRAM
LY62L20488AGL-55SLIT LYONTEK-LY62L20488AGL-55SLIT Datasheet
427Kb / 13P
   2048K X 8 BIT LOW POWER CMOS SRAM
LY62L20488AGL-55SLT LYONTEK-LY62L20488AGL-55SLT Datasheet
427Kb / 13P
   2048K X 8 BIT LOW POWER CMOS SRAM
LY62L20488AGL-70SL LYONTEK-LY62L20488AGL-70SL Datasheet
427Kb / 13P
   2048K X 8 BIT LOW POWER CMOS SRAM
More results

Similar Description - LY62L20488E

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY6220488 LYONTEK-LY6220488_11 Datasheet
156Kb / 12P
   2048K X 8 BIT LOW POWER CMOS SRAM
LY62L20488_1008 LYONTEK-LY62L20488_1008 Datasheet
197Kb / 13P
   2048K X 8 BIT LOW POWER CMOS SRAM
LY6220488 LYONTEK-LY6220488_16 Datasheet
229Kb / 11P
   2048K X 8 BIT LOW POWER CMOS SRAM
LY62W20488 LYONTEK-LY62W20488_16 Datasheet
230Kb / 11P
   2048K X 8 BIT LOW POWER CMOS SRAM
LY62L20488 LYONTEK-LY62L20488_16 Datasheet
371Kb / 14P
   2048K X 8 BIT LOW POWER CMOS SRAM
LY6220488 LYONTEK-LY6220488 Datasheet
158Kb / 12P
   2048K X 8 BIT LOW POWER CMOS SRAM
LY62L20488A LYONTEK-LY62L20488A_13 Datasheet
427Kb / 13P
   2048K X 8 BIT LOW POWER CMOS SRAM
LY62W20488 LYONTEK-LY62W20488_13 Datasheet
237Kb / 12P
   2048K X 8 BIT LOW POWER CMOS SRAM
LY62L20488A LYONTEK-LY62L20488A_16 Datasheet
429Kb / 14P
   2048K X 8 BIT LOW POWER CMOS SRAM
LY62L204916A LYONTEK-LY62L204916A_16 Datasheet
369Kb / 12P
   2048K X 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com