Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY62L10248UV Datasheet(PDF) 10 Page - Lyontek Inc.

Part # LY62L10248UV
Description  1024K X 8 BIT LOW POWER CMOS SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY62L10248UV Datasheet(HTML) 10 Page - Lyontek Inc.

Back Button LY62L10248UV Datasheet HTML 5Page - Lyontek Inc. LY62L10248UV Datasheet HTML 6Page - Lyontek Inc. LY62L10248UV Datasheet HTML 7Page - Lyontek Inc. LY62L10248UV Datasheet HTML 8Page - Lyontek Inc. LY62L10248UV Datasheet HTML 9Page - Lyontek Inc. LY62L10248UV Datasheet HTML 10Page - Lyontek Inc. LY62L10248UV Datasheet HTML 11Page - Lyontek Inc. LY62L10248UV Datasheet HTML 12Page - Lyontek Inc. LY62L10248UV Datasheet HTML 13Page - Lyontek Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
LY62L10248
Rev. 0.6
1024K X 8 BIT LOW POWER CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
9
®
PACKAGE OUTLINE DIMENSION
44-pin 400mil TSOP-II Package Outline Dimension
DIMENSIONS IN MILLMETERS
DIMENSIONS IN MILS
SYMBOLS
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
A
-
-
1.20
-
-
47.2
A1
0.05
0.10
0.15
2.0
3.9
5.9
A2
0.95
1.00
1.05
37.4
39.4
41.3
b
0.30
-
0.45
11.8
-
17.7
c
0.12
-
0.21
4.7
-
8.3
D
18.212
18.415
18.618
717
725
733
E
11.506
11.760
12.014
453
463
473
E1
9.957
10.160
10.363
392
400
408
e
-
0.800
-
-
31.5
-
L
0.40
0.50
0.60
15.7
19.7
23.6
ZD
-
0.805
-
-
31.7
-
y
-
-
0.076
-
-
3
Θ
0
o
3
o
6
o
0
o
3
o
6
o


Similar Part No. - LY62L10248UV

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY62L10248GL-55LL LYONTEK-LY62L10248GL-55LL Datasheet
431Kb / 13P
   1024K X 8 BIT LOW POWER CMOS SRAM
LY62L10248GL-55LL LYONTEK-LY62L10248GL-55LL Datasheet
372Kb / 14P
   1024K X 8 BIT LOW POWER CMOS SRAM
LY62L10248GL-55LLI LYONTEK-LY62L10248GL-55LLI Datasheet
431Kb / 13P
   1024K X 8 BIT LOW POWER CMOS SRAM
LY62L10248GL-55LLI LYONTEK-LY62L10248GL-55LLI Datasheet
372Kb / 14P
   1024K X 8 BIT LOW POWER CMOS SRAM
LY62L10248GL-55LLIT LYONTEK-LY62L10248GL-55LLIT Datasheet
431Kb / 13P
   1024K X 8 BIT LOW POWER CMOS SRAM
More results

Similar Description - LY62L10248UV

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY6210248 LYONTEK-LY6210248 Datasheet
191Kb / 13P
   1024K X 8 BIT LOW POWER CMOS SRAM
LY62W10248 LYONTEK-LY62W10248_11 Datasheet
435Kb / 13P
   1024K X 8 BIT LOW POWER CMOS SRAM
LY6210248 LYONTEK-LY6210248_13 Datasheet
350Kb / 13P
   1024K X 8 BIT LOW POWER CMOS SRAM
LY62L10248 LYONTEK-LY62L10248_11 Datasheet
431Kb / 13P
   1024K X 8 BIT LOW POWER CMOS SRAM
LY62L10248 LYONTEK-LY62L10248_16 Datasheet
372Kb / 14P
   1024K X 8 BIT LOW POWER CMOS SRAM
LY62W10248 LYONTEK-LY62W10248_16 Datasheet
486Kb / 13P
   1024K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C8008-55ZIN ALSC-AS6C8008-55ZIN Datasheet
756Kb / 11P
   512K X 8 BIT LOW POWER 1024K X 8 BIT SUPER LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
AS6C8008 ETC2-AS6C8008 Datasheet
756Kb / 11P
   512K X 8 BIT LOW POWER 1024K X 8 BIT SUPER LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62102516 LYONTEK-LY62102516 Datasheet
195Kb / 13P
   1024K X 16 BIT LOW POWER CMOS SRAM
LY62L102616 LYONTEK-LY62L102616_13 Datasheet
169Kb / 13P
   1024K X 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com