Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY62L10248 Datasheet(PDF) 2 Page - Lyontek Inc.

Part # LY62L10248
Description  1024K X 8 BIT LOW POWER CMOS SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY62L10248 Datasheet(HTML) 2 Page - Lyontek Inc.

  LY62L10248 Datasheet HTML 1Page - Lyontek Inc. LY62L10248 Datasheet HTML 2Page - Lyontek Inc. LY62L10248 Datasheet HTML 3Page - Lyontek Inc. LY62L10248 Datasheet HTML 4Page - Lyontek Inc. LY62L10248 Datasheet HTML 5Page - Lyontek Inc. LY62L10248 Datasheet HTML 6Page - Lyontek Inc. LY62L10248 Datasheet HTML 7Page - Lyontek Inc. LY62L10248 Datasheet HTML 8Page - Lyontek Inc. LY62L10248 Datasheet HTML 9Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
LY62L10248
Rev. 0.6
1024K X 8 BIT LOW POWER CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
1
®
FEATURES
Fast access time : 55/70ns
Low power consumption:
Operating current : 30/20mA (TYP.)
Standby current : 5
μA (TYP.) LL-version
1.5
μA (TYP.) SL-version
Single 2.7V ~ 3.6V power supply
All inputs and outputs TTL compatible
Fully static operation
Tri-state output
Data retention voltage : 1.2V (MIN.)
Green package available
Package : 44-pin 400 mil TSOP-II
48-ball 6mm x 8mm TFBGA
GENERAL DESCRIPTION
The LY62L10248 is a 8,388,608-bit low power
CMOS static random access memory organized as
1,048,576 words by 8 bits. It is fabricated using very
high performance, high reliability CMOS technology.
Its standby current is stable within the range of
operating temperature.
The LY62L10248 is well designed for very low
power system applications, and particularly well
suited for battery back-up nonvolatile memory
application.
The LY62L10248 operates from a single power
supply of 2.7V ~ 3.6V and all inputs and outputs are
fully TTL compatible
PRODUCT FAMILY
Power Dissipation
Product
Family
Operating
Temperature
Vcc Range
Speed
Standby(ISB1,TYP.)
Operating(Icc,TYP.)
LY62L10248
0 ~ 70℃
2.7 ~ 3.6V
55/70ns
5µA(LL)/1.5µA(SL)
30/20mA
LY62L10248(E)
-20 ~ 80℃
2.7 ~ 3.6V
55/70ns
5µA(LL)/1.5µA(SL)
30/20mA
LY62L10248(I)
-40 ~ 85℃
2.7 ~ 3.6V
55/70ns
5µA(LL)/1.5µA(SL)
30/20mA
FUNCTIONAL BLOCK DIAGRAM
DECODER
I/O DATA
CIRCUIT
CONTROL
CIRCUIT
1024Kx8
MEMORY ARRAY
COLUMN I/O
A0-A19
Vcc
Vss
DQ0-DQ7
CE#
WE#
OE#
CE2
PIN DESCRIPTION
SYMBOL
DESCRIPTION
A0 - A19
Address Inputs
DQ0 – DQ7
Data Inputs/Outputs
CE#, CE2
Chip Enable Inputs
WE#
Write Enable Input
OE#
Output Enable Input
VCC
Power Supply
VSS
Ground
NC
No Connection


Similar Part No. - LY62L10248

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY62L10248GL-55LL LYONTEK-LY62L10248GL-55LL Datasheet
431Kb / 13P
   1024K X 8 BIT LOW POWER CMOS SRAM
LY62L10248GL-55LL LYONTEK-LY62L10248GL-55LL Datasheet
372Kb / 14P
   1024K X 8 BIT LOW POWER CMOS SRAM
LY62L10248GL-55LLI LYONTEK-LY62L10248GL-55LLI Datasheet
431Kb / 13P
   1024K X 8 BIT LOW POWER CMOS SRAM
LY62L10248GL-55LLI LYONTEK-LY62L10248GL-55LLI Datasheet
372Kb / 14P
   1024K X 8 BIT LOW POWER CMOS SRAM
LY62L10248GL-55LLIT LYONTEK-LY62L10248GL-55LLIT Datasheet
431Kb / 13P
   1024K X 8 BIT LOW POWER CMOS SRAM
More results

Similar Description - LY62L10248

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY6210248 LYONTEK-LY6210248 Datasheet
191Kb / 13P
   1024K X 8 BIT LOW POWER CMOS SRAM
LY62W10248 LYONTEK-LY62W10248_11 Datasheet
435Kb / 13P
   1024K X 8 BIT LOW POWER CMOS SRAM
LY6210248 LYONTEK-LY6210248_13 Datasheet
350Kb / 13P
   1024K X 8 BIT LOW POWER CMOS SRAM
LY62L10248 LYONTEK-LY62L10248_11 Datasheet
431Kb / 13P
   1024K X 8 BIT LOW POWER CMOS SRAM
LY62L10248 LYONTEK-LY62L10248_16 Datasheet
372Kb / 14P
   1024K X 8 BIT LOW POWER CMOS SRAM
LY62W10248 LYONTEK-LY62W10248_16 Datasheet
486Kb / 13P
   1024K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C8008-55ZIN ALSC-AS6C8008-55ZIN Datasheet
756Kb / 11P
   512K X 8 BIT LOW POWER 1024K X 8 BIT SUPER LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
AS6C8008 ETC2-AS6C8008 Datasheet
756Kb / 11P
   512K X 8 BIT LOW POWER 1024K X 8 BIT SUPER LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62102516 LYONTEK-LY62102516 Datasheet
195Kb / 13P
   1024K X 16 BIT LOW POWER CMOS SRAM
LY62L102616 LYONTEK-LY62L102616_13 Datasheet
169Kb / 13P
   1024K X 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com