Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NUS6189MNTWG Datasheet(PDF) 5 Page - ON Semiconductor

Part # NUS6189MNTWG
Description  Low Profile Overvoltage Protection IC with Integrated MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NUS6189MNTWG Datasheet(HTML) 5 Page - ON Semiconductor

  NUS6189MNTWG Datasheet HTML 1Page - ON Semiconductor NUS6189MNTWG Datasheet HTML 2Page - ON Semiconductor NUS6189MNTWG Datasheet HTML 3Page - ON Semiconductor NUS6189MNTWG Datasheet HTML 4Page - ON Semiconductor NUS6189MNTWG Datasheet HTML 5Page - ON Semiconductor NUS6189MNTWG Datasheet HTML 6Page - ON Semiconductor NUS6189MNTWG Datasheet HTML 7Page - ON Semiconductor NUS6189MNTWG Datasheet HTML 8Page - ON Semiconductor NUS6189MNTWG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
NUS6189MN
http://onsemi.com
5
ELECTRICAL CHARACTERISTICS (TJ = 25°C, CNTRL ≤ 1.5 V, VCC = 6.0 V, unless otherwise specified)
Characteristic
Symbol
Min
Typ
Max
Unit
OVP THRESHOLD
Input Threshold (VIN Increasing)
Vth
6.65
6.85
7.08
V
Input Hysteresis (VIN Decreasing)
Vhyst
50
150
200
mV
Input Impedance (VIN = Vth)
RIN
70
150
kW
CONTROL INPUT
Control Voltage High (Output On)
VcntrlHI
1.50
V
Control Voltage Low (Output Off)
VcntrlLO
0.50
V
Control Current High (Vih = 5.0 V)
Iih
95
200
mA
Control Current Low (Vil = 0.5 V)
Iil
10
mA
OVP GATE DRIVE VOLTAGE
Gate2 Voltage High (VIN = 8.0 V; ISource = 10 mA)
Gate2 Voltage High (VIN = 8.0 V; ISource = 0.25 mA)
Gate2 Voltage High (VIN = 8.0 V; ISource = 0 mA)
Voh
VIN – 1.0
VIN – 0.25
VIN – 0.1
V
Gate2 Voltage Low
(VIN = 6.0 V; ISink = 0 mA, Control = 0 V)
Vol
0.10
V
Gate2 Sink Current (VIN < VTh, OVPOUT = 1.0 V, Note 5)
ISink
10
33
50
mA
TIMING
Turn on Delay − Input
(VIN stepped down from 8 to 6 V; measured at 50% point of OVPOUT, Note 5)
ton_IN
10
ms
Turn off Delay − Input (VIN stepped up from 6.0 to 8.0 V; CL = 12 nF Output >
VIN − 1.0 V)
toff_IN
0.5
1.0
ms
Turn on Delay − Control (Control signal stepped down from 2.0 to 0.5 V;
measured to 50% point of OVPOUT, Note 5)
ton_CT
10
ms
Turn off Delay − Control (Control signal stepped up from 0.5 to 2.0 V; CL = 12
nF Output > VIN −1.0 V)
toff_CT
1.0
2.0
ms
TOTAL DEVICE
VIN Operating Voltage Range (Note 5)
VIN
3.0
4.8
25
V
Input Bias Current
IBias
0.75
1.0
mA
Undervoltage Lockout (VIN Decreasing)
VLock
2.5
2.8
3.0
V
OVP FET (MOSFET2) (TJ = 25°C, VCC = 6.0 V, unless otherwise specified)
Voltage Drop (VIN to OVPOUT, VGS = -4.5 V)
ILoad = 0.6 A
ILoad = 1.0 A
ILoad = 1.0 A, TJ = 150°C (Note 5)
VOVP
33
66
90
54
100
135
mV
On Resistance
ILoad = 0.6 A
ILoad = 1.0 A
ILoad = 1.0 A, TJ = 150°C (Note 5)
RDS(on)
50
52
90
90
100
135
mW
Off State Leakage Current
TJ = 125°C
ILeak
-0.1
-1.0
-100
mA
CHARGING BJT (TJ = 25°C, unless otherwise specified)
Collector-Emitter Cutoff Current (VCES = -20 V, Note 5)
ICES
-0.1
mA
DC Current Gain (IB = -2.0 mA, VCE = -2.0 V, Note 6)
hfe
180
Collector-Emitter Saturation Voltage
IC = -1.0 A, IB = -0.01 A
IC = -1.0 A, IB = -0.1 A
VCE(sat)
-0.10
-0.069
-0.12
-0.09
V


Similar Part No. - NUS6189MNTWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUS6160MN ONSEMI-NUS6160MN Datasheet
394Kb / 13P
   Low Profile Overvoltage Protection IC with Integrated MOSFET
December, 2008 ??Rev. 0
NUS6160MNTWG ONSEMI-NUS6160MNTWG Datasheet
394Kb / 13P
   Low Profile Overvoltage Protection IC with Integrated MOSFET
December, 2008 ??Rev. 0
More results

Similar Description - NUS6189MNTWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUS6160MN ONSEMI-NUS6160MN Datasheet
394Kb / 13P
   Low Profile Overvoltage Protection IC with Integrated MOSFET
December, 2008 ??Rev. 0
NUS3065MU ONSEMI-NUS3065MU Datasheet
110Kb / 10P
   Low Profile Overvoltage Protection IC with Integrated MOSFET
March, 2007 ??Rev. 0
NUS3055MUTAG ONSEMI-NUS3055MUTAG Datasheet
109Kb / 10P
   Low Profile Overvoltage Protection IC with Integrated MOSFET
December, 2006 ??Rev. 0
NUS1204MN ONSEMI-NUS1204MN Datasheet
59Kb / 5P
   Overvoltage Protection IC with Integrated MOSFET
June, 2006 ??Rev. 1
NUS2045MN ONSEMI-NUS2045MN Datasheet
129Kb / 12P
   Overvoltage Protection IC with Integrated MOSFET
June, 2006 ??Rev. 4
NUS3046MN ONSEMI-NUS3046MN Datasheet
138Kb / 7P
   Overvoltage Protection IC with Integrated MOSFET
June, 2006 ??Rev. 1
NCP346 ONSEMI-NCP346_06 Datasheet
361Kb / 15P
   Overvoltage Protection IC
September, 2006 ??Rev. 6
NCP345 ONSEMI-NCP345 Datasheet
57Kb / 8P
   Overvoltage Protection IC
December, 2004 ??Rev. 5
NCP346 ONSEMI-NCP346 Datasheet
386Kb / 15P
   Overvoltage Protection IC
December, 2004 ??Rev. 4
NCP345 ONSEMI-NCP345_06 Datasheet
66Kb / 8P
   Overvoltage Protection IC
March, 2006 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com