Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NUS6160MN Datasheet(PDF) 6 Page - ON Semiconductor

Part # NUS6160MN
Description  Low Profile Overvoltage Protection IC with Integrated MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NUS6160MN Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NUS6160MN Datasheet HTML 2Page - ON Semiconductor NUS6160MN Datasheet HTML 3Page - ON Semiconductor NUS6160MN Datasheet HTML 4Page - ON Semiconductor NUS6160MN Datasheet HTML 5Page - ON Semiconductor NUS6160MN Datasheet HTML 6Page - ON Semiconductor NUS6160MN Datasheet HTML 7Page - ON Semiconductor NUS6160MN Datasheet HTML 8Page - ON Semiconductor NUS6160MN Datasheet HTML 9Page - ON Semiconductor NUS6160MN Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
NUS6160MN
http://onsemi.com
6
MOSFET ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted, all parameters apply to both FETSW and
FETREG)
Characteristic
Symbol
Test Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
V(Br)DSS
VGS = 0 V, ID = −250 mA
−20
V
Drain−to−Source Breakdown Voltage
Temperature Coefficient
V(Br)DSS/TJ
−15
mV/°C
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V
VDS = −16 V
TJ = 25°C
−1.0
mA
TJ = 85°C
−5.0
Gate−to−Source Leakage Current
IGSS
VDS = 0 V, VGS = "8.0 V
"100
nA
ON CHARACTERISTICS (Note 2)
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = −250 mA
−0.45
−1.5
V
Gate Threshold Temperature Coefficient
VGS(TH)/TJ
2.7
mV/°C
Drain−to−Source On Resistance
RDS(ON)
VGS = −4.5 V, ID = −1.0 A
64
80
mW
VGS = −4.5 V, ID = −0.6 A
62
80
Forward Transconductance
gFS
VDS = −10 V, ID = −2.9 A
7.0
S
CHARGES, CAPACITANCES, AND GATE RESISTANCE
Input Capacitance
CISS
VGS = 0 V, f = 1.0 MHz,
VDS = −16 V
750
pF
Output Capacitance
COSS
100
Reverse Transfer Capacitance
CRSS
45
Total Gate Charge
QG(TOT)
VGS = −4.5 V, VDS = −16 V,
ID = −2.6 A
7.6
8.6
nC
Gate−to−Source Charge
QGS
1.3
Gate−to−Drain Charge
QGD
2.6
SWITCHING CHARACTERISTICS (Note 3)
Turn−On Delay Time
td(ON)
VGS = −4.5 V, VDD = −16 V,
ID = −2.6 A, RG = 2.0 W
5.5
ns
Rise Time
tr
12
Turn−Off Delay Time
td(OFF)
32
Fall Time
tf
23
DRAIN−SOURCE DIODE CHARACTERISTICS
Forward Diode Voltage
VSD
VGS = 0 V, IS = −1.1 A
−0.8
−1.2
V
Reverse Recovery Time
tRR
VGS = 0 V, dIS/dt = 100 A/ms,
IS = 1.0 A
20
ns
Charge Time
ta
15
Discharge Time
tb
5
Reverse Recovery Charge
QRR
0.01
mC
2. Pulse test: pulse width ≤ 300 ms, duty cycle ≤ 2%
3. Switching characteristics are independent of operating junction temperatures


Similar Part No. - NUS6160MN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUS6189MN ONSEMI-NUS6189MN Datasheet
179Kb / 14P
   Low Profile Overvoltage Protection IC with Integrated MOSFET
October, 2008 ??Rev. 0
NUS6189MNTWG ONSEMI-NUS6189MNTWG Datasheet
179Kb / 14P
   Low Profile Overvoltage Protection IC with Integrated MOSFET
October, 2008 ??Rev. 0
More results

Similar Description - NUS6160MN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUS3065MU ONSEMI-NUS3065MU Datasheet
110Kb / 10P
   Low Profile Overvoltage Protection IC with Integrated MOSFET
March, 2007 ??Rev. 0
NUS3055MUTAG ONSEMI-NUS3055MUTAG Datasheet
109Kb / 10P
   Low Profile Overvoltage Protection IC with Integrated MOSFET
December, 2006 ??Rev. 0
NUS6189MN ONSEMI-NUS6189MN Datasheet
179Kb / 14P
   Low Profile Overvoltage Protection IC with Integrated MOSFET
October, 2008 ??Rev. 0
NUS1204MN ONSEMI-NUS1204MN Datasheet
59Kb / 5P
   Overvoltage Protection IC with Integrated MOSFET
June, 2006 ??Rev. 1
NUS2045MN ONSEMI-NUS2045MN Datasheet
129Kb / 12P
   Overvoltage Protection IC with Integrated MOSFET
June, 2006 ??Rev. 4
NUS3046MN ONSEMI-NUS3046MN Datasheet
138Kb / 7P
   Overvoltage Protection IC with Integrated MOSFET
June, 2006 ??Rev. 1
NCP346 ONSEMI-NCP346_06 Datasheet
361Kb / 15P
   Overvoltage Protection IC
September, 2006 ??Rev. 6
NCP345 ONSEMI-NCP345 Datasheet
57Kb / 8P
   Overvoltage Protection IC
December, 2004 ??Rev. 5
NCP346 ONSEMI-NCP346 Datasheet
386Kb / 15P
   Overvoltage Protection IC
December, 2004 ??Rev. 4
NCP345 ONSEMI-NCP345_06 Datasheet
66Kb / 8P
   Overvoltage Protection IC
March, 2006 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com