Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3603IUF Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3603IUF
Description  2.5A, 15V Monolithic Synchronous Step-Down Regulator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3603IUF Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3603IUF Datasheet HTML 2Page - Linear Technology LTC3603IUF Datasheet HTML 3Page - Linear Technology LTC3603IUF Datasheet HTML 4Page - Linear Technology LTC3603IUF Datasheet HTML 5Page - Linear Technology LTC3603IUF Datasheet HTML 6Page - Linear Technology LTC3603IUF Datasheet HTML 7Page - Linear Technology LTC3603IUF Datasheet HTML 8Page - Linear Technology LTC3603IUF Datasheet HTML 9Page - Linear Technology LTC3603IUF Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
LTC3603
6
3603fa
PIN FUNCTIONS
INTVCC (Pin 1/Pin 3): Output of Internal 5V LDO.
SYNC/MODE (Pin 2/Pin 4): Mode Select and External
Clock Synchronization Input.
PGOOD (Pin 3/Pin 5): Power Good Output. Open-drain
logic output that is pulled to ground when the output volt-
age is not within ±10% of regulation point.
RT (Pin 4/Pin 6): Frequency Set Pin.
ITH (Pin 5/Pin 7): Error Amplifier Compensation Point.
VFB (Pin 6/Pin 8): Feedback Pin.
SGND (Pin 7, Exposed Pad Pin 17/Pin 9, Exposed Pad
Pin 21): Signal Ground. Exposed pad is signal ground
and must be soldered to the PCB for rated thermal
performance.
RUN (Pin 8/Pin 10): Run Control Input. This pin may be
tied to PVIN to enable the chip.
TRACK/SS (Pin 9/Pin 11): Tracking Input for the Controller
or Optional External Soft-Start Input. This pin allows the
start-up of VOUT to “track” the external voltage at this pin
using an external resistor divider. An external soft-start can
be programmed by connecting a capacitor between this
pin and ground. Leave this pin floating to use the internal
1ms soft-start clamp. Do not tie this pin to INTVCC or to
PVIN.
PGND (Pins 10, 11/Pins 12, 13, 14, 15): Power
Ground.
SW (Pins 12, 13/Pins 16, 17, 18, 19): Switch Node Con-
nection to the Inductor.
BOOST (Pin 14/Pin 20): Bootstrapped Supply to the Top
Side Floating Gate Driver.
PVIN (Pins15,16/Pins1,2):PowerInputSupply.Decouple
this pin with a capacitor to PGND
MSE/UF Package
Load Regulation
5V LDO Output Voltage
vs Temperature
TRACK/SS Current
vs Temperature
LOAD CURRENT (A)
0
–0.20
–0.10
0
0.10
0.5
1
1.5
2
3603 G18
2.5
3
FIGURE 6 CIRCUIT
VIN = 12V
TEMPERATURE (°C)
–50
4.90
4.92
4.96
4.98
5.00
5.10
5.04
0
50
75
3603 G19
4.94
5.06
5.08
5.02
–25
25
100
125
TEMPERATURE (°C)
–50
1.30
1.35
1.40
25
75
3603 G20
1.25
1.20
–25
0
50
100
125
1.15
1.10
TYPICAL PERFORMANCE CHARACTERISTICS


Similar Part No. - LTC3603IUF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3603 LINER-LTC3603 Datasheet
240Kb / 16P
   17V, 1A Synchronous Step-Down Regulator with 3.5關A Quiescent Current
LTC3603 LINER-LTC3603 Datasheet
627Kb / 28P
   Dual Channel 3A, 20V Monolithic Synchronous Step-Down Regulator
LTC3603 LINER-LTC3603 Datasheet
637Kb / 28P
   Dual Channel 3A, 20V Monolithic Synchronous Step-Down Regulator
LTC3603 LINER-LTC3603 Datasheet
407Kb / 28P
   40V, 1A Synchronous Step-Down Converter 1A Guaranteed Output Current
LTC3603 LINER-LTC3603 Datasheet
283Kb / 22P
   2.5A, 15V Monolithic Synchronous Step-Down Regulator
More results

Similar Description - LTC3603IUF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3604 LINER-LTC3604 Datasheet
283Kb / 24P
   2.5A, 15V Monolithic Synchronous Step-Down Regulator
LTC3603 LINER-LTC3603_15 Datasheet
283Kb / 22P
   2.5A, 15V Monolithic Synchronous Step-Down Regulator
LTC3604 LINER-LTC3604_15 Datasheet
287Kb / 24P
   2.5A, 15V Monolithic Synchronous Step-Down Regulator
LTC3601 LINER-LTC3601_15 Datasheet
328Kb / 26P
   1.5A, 15V Monolithic Synchronous Step-Down Regulator
LTC3601 LINER-LTC3601 Datasheet
330Kb / 24P
   1.5A, 15V Monolithic Synchronous Step-Down Regulator
LTC3623 LINER-LTC3623 Datasheet
496Kb / 8P
   15V, 짹5A Monolithic Synchronous Step-Down Regulator
LTC3412 LINER-LTC3412 Datasheet
218Kb / 20P
   2.5A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3602 LINER-LTC3602 Datasheet
238Kb / 20P
   2.5A, 10V, Monolithic Synchronous Step-Down Regulator
LTC3412 LINER-LTC3412_15 Datasheet
224Kb / 20P
   2.5A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3602EUF LINER-LTC3602EUF Datasheet
210Kb / 20P
   2.5A, 10V, Monolithic Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com