Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTHS4166NT1G Datasheet(PDF) 6 Page - ON Semiconductor

Part # NTHS4166NT1G
Description  Power MOSFET 30 V, 8.2 A, Single N-Channel, ChipFET Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTHS4166NT1G Datasheet(HTML) 6 Page - ON Semiconductor

  NTHS4166NT1G Datasheet HTML 1Page - ON Semiconductor NTHS4166NT1G Datasheet HTML 2Page - ON Semiconductor NTHS4166NT1G Datasheet HTML 3Page - ON Semiconductor NTHS4166NT1G Datasheet HTML 4Page - ON Semiconductor NTHS4166NT1G Datasheet HTML 5Page - ON Semiconductor NTHS4166NT1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
NTHS4166N
http://onsemi.com
6
PACKAGE DIMENSIONS
ChipFET
t
CASE 1206A-03
ISSUE H
E
A
b
e
e1
D
1234
8765
c
L
1
2
3
4
8
7
6
5
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. MOLD GATE BURRS SHALL NOT EXCEED 0.13 MM PER SIDE.
4. LEADFRAME TO MOLDED BODY OFFSET IN HORIZONTAL
AND VERTICAL SHALL NOT EXCEED 0.08 MM.
5. DIMENSIONS A AND B EXCLUSIVE OF MOLD GATE BURRS.
6. NO MOLD FLASH ALLOWED ON THE TOP AND BOTTOM LEAD
SURFACE.
0.05 (0.002)
DIM
A
MIN
NOM
MAX
MIN
MILLIMETERS
1.00
1.05
1.10
0.039
INCHES
b
0.25
0.30
0.35
0.010
c
0.10
0.15
0.20
0.004
D
2.95
3.05
3.10
0.116
E
1.55
1.65
1.70
0.061
e
0.65 BSC
e1
0.55 BSC
L
0.28
0.35
0.42
0.011
0.041
0.043
0.012
0.014
0.006
0.008
0.120
0.122
0.065
0.067
0.025 BSC
0.022 BSC
0.014
0.017
NOM
MAX
1.80
1.90
2.00
0.071
0.075
0.079
H E
5
° NOM
q
5
° NOM
HE
q
STYLE 1:
PIN 1. DRAIN
2. DRAIN
3. DRAIN
4. GATE
5. SOURCE
6. DRAIN
7. DRAIN
8. DRAIN
SOLDERING FOOTPRINTS*
0.457
0.018
2.032
0.08
0.635
0.025
PITCH
0.66
0.026
mm
inches
2.362
0.093
1
8X
8X
Basic
2.032
0.08
1.727
0.068
0.66
0.026
2.362
0.093
mm
inches
0.457
0.018
1
2X
2X
Style 1
*For additional information on our Pb-Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800-282-9855 Toll Free
 USA/Canada
Europe, Middle East and Africa Technical Support:
 Phone: 421 33 790 2910
Japan Customer Focus Center
 Phone: 81-3-5773-3850
NTHS4166N/D
ChipFET is a trademark of Vishay Siliconix
LITERATURE FULFILLMENT:
 Literature Distribution Center for ON Semiconductor
 P.O. Box 5163, Denver, Colorado 80217 USA
 Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada
 Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada
 Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - NTHS4166NT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTHS4101P ONSEMI-NTHS4101P Datasheet
63Kb / 6P
   Power MOSFET -20 V, 6.7 A, P-Channel ChipFET-TM
October, 2004 ??Rev. 1
NTHS4101P ONSEMI-NTHS4101P Datasheet
59Kb / 6P
   Power MOSFET -20 V, 6.7 A, P-Channel ChipFET
February, 2007 ??Rev. 3
NTHS4101P ONSEMI-NTHS4101P Datasheet
132Kb / 6P
   Power MOSFET
March, 2012 ??Rev. 4
NTHS4101PT1 ONSEMI-NTHS4101PT1 Datasheet
63Kb / 6P
   Power MOSFET -20 V, 6.7 A, P-Channel ChipFET-TM
October, 2004 ??Rev. 1
NTHS4101PT1 ONSEMI-NTHS4101PT1 Datasheet
59Kb / 6P
   Power MOSFET -20 V, 6.7 A, P-Channel ChipFET
February, 2007 ??Rev. 3
More results

Similar Description - NTHS4166NT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTHS4501N ONSEMI-NTHS4501N Datasheet
65Kb / 6P
   Power MOSFET 30 V, 6.7 A, Single N?묬hannel, ChipFET Package
February, 2007 ??Rev. 4
NTHS4111P ONSEMI-NTHS4111P_06 Datasheet
193Kb / 6P
   Power MOSFET -30 V, -6.1 A, Single P-Channel, ChipFET
August, 2006 ??Rev. 2
NTHD2110T ONSEMI-NTHD2110T Datasheet
94Kb / 7P
   Power MOSFET -12 V, -6.4 A, Single P-Channel TVS, ChipFET??Package
March, 2008 - Rev. 0
NTHD4502N ONSEMI-NTHD4502N Datasheet
60Kb / 6P
   Power MOSFET 30 V, 3.9 A, Dual N?묬hannel ChipFET
October, 2004 ??Rev. 4
NTLUS020N03C ONSEMI-NTLUS020N03C Datasheet
205Kb / 8P
   MOSFET ??Power, Single, N-Channel, Cool, UDFN6, 1.6x1.6x0.55 mm 30 V, 13 m, 8.2 A
May, 2019 ??Rev. 2
NVTYS004N03CL ONSEMI-NVTYS004N03CL Datasheet
343Kb / 8P
   MOSFET - Power, Single, N-Channel 30 V, 85 A
May, 2021 - Rev. 0
NVTYS002N03CL ONSEMI-NVTYS002N03CL Datasheet
343Kb / 8P
   MOSFET - Power, Single, N-Channel 30 V, 140 A
May, 2021 - Rev. 0
NVTYS003N03CL ONSEMI-NVTYS003N03CL Datasheet
344Kb / 8P
   MOSFET - Power, Single, N-Channel 30 V, 98 A
May, 2021 - Rev. 0
NTHS4101P ONSEMI-NTHS4101P_07 Datasheet
59Kb / 6P
   Power MOSFET -20 V, 6.7 A, P-Channel ChipFET
February, 2007 ??Rev. 3
NTHD5904N ONSEMI-NTHD5904N_05 Datasheet
65Kb / 6P
   Power MOSFET 20 V, 4.5 A, Dual N?묬hannel, ChipFET
November, 2005 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com