Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTHD3133PFT3G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NTHD3133PFT3G
Description  Power MOSFET and Schottky Diode -20 V, FETKY, P-Channel, -4.4 A, with 3.7 A Schottky Barrier Diode, ChipFET?
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTHD3133PFT3G Datasheet(HTML) 2 Page - ON Semiconductor

  NTHD3133PFT3G Datasheet HTML 1Page - ON Semiconductor NTHD3133PFT3G Datasheet HTML 2Page - ON Semiconductor NTHD3133PFT3G Datasheet HTML 3Page - ON Semiconductor NTHD3133PFT3G Datasheet HTML 4Page - ON Semiconductor NTHD3133PFT3G Datasheet HTML 5Page - ON Semiconductor NTHD3133PFT3G Datasheet HTML 6Page - ON Semiconductor NTHD3133PFT3G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
NTHD3133PF
http://onsemi.com
2
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Max
Units
Junction-to-Ambient – Steady State (Note 2)
RqJA
113
°C/W
Junction-to-Ambient – t
≤ 10 s (Note 2)
RqJA
60
°C/W
2. Surface Mounted on FR4 Board using 1 in sq pad size (Cu area = 1.127 in sq [1 oz] including traces).
MOSFET ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
OFF CHARACTERISTICS
Drain-to-Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = -250 mA
-20
V
Drain-to-Source Breakdown Voltage
Temperature Coefficient
V(BR)DSS/TJ
-15
mV/
°C
Zero Gate Voltage Drain Current
IDSS
VDS = -16 V,
VGS = 0 V
TJ = 25°C
-1.0
mA
TJ = 125°C
-5.0
Gate-to-Source Leakage Current
IGSS
VDS = 0 V, VGS = ±8.0 V
±100
nA
ON CHARACTERISTICS (Note 3)
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = -250 mA
-0.45
-1.5
V
Gate Threshold Temperature Coefficient
VGS(TH)/TJ
2.7
mV/
°C
Drain-to-Source On-Resistance
RDS(on)
VGS = -4.5, ID = -3.2 A
64
80
m
W
VGS = -2.5, ID = -2.2 A
85
110
VGS = -1.8, ID = -1.0 A
120
170
Forward Transconductance
gFS
VDS = -10 V, ID = -2.9 A
8.0
S
CHARGES AND CAPACITANCES
Input Capacitance
CISS
VGS = 0 V, f = 1.0 MHz,
VDS = -10 V
680
pF
Output Capacitance
COSS
100
Reverse Transfer Capacitance
CRSS
70
Total Gate Charge
QG(TOT)
VGS = -4.5 V, VDS = -10 V,
ID = -3.2 A
7.4
nC
Threshold Gate Charge
QG(TH)
0.6
Gate-to-Source Charge
QGS
1.4
Gate-to-Drain Charge
QGD
2.5
SWITCHING CHARACTERISTICS (Note 4)
Turn-On Delay Time
td(ON)
VGS = -4.5 V, VDD = -10 V,
ID = -3.2 A, RG = 2.4 W
5.8
ns
Rise Time
tr
11.7
Turn-Off Delay Time
td(OFF)
16
Fall Time
tf
12.4
DRAIN-SOURCE DIODE CHARACTERISTICS
Forward Diode Voltage
VSD
VGS = 0 V, IS = -2.5 A
TJ = 25°C
-0.8
-1.2
V
Reverse Recovery Time
tRR
VGS = 0 V, IS = -1.0 A ,
dIS/dt = 100 A/ms
13.5
ns
Charge Time
ta
9.5
Discharge Time
tb
4.0
Reverse Recovery Charge
QRR
6.5
nC
SCHOTTKY DIODE ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Maximum Instantaneous
Forward Voltage
VF
IF = 0.1 A
0.31
V
IF = 1.0 A
0.365
Maximum Instantaneous
Reverse Current
IR
VR = 10 V
0.75
mA
VR = 20 V
2.5
Non-Repetitive Peak Surge Current
IFSM
Halfwave, Single Pulse 60 Hz
23
A
3. Pulse Test: Pulse Width
v 300 ms, Duty Cycle v 2%.
4. Switching characteristics are independent of operating junction temperatures.


Similar Part No. - NTHD3133PFT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTHD3100C ONSEMI-NTHD3100C Datasheet
153Kb / 8P
   Power MOSFET 20 V, 3.9 A /??.4 A, Complementary ChipFET
March, 2006 ??Rev. 3
NTHD3100CT1 ONSEMI-NTHD3100CT1 Datasheet
153Kb / 8P
   Power MOSFET 20 V, 3.9 A /??.4 A, Complementary ChipFET
March, 2006 ??Rev. 3
NTHD3100CT1G ONSEMI-NTHD3100CT1G Datasheet
153Kb / 8P
   Power MOSFET 20 V, 3.9 A /??.4 A, Complementary ChipFET
March, 2006 ??Rev. 3
NTHD3100CT3 ONSEMI-NTHD3100CT3 Datasheet
153Kb / 8P
   Power MOSFET 20 V, 3.9 A /??.4 A, Complementary ChipFET
March, 2006 ??Rev. 3
NTHD3100CT3G ONSEMI-NTHD3100CT3G Datasheet
153Kb / 8P
   Power MOSFET 20 V, 3.9 A /??.4 A, Complementary ChipFET
March, 2006 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com