Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTGD3148NT1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NTGD3148NT1G
Description  Power MOSFET 20 V, 3.5 A, Dual N-Channel, TSOP-6
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTGD3148NT1G Datasheet(HTML) 1 Page - ON Semiconductor

  NTGD3148NT1G Datasheet HTML 1Page - ON Semiconductor NTGD3148NT1G Datasheet HTML 2Page - ON Semiconductor NTGD3148NT1G Datasheet HTML 3Page - ON Semiconductor NTGD3148NT1G Datasheet HTML 4Page - ON Semiconductor NTGD3148NT1G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2008
April, 2008 - Rev. 0
1
Publication Order Number:
NTGD3148N/D
NTGD3148N
Power MOSFET
20 V, 3.5 A, Dual N-Channel, TSOP-6
Features
Low Threshold Levels, VGS(th) < 1.5 V
Low Gate Charge (3.8 nC)
Leading Edge Trench Technology of Low RDS(on)
High Power and Current Handling Capability
This is a Pb-Free Device
Applications
DC-DC Converters (Buck and Boost Circuits)
Low Side Load Switch
Optimized for Battery and Load Management Applications in
Portable Equipment Like Cell Phones, DSCs, Media Player, Etc
Battery Charging and Protection Circuits
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Drain-to-Source Voltage
VDSS
20
V
Gate-to-Source Voltage
VGS
±12
V
Continuous Drain
Current (Note 1)
Steady State
TA = 25°C
ID
3.0
A
TA = 85°C
2.2
Continuous Drain
Current (Note 1)
t
≤ 5 s
TA = 25°C
ID
3.5
A
Power Dissipation
(Note 1)
Steady State
TA = 25°C
PD
0.9
W
t
≤ 5 s
1.1
Pulsed Drain Current
tp = 10 ms
IDM
10
A
Operating Junction and Storage Temperature
TJ, TSTG
-50 to
150
°C
Source Current (Body Diode)
IS
0.8
A
Lead Temperature for Soldering Purposes
(1/8
″ from case for 10 s)
TL
260
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Value
Unit
Junction-to-Ambient – Steady State (Note 1)
RqJA
140
°C/W
Junction-to-Ambient – t
≤ 5 s (Note 1)
RqJA
110
°C/W
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Surface Mounted on FR4 Board using 1 in sq pad size (Cu area = 1.127 in sq
[1 oz] including traces).
http://onsemi.com
N-CHANNEL MOSFET
20 V
100 m
W @ 2.5 V
70 m
W @ 4.5 V
RDS(on) Max
ID Max
V(BR)DSS
N-CHANNEL MOSFET
3.5 A
DN = Specific Device Code
M
= Date Code
G
= Pb-Free Package
(Note: Microdot may be in either location)
TSOP-6
CASE 318G
STYLE 13
MARKING
DIAGRAM
DN M
G
G
1
1
4
(Top View)
PIN CONNECTION
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
G
S
D
5
6
3
2
1
D2
S1
D1
G2
S2
G1


Similar Part No. - NTGD3148NT1G

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
NTGD3148NT1G VBSEMI-NTGD3148NT1G Datasheet
1Mb / 9P
   Dual N-Channel 20 V (D-S) MOSFET
More results

Similar Description - NTGD3148NT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTGS3441B ONSEMI-NTGS3441B Datasheet
94Kb / 6P
   Power MOSFET -20 V, -3.5 A, Single P-Channel, TSOP-6
November, 2007 - Rev. 0
NTGD3149C ONSEMI-NTGD3149C Datasheet
126Kb / 8P
   Power MOSFET Complementary, 20 V, 3.5/??.7 A, TSOP?? Dual
May, 2008 ??Rev. 0
NTGS3130N ONSEMI-NTGS3130N Datasheet
93Kb / 5P
   Power MOSFET 20 V, 5.6 A Single N-Channel, TSOP-6
May, 2007 - Rev. 0
NTGS3441P ONSEMI-NTGS3441P_06 Datasheet
64Kb / 6P
   Power MOSFET -20 V, -3.16 A, Single P-Channel TSOP-6
January, 2006 ??Rev. 0
NTGS3443B ONSEMI-NTGS3443B Datasheet
96Kb / 6P
   Power MOSFET -20 V, -4.2 A, Single P-Channel, TSOP-6
November, 2007 - Rev. 0
NTGS3136P ONSEMI-NTGS3136P Datasheet
119Kb / 5P
   Power MOSFET -20 V, -5.8 A, Single P-Channel, TSOP-6
August, 2007 - Rev. 0
NTGD4161P ONSEMI-NTGD4161P_06 Datasheet
67Kb / 5P
   Power MOSFET -30 V, -2.3 A, Dual P-Channel, TSOP-6
September, 2006 ??Rev. 1
logo
Nexperia B.V. All right...
PMDPB65UP NEXPERIA-PMDPB65UP Datasheet
326Kb / 16P
   20 V, 3.5 A dual P-channel Trench MOSFET
logo
ON Semiconductor
NTGS3447P ONSEMI-NTGS3447P Datasheet
95Kb / 6P
   Power MOSFET -12 V, -5.3 A, Single P-Channel, TSOP-6
August, 2007 - Rev. 0
NTGS4111P ONSEMI-NTGS4111P Datasheet
71Kb / 5P
   Power MOSFET (-30 V, -4.7 A, Single P-Channel, TSOP-6)
April, 2006 ??Rev. 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com