Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C3666LTI-046 Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY8C3666LTI-046
Description  Programmable System-on-Chip (PSoC)
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C3666LTI-046 Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY8C3666LTI-046 Datasheet HTML 7Page - Cypress Semiconductor CY8C3666LTI-046 Datasheet HTML 8Page - Cypress Semiconductor CY8C3666LTI-046 Datasheet HTML 9Page - Cypress Semiconductor CY8C3666LTI-046 Datasheet HTML 10Page - Cypress Semiconductor CY8C3666LTI-046 Datasheet HTML 11Page - Cypress Semiconductor CY8C3666LTI-046 Datasheet HTML 12Page - Cypress Semiconductor CY8C3666LTI-046 Datasheet HTML 13Page - Cypress Semiconductor CY8C3666LTI-046 Datasheet HTML 14Page - Cypress Semiconductor CY8C3666LTI-046 Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 99 page
background image
PRELIMINARY
PSoC®3: CY8C36 Family Data Sheet
Document Number: 001-53413 Rev. *B
Page 11 of 99
Vddd.
Supply for all digital peripherals and digital core regulator.
Vddd must be less than or equal to Vdda.
Vssa.
Ground for all analog peripherals.
Vssb.
Ground connection for boost pump.
Vssd.
Ground for all digital logic and I/O pins.
Vddio0, Vddio1, Vddio2, Vddio3.
Supply for I/O pins. See
pinouts for specific I/O pin to Vddio mapping. Vddio must be less
than or equal to Vdda.
XRES (and configurable XRES).
External reset pin. Active low
with internal pullup. In 48-pin SSOP parts, P1[2] is configured as
XRES. In all other parts the pin is configured as a GPIO.
4. CPU
4.1 8051 CPU
The CY8C36 devices use a single cycle 8051 CPU, which is fully
compatible with the original MCS-51 instruction set. The
CY8C36 family uses a pipelined RISC architecture, which
executes most instructions in 1 to 2 cycles to provide peak
performance of up to 33 MIPS with an average of 2 cycles per
instruction. The single cycle 8051 CPU runs ten times faster than
a standard 8051 processor.
The 8051 CPU subsystem includes these features:
Single cycle 8051 CPU
Up to 64 kB of Flash memory, up to 2 kB of EEPROM, and up
to 8 kB of SRAM
Programmable nested vector interrupt controller
Direct Memory Access (DMA) controller
Peripheral HUB (PHUB)
External Memory Interface (EMIF)
4.2 Addressing Modes
The following addressing modes are supported by the 8051:
Direct Addressing: The operand is specified by a direct 8-bit
address field. Only the internal RAM and the SFRs can be
accessed using this mode.
Indirect Addressing: The instruction specifies the register which
contains the address of the operand. The registers R0 or R1
are used to specify the 8-bit address, while the Data Pointer
(DPTR) register is used to specify the 16-bit address.
Register Addressing: Certain instructions access one of the
registers (R0-R7) in the specified register bank. These instruc-
tions are more efficient because there is no need for an address
field.
Register Specific Instructions: Some instructions are specific
to certain registers. For example, some instructions always act
on the accumulator. In this case, there is no need to specify the
operand.
Immediate Constants: Some instructions carry the value of the
constants directly instead of an address.
Indexed Addressing: This type of addressing can be used only
for a read of the program memory. This mode uses the Data
Pointer as the base and the accumulator value as an offset to
read a program memory.
Bit Addressing: In this mode, the operand is one of 256 bits.
4.3 Instruction Set
The 8051 instruction set is highly optimized for 8-bit handling and
Boolean operations. The types of instructions supported include:
Arithmetic instructions
Logical instructions
Data transfer instructions
Boolean instructions
Program branching instructions
4.3.1 Instruction Set Summary
4.3.1.1
Arithmetic Instructions
Arithmetic instructions support the direct, indirect, register,
immediate constant, and register specific instructions. Arithmetic
modes are used for addition, subtraction, multiplication, division,
increment, and decrement operations. lists the different arith-
metic instructions.
[+] Feedback


Similar Part No. - CY8C3666LTI-046

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C3666LTI-046 CYPRESS-CY8C3666LTI-046 Datasheet
3Mb / 112P
   Programmable System-on-Chip (PSoC짰)
More results

Similar Description - CY8C3666LTI-046

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21345 CYPRESS-CY8C21345_11 Datasheet
945Kb / 35P
   PSoC Programmable System-on-Chip
CY8C29466 CYPRESS-CY8C29466_09 Datasheet
1Mb / 46P
   PSoC Programmable System-on-Chip
CY8C27143 CYPRESS-CY8C27143_09 Datasheet
1Mb / 53P
   PSoC Programmable System-on-Chip
CY8C34 CYPRESS-CY8C34 Datasheet
3Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C52 CYPRESS-CY8C52 Datasheet
2Mb / 85P
   Programmable System-on-Chip (PSoC)
PSOC4100S CYPRESS-PSOC4100S Datasheet
733Kb / 42P
   Programmable System-on-Chip (PSoC)
CY8C21123 CYPRESS-CY8C21123_09 Datasheet
968Kb / 36P
   PSoC Programmable System-on-Chip
CY8C54 CYPRESS-CY8C54 Datasheet
2Mb / 93P
   Programmable System-on-Chip (PSoC)
CY8C28243 CYPRESS-CY8C28243_11 Datasheet
2Mb / 78P
   PSoC Programmable System-on-Chip
CY8C38 CYPRESS-CY8C38 Datasheet
3Mb / 100P
   Programmable System-on-Chip (PSoC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com