Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTD6414AN Datasheet(PDF) 5 Page - ON Semiconductor

Part # NTD6414AN
Description  N-Channel Power MOSFET 100 V, 32 A, 37 m廓
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTD6414AN Datasheet(HTML) 5 Page - ON Semiconductor

  NTD6414AN Datasheet HTML 1Page - ON Semiconductor NTD6414AN Datasheet HTML 2Page - ON Semiconductor NTD6414AN Datasheet HTML 3Page - ON Semiconductor NTD6414AN Datasheet HTML 4Page - ON Semiconductor NTD6414AN Datasheet HTML 5Page - ON Semiconductor NTD6414AN Datasheet HTML 6Page - ON Semiconductor NTD6414AN Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
NTD6414AN
http://onsemi.com
5
TYPICAL CHARACTERISTICS
0.001
0.01
0.1
1
0.000001
0.00001
0.0001
0.001
0.01
0.1
1
10
Figure 13. Thermal Response
t, PULSE TIME (s)
0.2
0.02
D = 0.5
0.05
0.01
SINGLE PULSE
0.1
10
ORDERING INFORMATION
Device
Package
Shipping†
NTD6414ANT4G
DPAK
(Pb−Free)
2500 / Tape & Reel
NTD6414AN−1G
IPAK
(Pb−Free)
75 Units / Rail
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specification Brochure, BRD8011/D.


Similar Part No. - NTD6414AN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD6414AN ONSEMI-NTD6414AN Datasheet
147Kb / 7P
   N-Channel Power MOSFET 100 V, 32 A, 37 m
October, 2011 ??Rev. 1
NTD6414AN ONSEMI-NTD6414AN Datasheet
107Kb / 7P
   N-Channel Power MOSFET
September, 2014 ??Rev. 2
NTD6414AN-1G ONSEMI-NTD6414AN-1G Datasheet
107Kb / 7P
   N-Channel Power MOSFET
September, 2014 ??Rev. 2
NTD6414ANT4G ONSEMI-NTD6414ANT4G Datasheet
147Kb / 7P
   N-Channel Power MOSFET 100 V, 32 A, 37 m
October, 2011 ??Rev. 1
NTD6414ANT4G ONSEMI-NTD6414ANT4G Datasheet
107Kb / 7P
   N-Channel Power MOSFET
September, 2014 ??Rev. 2
More results

Similar Description - NTD6414AN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVD6414ANT4G ONSEMI-NVD6414ANT4G Datasheet
147Kb / 7P
   N-Channel Power MOSFET 100 V, 32 A, 37 m
October, 2011 ??Rev. 1
logo
Fairchild Semiconductor
FDB3860 FAIRCHILD-FDB3860 Datasheet
303Kb / 6P
   N-Channel PowerTrench짰 MOSFET 100 V, 30 A, 37 m廓
logo
ON Semiconductor
NTD6416ANL ONSEMI-NTD6416ANL Datasheet
145Kb / 7P
   N-Channel Power MOSFET 100 V, 19 A, 74 m廓
October, 2009 ??Rev. 0
NTB6412AN ONSEMI-NTB6412AN Datasheet
145Kb / 7P
   N-Channel Power MOSFET 100 V, 58 A, 18.2 m廓
October, 2009 ??Rev. 0
NTB6410AN ONSEMI-NTB6410AN Datasheet
150Kb / 7P
   N-Channel Power MOSFET 100 V, 76 A, 13 m廓
December, 2009 ??Rev. 0
NTB6413AN ONSEMI-NTB6413AN Datasheet
149Kb / 7P
   N-Channel Power MOSFET 100 V, 42 A, 28 m廓
November, 2009 ??Rev. 1
NTD6415AN ONSEMI-NTD6415AN Datasheet
143Kb / 7P
   N-Channel Power MOSFET 100 V, 23 A, 55 m廓
November, 2009 ??Rev. 0
NTB6411AN ONSEMI-NTB6411AN Datasheet
145Kb / 7P
   N-Channel Power MOSFET 100 V, 72 A, 14 m廓
October, 2009 ??Rev. 0
logo
Fairchild Semiconductor
FQD17P06TF FAIRCHILD-FQD17P06TF Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET 100 V, 15.6 A, 100 m廓
FQD19N10LTM FAIRCHILD-FQD19N10LTM Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET 100 V, 15.6 A, 100 m廓
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com