Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14B101LA-ZS45XI Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY14B101LA-ZS45XI
Description  1 Mbit (128K x 8) nvSRAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B101LA-ZS45XI Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY14B101LA-ZS45XI Datasheet HTML 7Page - Cypress Semiconductor CY14B101LA-ZS45XI Datasheet HTML 8Page - Cypress Semiconductor CY14B101LA-ZS45XI Datasheet HTML 9Page - Cypress Semiconductor CY14B101LA-ZS45XI Datasheet HTML 10Page - Cypress Semiconductor CY14B101LA-ZS45XI Datasheet HTML 11Page - Cypress Semiconductor CY14B101LA-ZS45XI Datasheet HTML 12Page - Cypress Semiconductor CY14B101LA-ZS45XI Datasheet HTML 13Page - Cypress Semiconductor CY14B101LA-ZS45XI Datasheet HTML 14Page - Cypress Semiconductor CY14B101LA-ZS45XI Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
CY14E101LA
Document #: 001-42916 Rev. *B
Page 11 of 19
Note
15. CE or WE must be > VIH during address transitions.
Figure 5. SRAM Read Cycle #2: CE and OE Controlled [10, 14]
Figure 6. SRAM Write Cycle #1: WE Controlled [13, 14, 15]
Figure 7. SRAM Write Cycle #2: CE Controlled [13, 14, 15]
Address Valid
Address
Data Output
Output Data Valid
Standby
Active
High Impedance
CE
OE
I
CC
tHZCE
t
RC
tACE
tAA
t
LZCE
tDOE
t
LZOE
tPU
tPD
tHZOE
Data Output
Data Input
Input Data Valid
High Impedance
Address Valid
Address
Previous Data
t
WC
tSCE
tHA
tAW
t
PWE
tSA
tSD
t
HD
t
HZWE
t
LZWE
WE
CE
Data Output
Data Input
Input Data Valid
High Impedance
Address Valid
Address
tWC
t
SD
t
HD
WE
CE
tSA
tSCE
tHA
t
PWE
[+] Feedback


Similar Part No. - CY14B101LA-ZS45XI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B101LA-ZS45XI CYPRESS-CY14B101LA-ZS45XI Datasheet
810Kb / 24P
   1 Mbit (128K x 8/64K x 16) nvSRAM
CY14B101LA-ZS45XI CYPRESS-CY14B101LA-ZS45XI Datasheet
1Mb / 28P
   1 Mbit (128K x 8/64K x 16) nvSRAM
CY14B101LA-ZS45XI CYPRESS-CY14B101LA-ZS45XI Datasheet
725Kb / 29P
   1-Mbit (128 K 횞 8/64 K 횞 16) nvSRAM
CY14B101LA-ZS45XIT CYPRESS-CY14B101LA-ZS45XIT Datasheet
810Kb / 24P
   1 Mbit (128K x 8/64K x 16) nvSRAM
CY14B101LA-ZS45XIT CYPRESS-CY14B101LA-ZS45XIT Datasheet
1Mb / 28P
   1 Mbit (128K x 8/64K x 16) nvSRAM
More results

Similar Description - CY14B101LA-ZS45XI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B101L CYPRESS-CY14B101L_09 Datasheet
550Kb / 18P
   1 Mbit (128K x 8) nvSRAM
CY14B101L CYPRESS-CY14B101L Datasheet
1Mb / 18P
   1-Mbit (128K x 8) nvSRAM
CY14B101Q1 CYPRESS-CY14B101Q1_10 Datasheet
914Kb / 24P
   1 Mbit (128K x 8) Serial SPI nvSRAM
CY14B101Q1 CYPRESS-CY14B101Q1 Datasheet
1Mb / 22P
   1 Mbit (128K x 8) Serial SPI nvSRAM
CY14B101LA CYPRESS-CY14B101LA Datasheet
810Kb / 24P
   1 Mbit (128K x 8/64K x 16) nvSRAM
CY14B101LA_1107 CYPRESS-CY14B101LA_1107 Datasheet
1Mb / 28P
   1 Mbit (128K x 8/64K x 16) nvSRAM
CY14B101K CYPRESS-CY14B101K_09 Datasheet
796Kb / 28P
   1 Mbit (128K x 8) nvSRAM With Real Time Clock
CY14B101K_0711 CYPRESS-CY14B101K_0711 Datasheet
717Kb / 24P
   1 Mbit (128K x 8) nvSRAM With Real Time Clock
CY14B101K CYPRESS-CY14B101K Datasheet
1Mb / 24P
   1 Mbit (128K x 8) nvSRAM With Real-Time Clock
CY14E102L CYPRESS-CY14E102L Datasheet
634Kb / 21P
   2-Mbit (256K x 8/128K x 16) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com