Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TB62701AN Datasheet(PDF) 1 Page - Marktech Corporate

Part No. TB62701AN
Description  16BIT SHIFT REGISTER, LATCH & CONSTANT CURRENT DRIVERS
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MARKTECH [Marktech Corporate]
Homepage  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TB62701AN Datasheet(HTML) 1 Page - Marktech Corporate

  TB62701AN Datasheet HTML 1Page - Marktech Corporate TB62701AN Datasheet HTML 2Page - Marktech Corporate TB62701AN Datasheet HTML 3Page - Marktech Corporate TB62701AN Datasheet HTML 4Page - Marktech Corporate TB62701AN Datasheet HTML 5Page - Marktech Corporate TB62701AN Datasheet HTML 6Page - Marktech Corporate TB62701AN Datasheet HTML 7Page - Marktech Corporate TB62701AN Datasheet HTML 8Page - Marktech Corporate TB62701AN Datasheet HTML 9Page - Marktech Corporate Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
536
120 Broadway • Menands, New York 12204
Toll Free:
(800) 98-4LEDS • Fax: (518) 432-7454
marktech
optoelectronics
T
TT
T
TOSHIB
OSHIB
OSHIB
OSHIB
OSHIBA Bi-CMOS
A Bi-CMOS
A Bi-CMOS
A Bi-CMOS
A Bi-CMOS
Constant Cur
Constant Cur
Constant Cur
Constant Cur
Constant Currrrrrent Interf
ent Interf
ent Interf
ent Interf
ent Interface Dri
ace Dri
ace Dri
ace Dri
ace Drivvvvver
er
er
er
er
For up-to-date product info visit our web site at www.marktechopto.com
All specifications subject to change.
TB62701AN
16 Bit Constant Current LED Driver with Shift Register and Latch Functions
Product Description:
The TB62701AN is specifically designed for LED display applications. The Bi-CMOS device has
16 Bi-polar constant current output channels and includes CMOS shift register and latch func-
tions.
The LED drive current is programmed by the
installation of a single resistor per device.
Current is programmable from 5-50mA and is
held constant across all 16 outputs effectively
compensating for the inherent circuit and
component variables which affect the bright-
ness of the LEDs.
Features:
• 16 Constant Current Output Channels
• Current Programmable from 5-50mA
• 5V CMOS Compatible Inputs
• Supports up to a 30V LED Supply Voltage
Block Diagram:
SDIP24-P-300
TB62701AN
Weight: 1.2g(typ)


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn