Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14B256KA-SP45XI Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY14B256KA-SP45XI
Description  256 Kbit (32K x 8) nvSRAM with Real Time Clock
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B256KA-SP45XI Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY14B256KA-SP45XI Datasheet HTML 2Page - Cypress Semiconductor CY14B256KA-SP45XI Datasheet HTML 3Page - Cypress Semiconductor CY14B256KA-SP45XI Datasheet HTML 4Page - Cypress Semiconductor CY14B256KA-SP45XI Datasheet HTML 5Page - Cypress Semiconductor CY14B256KA-SP45XI Datasheet HTML 6Page - Cypress Semiconductor CY14B256KA-SP45XI Datasheet HTML 7Page - Cypress Semiconductor CY14B256KA-SP45XI Datasheet HTML 8Page - Cypress Semiconductor CY14B256KA-SP45XI Datasheet HTML 9Page - Cypress Semiconductor CY14B256KA-SP45XI Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
CY14B256KA
Document #: 001-55720 Rev. *A
Page 6 of 26
Preventing AutoStore
The AutoStore function is disabled by initiating an AutoStore
disable sequence. A sequence of read operations is performed
in a manner similar to the Software STORE initiation. To initiate
the AutoStore disable sequence, the following sequence of CE
or OE controlled read operations must be performed:
1. Read address 0x0E38 Valid READ
2. Read address 0x31C7 Valid READ
3. Read address 0x03E0 Valid READ
4. Read address 0x3C1F Valid READ
5. Read address 0x303F Valid READ
6. Read address 0x0B45 AutoStore Disable
The AutoStore is reenabled by initiating an AutoStore enable
sequence. A sequence of read operations is performed in a
manner similar to the Software RECALL initiation.
To initiate the AutoStore enable sequence, the following
sequence of CE or OE controlled read operations must be
performed:
1. Read address 0x0E38 Valid READ
2. Read address 0x31C7 Valid READ
3. Read address 0x03E0 Valid READ
4. Read address 0x3C1F Valid READ
5. Read address 0x303F Valid READ
6. Read address 0x0B46 AutoStore Enable
If the AutoStore function is disabled or reenabled, a manual
STORE operation (Hardware or Software) issued to save the
AutoStore state through subsequent power down cycles. The
part comes from the factory with AutoStore enabled.
Table 1. Mode Selection
CE
WE
OE
A14 - A0
[2]
Mode
I/O
Power
H
X
X
X
Not Selected
Output High Z
Standby
L
H
L
X
Read SRAM
Output Data
Active
L
L
X
X
Write SRAM
Input Data
Active
L
H
L
0x0E38
0x31C7
0x03E0
0x3C1F
0x303F
0x0B45
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
AutoStore
Disable
Output Data
Output Data
Output Data
Output Data
Output Data
Output Data
Active[3]
L
H
L
0x0E38
0x31C7
0x03E0
0x3C1F
0x303F
0x0B46
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
AutoStore
Enable
Output Data
Output Data
Output Data
Output Data
Output Data
Output Data
Active[3]
L
H
L
0x0E38
0x31C7
0x03E0
0x3C1F
0x303F
0x0FC0
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Nonvolatile
STORE
Output Data
Output Data
Output Data
Output Data
Output Data
Output High Z
Active ICC2
[3]
L
H
L
0x0E38
0x31C7
0x03E0
0x3C1F
0x303F
0x0C63
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Nonvolatile
Recall
Output Data
Output Data
Output Data
Output Data
Output Data
Output High Z
Active[3]
Notes
2. While there are 15 address lines on the CY14B256KA, only the lower 14 are used to control software modes.
3. The six consecutive address locations must be in the order listed. WE must be HIGH during all six cycles to enable a nonvolatile cycle.
[+] Feedback


Similar Part No. - CY14B256KA-SP45XI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B256KA-SP45XI CYPRESS-CY14B256KA-SP45XI Datasheet
913Kb / 27P
   256-Kbit (32 K 횞 8) nvSRAM with Real Time Clock
CY14B256KA-SP45XI CYPRESS-CY14B256KA-SP45XI Datasheet
934Kb / 27P
   256-Kbit (32 K 횞 8) nvSRAM with Real Time Clock
CY14B256KA-SP45XIT CYPRESS-CY14B256KA-SP45XIT Datasheet
913Kb / 27P
   256-Kbit (32 K 횞 8) nvSRAM with Real Time Clock
CY14B256KA-SP45XIT CYPRESS-CY14B256KA-SP45XIT Datasheet
934Kb / 27P
   256-Kbit (32 K 횞 8) nvSRAM with Real Time Clock
More results

Similar Description - CY14B256KA-SP45XI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B256K CYPRESS-CY14B256K Datasheet
1Mb / 23P
   256-Kbit (32K x 8) nvSRAM with Real-Time-Clock
CY14B256K CYPRESS-CY14B256K_09 Datasheet
796Kb / 28P
   256 Kbit (32K x 8) nvSRAM with Real Time Clock
CY14C256PA CYPRESS-CY14C256PA_13 Datasheet
1Mb / 43P
   256-Kbit (32 K x 8) SPI nvSRAM with Real Time Clock
STK17T88 CYPRESS-STK17T88 Datasheet
603Kb / 22P
   32K x 8 AutoStore nvSRAM with Real Time Clock
CY14B256LA CYPRESS-CY14B256LA Datasheet
648Kb / 21P
   256 Kbit (32K x 8) nvSRAM
logo
List of Unclassifed Man...
STK1744 ETC-STK1744 Datasheet
315Kb / 12P
   32K x 8 AutoStore nvSRAM with Real-Time Clock
logo
Simtek Corporation
STK17T88 SIMTEK-STK17T88_08 Datasheet
535Kb / 29P
   32K x 8 AutoStore nvSRAM with Real-Time Clock
logo
Cypress Semiconductor
CY14E256L CYPRESS-CY14E256L Datasheet
799Kb / 16P
   256-Kbit (32K x 8) nvSRAM
CY14E256L CYPRESS-CY14E256L_09 Datasheet
1Mb / 18P
   256 Kbit (32K x 8) nvSRAM
CY14B256L CYPRESS-CY14B256L Datasheet
1Mb / 17P
   256-Kbit (32K x 8) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com