Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C5246AXI-038 Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY8C5246AXI-038
Description  Programmable System-on-Chip (PSoC)
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C5246AXI-038 Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY8C5246AXI-038 Datasheet HTML 3Page - Cypress Semiconductor CY8C5246AXI-038 Datasheet HTML 4Page - Cypress Semiconductor CY8C5246AXI-038 Datasheet HTML 5Page - Cypress Semiconductor CY8C5246AXI-038 Datasheet HTML 6Page - Cypress Semiconductor CY8C5246AXI-038 Datasheet HTML 7Page - Cypress Semiconductor CY8C5246AXI-038 Datasheet HTML 8Page - Cypress Semiconductor CY8C5246AXI-038 Datasheet HTML 9Page - Cypress Semiconductor CY8C5246AXI-038 Datasheet HTML 10Page - Cypress Semiconductor CY8C5246AXI-038 Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 85 page
background image
PRELIMINARY
PSoC®5: CY8C52 Family Data Sheet
Document Number: 001-55034 Rev. *A
Page 7 of 85
Figure 2-3. 100-Pin TQFP Part Pinout
TQFP
(TRACEDATA[1], GPIO) P2[5]
(TRACEDATA[2], GPIO) P2[6]
(TRACEDATA[3], GPIO) P2[7]
(I2C0: SCL, SIO) P12[4]
(I2C0: SDA, SIO) P12[5]
(GPIO) P6[4]
(GPIO) P6[5]
(GPIO) P6[6]
(GPIO) P6[7]
Vssb
Ind
Vboost
Vbat
Vssd
XRES
(GPIO) P5[0]
(GPIO) P5[1]
(GPIO) P5[2]
(GPIO) P5[3]
(TMS, SWDIO, GPIO) P1[0]
(TCK, SWDCK, GPIO) P1[1]
(configurable XRES, GPIO) P1[2]
(TDO, SWV, GPIO) P1[3]
(TDI, GPIO) P1[4]
(nTRST, GPIO) P1[5]
Vddio0
P0[3] (GPIO, Extref0)
P0[2] (GPIO)
P0[1] (GPIO)
P0[0] (GPIO)
P4[1] (GPIO)
P4[0] (GPIO)
P12[3] (SIO)
P12[2] (SIO)
Vssd
Vdda
Vssa
Vcca
NC
NC
NC
NC
NC
NC
P15[3] (GPIO, kHz XTAL: Xi)
P15[2] (GPIO, kHz XTAL: Xo)
P12[1] (SIO, I2C1: SDA)
P12[0] (SIO, I2C1: SCL)
P3[7] (GPIO)
P3[6] (GPIO)
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
1
2
3
4
5
6
7
8
9
Lines show Vddio
to IO supply
association
[+] Feedback


Similar Part No. - CY8C5246AXI-038

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C5246AXI-054 CYPRESS-CY8C5246AXI-054 Datasheet
4Mb / 94P
   Programmable System-on-Chip (PSoC짰)
CY8C5246AXI-054 CYPRESS-CY8C5246AXI-054 Datasheet
3Mb / 95P
   Programmable System-on-Chip (PSoC) DC to 40 MHz operation
More results

Similar Description - CY8C5246AXI-038

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21345 CYPRESS-CY8C21345_11 Datasheet
945Kb / 35P
   PSoC Programmable System-on-Chip
CY8C29466 CYPRESS-CY8C29466_09 Datasheet
1Mb / 46P
   PSoC Programmable System-on-Chip
CY8C27143 CYPRESS-CY8C27143_09 Datasheet
1Mb / 53P
   PSoC Programmable System-on-Chip
CY8C34 CYPRESS-CY8C34 Datasheet
3Mb / 99P
   Programmable System-on-Chip (PSoC)
PSOC4100S CYPRESS-PSOC4100S Datasheet
733Kb / 42P
   Programmable System-on-Chip (PSoC)
CY8C21123 CYPRESS-CY8C21123_09 Datasheet
968Kb / 36P
   PSoC Programmable System-on-Chip
CY8C36 CYPRESS-CY8C36 Datasheet
2Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C54 CYPRESS-CY8C54 Datasheet
2Mb / 93P
   Programmable System-on-Chip (PSoC)
CY8C28243 CYPRESS-CY8C28243_11 Datasheet
2Mb / 78P
   PSoC Programmable System-on-Chip
CY8C38 CYPRESS-CY8C38 Datasheet
3Mb / 100P
   Programmable System-on-Chip (PSoC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com