Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C34 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY8C34
Description  Programmable System-on-Chip (PSoC)
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C34 Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY8C34 Datasheet HTML 1Page - Cypress Semiconductor CY8C34 Datasheet HTML 2Page - Cypress Semiconductor CY8C34 Datasheet HTML 3Page - Cypress Semiconductor CY8C34 Datasheet HTML 4Page - Cypress Semiconductor CY8C34 Datasheet HTML 5Page - Cypress Semiconductor CY8C34 Datasheet HTML 6Page - Cypress Semiconductor CY8C34 Datasheet HTML 7Page - Cypress Semiconductor CY8C34 Datasheet HTML 8Page - Cypress Semiconductor CY8C34 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 99 page
background image
PRELIMINARY
PSoC®3: CY8C34 Family Data Sheet
Document Number: 001-53304 Rev. *B
Page 3 of 99
1. Architectural Overview
Introducing the CY8C34 family of ultra low power, Flash Programmable System-on-Chip (PSoC®) devices, part of a scalable 8-bit
PSoC 3 and 32-bit PSoC®5 platform. The CY8C34 family provides configurable blocks of analog, digital, and interconnect circuitry
around a CPU subsystem. The combination of a CPU with a very flexible analog subsystem, digital subsystem, routing, and I/O
enables a high level of integration in a wide variety of consumer, industrial, and medical applications.
Figure 1-1. Simplified Block Diagram
Digital
Filter
Block
ANALOG SYSTEM
LCD Direct
Drive
CapSense
Temperature
Sensor
2x
Opamp
+
-
ADC
2 x DAC
1 x
Del Sig
ADC
2 x SC/ CT Blocks
( TIA, PGA, Mixer etc)
4 x
CMP
+
-
CAN
2.0
I2C
Master/
Slave
Universal Digital Block Array ( 24 x UDB)
4 x
Timer
Counter
PWM
FS USB
2.0
SYSTEM WIDE
RESOURCES
DIGITAL SYSTEM
Program
Debug &
Trace
Boundary
Scan
Program&
Debug
8051 or
Cortex M3
CPU
Interrupt
Controller
PHUB
DMA
SRAM
FLASH
EEPROM
EMIF
CPU SYSTEM
MEMORY SYSTEM
SYSTEM BUS
Digital Interconnect
Analog Interconnect
0. 5 to5.5V
( Optional)
4- 33 MHz
( Optional)
Xtal
Osc
32.768 KHz
(Optional)
RTC
Timer
IMO
WDT
and
Wake
ILO
Clocking System
1.8V LDO
SMP
POR and
LVD
Sleep
Power
Power Management
System
USB
PHY
D+
D-
3 per
Opamp
UDB
UDB
UDB
UDB
UDB
UDB
UDB
UDB
UDB
UDB
UDB
UDB
UDB
UDB
UDB
UART
Logic
12- Bit PWM
I2C Slave
8- Bit SPI
12- Bit SPI
Logic
8- Bit
Timer
16- Bit PRS
UDB
8- Bit
Timer
Quadrature Decoder
16- Bit
PWM
UDB
UDB
UDB
UDB
UDB
UDB
UDB
UDB
[+] Feedback


Similar Part No. - CY8C34

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C34 CYPRESS-CY8C34 Datasheet
4Mb / 126P
   Programmable System-on-Chip (PSoC짰)
CY8C34 CYPRESS-CY8C34 Datasheet
4Mb / 127P
   Programmable System-on-Chip (PSoC) DC to 50 MHz operation
CY8C3444AXI-096 CYPRESS-CY8C3444AXI-096 Datasheet
4Mb / 126P
   Programmable System-on-Chip (PSoC짰)
CY8C3444AXI-106 CYPRESS-CY8C3444AXI-106 Datasheet
4Mb / 126P
   Programmable System-on-Chip (PSoC짰)
CY8C3444AXI-116 CYPRESS-CY8C3444AXI-116 Datasheet
4Mb / 126P
   Programmable System-on-Chip (PSoC짰)
More results

Similar Description - CY8C34

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21345 CYPRESS-CY8C21345_11 Datasheet
945Kb / 35P
   PSoC Programmable System-on-Chip
CY8C29466 CYPRESS-CY8C29466_09 Datasheet
1Mb / 46P
   PSoC Programmable System-on-Chip
CY8C27143 CYPRESS-CY8C27143_09 Datasheet
1Mb / 53P
   PSoC Programmable System-on-Chip
CY8C52 CYPRESS-CY8C52 Datasheet
2Mb / 85P
   Programmable System-on-Chip (PSoC)
PSOC4100S CYPRESS-PSOC4100S Datasheet
733Kb / 42P
   Programmable System-on-Chip (PSoC)
CY8C21123 CYPRESS-CY8C21123_09 Datasheet
968Kb / 36P
   PSoC Programmable System-on-Chip
CY8C36 CYPRESS-CY8C36 Datasheet
2Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C54 CYPRESS-CY8C54 Datasheet
2Mb / 93P
   Programmable System-on-Chip (PSoC)
CY8C28243 CYPRESS-CY8C28243_11 Datasheet
2Mb / 78P
   PSoC Programmable System-on-Chip
CY8C38 CYPRESS-CY8C38 Datasheet
3Mb / 100P
   Programmable System-on-Chip (PSoC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com