Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP2213M-2.5TRG1 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AP2213M-2.5TRG1
Description  500mA LOW NOISE LDO REGULATOR
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2213M-2.5TRG1 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AP2213M-2.5TRG1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP2213M-2.5TRG1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP2213M-2.5TRG1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2213M-2.5TRG1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2213M-2.5TRG1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2213M-2.5TRG1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2213M-2.5TRG1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2213M-2.5TRG1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2213M-2.5TRG1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
500mA LOW NOISE LDO REGULATOR
AP2213
Data Sheet
1
Nov. 2009 Rev. 1. 5
BCD Semiconductor Manufacturing Limited
General Description
The AP2213 is a 500mA output current fixed voltage
regulator which provides low noise, very low dropout
voltage (typically 350mV at 500mA), very low
standby current (1
µA maximum) and excellent power
supply ripple rejection (PSRR 75dB at 100Hz) in bat-
tery powered applications, such as handsets and PDAs
and in noise sensitive applications, such as RF elec-
tronics.
The AP2213 features individual logic compatible
enable/shutdown control inputs, a low power shut-
down mode for extended battery life, over current pro-
tection, over temperature protection, as well as
reversed-battery protection.
The AP2213 has 2.5V, 3.0V and 3.3V versions.
The AP2213 is available in TO-252-2 (1), SOIC-8 and
SOT-223 packages.
Features
·
Up to 500mA Output Current
·
Low Standby Current
·
Low Dropout Voltage: VDROP=350mV at 500mA
·
High Output Accuracy:
±1%
·
Good Ripple Rejection Ability: 75dB at 100Hz
and IOUT=100µA
·
Tight Load and Line Regulation
·
Low Temperature Coefficient
·
Over Current Protection
·
Thermal Protection
·
Reversed-battery Protection
·
Logic-controlled Enable
Applications
·
Laptop, Notebook, and Palmtop Computer
·
CD-ROM, CD-R/RW, DVD Driver
·
Portable Electronic
·
PC Peripheral
Figure 1. Package Types of AP2213
SOIC-8
TO-252-2 (1)
SOT-223


Similar Part No. - AP2213M-2.5TRG1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2213M-2.5TRG1 DIODES-AP2213M-2.5TRG1 Datasheet
507Kb / 22P
   500mA LOW NOISE LDO REGULATOR
September 2020 Rev. 3 - 2
More results

Similar Description - AP2213M-2.5TRG1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2213 BCDSEMI-AP2213 Datasheet
292Kb / 21P
   500mA LOW NOISE LDO REGULATOR
logo
Micrel Semiconductor
MIC5209YM-TR MICREL-MIC5209YM-TR Datasheet
1Mb / 13P
   500mA Low-Noise LDO Regulator
MIC5209 MICREL-MIC5209 Datasheet
91Kb / 13P
   500mA Low-Noise LDO Regulator
logo
Diodes Incorporated
AP2213 DIODES-AP2213 Datasheet
507Kb / 22P
   500mA LOW NOISE LDO REGULATOR
September 2020 Rev. 3 - 2
logo
Micrel Semiconductor
MIC5209 MICREL-MIC5209_04 Datasheet
1Mb / 13P
   500mA Low-Noise LDO Regulator
logo
Unisonic Technologies
LR9153 UTC-LR9153 Datasheet
194Kb / 4P
   LOW NOISE 500mA LDO REGULATOR
logo
Exar Corporation
SPX3819M5-L-3-3-TR EXAR-SPX3819M5-L-3-3-TR Datasheet
1Mb / 13P
   500mA Low-Noise LDO Voltage Regulator
logo
Seaward Electronics Inc...
SE3335 SEAWARD-SE3335 Datasheet
167Kb / 5P
   500mA Low Noise CMOS LDO Regulator
logo
Sipex Corporation
SPX3819 SIPEX-SPX3819 Datasheet
137Kb / 12P
   500mA, Low-Noise LDO Voltage Regulator
logo
Exar Corporation
SPX3819M5-L-5-0-TR EXAR-SPX3819M5-L-5-0-TR Datasheet
1Mb / 13P
   500mA Low-Noise LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com