Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTD4855NT4G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NTD4855NT4G
Description  Power MOSFET 25 V, 98 A, Single N-Channel, DPAK/IPAK
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTD4855NT4G Datasheet(HTML) 2 Page - ON Semiconductor

  NTD4855NT4G Datasheet HTML 1Page - ON Semiconductor NTD4855NT4G Datasheet HTML 2Page - ON Semiconductor NTD4855NT4G Datasheet HTML 3Page - ON Semiconductor NTD4855NT4G Datasheet HTML 4Page - ON Semiconductor NTD4855NT4G Datasheet HTML 5Page - ON Semiconductor NTD4855NT4G Datasheet HTML 6Page - ON Semiconductor NTD4855NT4G Datasheet HTML 7Page - ON Semiconductor NTD4855NT4G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NTD4855N
http://onsemi.com
2
THERMAL RESISTANCE MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
Junction-to-Case (Drain)
RqJC
2.25
°C/W
Junction-to-TAB (Drain)
RqJC-TAB
3.5
Junction-to-Ambient – Steady State (Note 1)
RqJA
67
Junction-to-Ambient – Steady State (Note 2)
RqJA
111
1. Surface-mounted on FR4 board using 1 sq-in pad, 1 oz Cu.
2. Surface-mounted on FR4 board using the minimum recommended pad size.
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise specified)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain-to-Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = 250 mA
25
V
Drain-to-Source Breakdown Voltage
Temperature Coefficient
V(BR)DSS/
TJ
22
mV/
°C
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V,
VDS = 20 V
TJ = 25°C
1.0
mA
TJ = 125°C
10
Gate-to-Source Leakage Current
IGSS
VDS = 0 V, VGS = ±20 V
±100
nA
ON CHARACTERISTICS (Note 3)
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250 mA
1.45
2.5
V
Negative Threshold Temperature
Coefficient
VGS(TH)/TJ
TBD
mV/
°C
Drain-to-Source On Resistance
RDS(on)
VGS = 10 V
ID = 30 A
3.5
4.3
m
W
VGS = 4.5 V
ID = 30 A
4.6
6.0
Forward Transconductance
gFS
VDS = 1.5 V, ID = 15 A
80
S
CHARGES AND CAPACITANCES
Input Capacitance
CISS
VGS = 0 V, f = 1.0 MHz, VDS = 12 V
2950
pF
Output Capacitance
COSS
740
Reverse Transfer Capacitance
CRSS
400
Total Gate Charge
QG(TOT)
VGS = 4.5 V, VDS = 15 V, ID = 30 A
21.8
32.7
nC
Threshold Gate Charge
QG(TH)
2.4
Gate-to-Source Charge
QGS
7.9
Gate-to-Drain Charge
QGD
8.6
Total Gate Charge
QG(TOT)
VGS = 10 V, VDS = 15 V, ID = 30 A
44
nC
SWITCHING CHARACTERISTICS (Note 4)
Turn-On Delay Time
td(ON)
VGS = 4.5 V, VDS = 15 V,
ID = 15 A, RG = 3.0 W
17.75
ns
Rise Time
tr
31.48
Turn-Off Delay Time
td(OFF)
20.28
Fall Time
tf
10.74
Turn-On Delay Time
td(ON)
VGS = 11.5 V, VDS = 15 V,
ID = 15 A, RG = 3.0 W
10.01
ns
Rise Time
tr
16.52
Turn-Off Delay Time
td(OFF)
32.02
Fall Time
tf
4.35
3. Pulse Test: pulse width
v 300 ms, duty cycle v 2%.
4. Switching characteristics are independent of operating junction temperatures.


Similar Part No. - NTD4855NT4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD4854N ONSEMI-NTD4854N Datasheet
105Kb / 8P
   Power MOSFET 25 V, 128 A, Single N-Channel, DPAK/IPAK
April, 2008 - Rev. 1
NTD4854N-1G ONSEMI-NTD4854N-1G Datasheet
105Kb / 8P
   Power MOSFET 25 V, 128 A, Single N-Channel, DPAK/IPAK
April, 2008 - Rev. 1
NTD4854N-35G ONSEMI-NTD4854N-35G Datasheet
105Kb / 8P
   Power MOSFET 25 V, 128 A, Single N-Channel, DPAK/IPAK
April, 2008 - Rev. 1
NTD4854NT4G ONSEMI-NTD4854NT4G Datasheet
105Kb / 8P
   Power MOSFET 25 V, 128 A, Single N-Channel, DPAK/IPAK
April, 2008 - Rev. 1
NTD4856N ONSEMI-NTD4856N Datasheet
104Kb / 8P
   Power MOSFET 25 V, 89 A, Single N-Channel, DPAK/IPAK
December, 2007 - Rev. 0
More results

Similar Description - NTD4855NT4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD4856N ONSEMI-NTD4856N Datasheet
104Kb / 8P
   Power MOSFET 25 V, 89 A, Single N-Channel, DPAK/IPAK
December, 2007 - Rev. 0
NTD4857N ONSEMI-NTD4857N Datasheet
94Kb / 8P
   Power MOSFET 25 V, 78 A, Single N-Channel, DPAK/IPAK
December, 2007 - Rev. 0
NTD4858N ONSEMI-NTD4858N Datasheet
105Kb / 8P
   Power MOSFET 25 V, 73 A, Single N-Channel, DPAK/IPAK
December, 2007 - Rev. 0
NTD4863N ONSEMI-NTD4863N Datasheet
105Kb / 8P
   Power MOSFET 25 V, 49 A, Single N-Channel, DPAK/IPAK
December, 2007 - Rev. 0
NTD4863NAT4G ONSEMI-NTD4863NAT4G Datasheet
292Kb / 8P
   Power MOSFET 25 V, 49 A, Single N--Channel, DPAK/IPAK
June, 2010 -- Rev. 2
NTD4854N ONSEMI-NTD4854N Datasheet
105Kb / 8P
   Power MOSFET 25 V, 128 A, Single N-Channel, DPAK/IPAK
April, 2008 - Rev. 1
NTD4865N ONSEMI-NTD4865N Datasheet
105Kb / 8P
   Power MOSFET 25 V, 44 A, Single N-Channel, DPAK/IPAK
April, 2008 - Rev. 1
NTD4809NA-1G ONSEMI-NTD4809NA-1G Datasheet
116Kb / 8P
   25 V, 58 A, Single N- Channel, DPAK/IPAK
June, 2007 - Rev. P2
NTD4809NAT4G ONSEMI-NTD4809NAT4G Datasheet
116Kb / 8P
   25 V, 58 A, Single N- Channel, DPAK/IPAK
June, 2007 - Rev. P2
NTD4860N ONSEMI-NTD4860N Datasheet
99Kb / 8P
   25 V, 65 A, Single N-Channel, DPAK/IPAK
December, 2007 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com