Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTD4855N Datasheet(PDF) 1 Page - ON Semiconductor

Part # NTD4855N
Description  Power MOSFET 25 V, 98 A, Single N-Channel, DPAK/IPAK
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTD4855N Datasheet(HTML) 1 Page - ON Semiconductor

  NTD4855N Datasheet HTML 1Page - ON Semiconductor NTD4855N Datasheet HTML 2Page - ON Semiconductor NTD4855N Datasheet HTML 3Page - ON Semiconductor NTD4855N Datasheet HTML 4Page - ON Semiconductor NTD4855N Datasheet HTML 5Page - ON Semiconductor NTD4855N Datasheet HTML 6Page - ON Semiconductor NTD4855N Datasheet HTML 7Page - ON Semiconductor NTD4855N Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2008
April, 2008 - Rev. 1
1
Publication Order Number:
NTD4855N/D
NTD4855N
Power MOSFET
25 V, 98 A, Single N-Channel, DPAK/IPAK
Features
Trench Technology
Low RDS(on) to Minimize Conduction Losses
Low Capacitance to Minimize Driver Losses
Optimized Gate Charge to Minimize Switching Losses
These are Pb-Free Devices
Applications
VCORE Applications
DC-DC Converters
Low Side Switching
MAXIMUM RATINGS (TJ = 25°C unless otherwise stated)
Parameter
Symbol
Value
Unit
Drain-to-Source Voltage
VDSS
25
V
Gate-to-Source Voltage
VGS
±20
V
Continuous Drain
Current RqJA
(Note 1)
Steady
State
TA = 25°C
ID
18
A
TA = 85°C
14
Power Dissipation
RqJA (Note 1)
TA = 25°C
PD
2.24
W
Continuous Drain
Current RqJA
(Note 2)
TA = 25°C
ID
14
A
TA = 85°C
10.9
Power Dissipation
RqJA (Note 2)
TA = 25°C
PD
1.35
W
Continuous Drain
Current RqJC
(Note 1)
TC = 25°C
ID
98
A
TC = 85°C
76
Power Dissipation
RqJC (Note 1)
TC = 25°C
PD
66.7
W
Pulsed Drain
Current
tp=10ms
TA = 25°C
IDM
197
A
Current Limited by Package
TA = 25°C
IDmaxPkg
45
A
Operating Junction and Storage
Temperature
TJ,
TSTG
-55 to
+175
°C
Source Current (Body Diode)
IS
56
A
Drain to Source dV/dt
dV/dt
6
V/ns
Single Pulse Drain-to-Source Avalanche
Energy (TJ = 25°C, VDD = 50 V, VGS = 10 V,
IL = 21 Apk, L = 1.0 mH, RG = 25 W)
EAS
220
mJ
Lead Temperature for Soldering Purposes
(1/8” from case for 10 s)
TL
260
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
MARKING DIAGRAMS
& PIN ASSIGNMENTS
http://onsemi.com
V(BR)DSS
RDS(ON) MAX
ID MAX
25 V
4.3 m
W @ 10 V
98 A
6.0 m
W @ 4.5 V
G
S
N-CHANNEL MOSFET
D
See detailed ordering and shipping information in the package
dimensions section on page 6 of this data sheet.
ORDERING INFORMATION
1
Gate
2
Drain 3
Source
4
Drain
4
Drain
2
Drain
1
Gate
3
Source
4
Drain
2
Drain
1
Gate
3
Source
Y
= Year
WW
= Work Week
4855N = Device Code
G
= Pb-Free Package
CASE 369AA
DPAK
(Bent Lead)
STYLE 2
CASE 369D
IPAK
(Straight Lead
DPAK)
1 2
3
4
1
2
3
4
CASE 369AC
3 IPAK
(Straight Lead)
1
2
3
4


Similar Part No. - NTD4855N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD4854N ONSEMI-NTD4854N Datasheet
105Kb / 8P
   Power MOSFET 25 V, 128 A, Single N-Channel, DPAK/IPAK
April, 2008 - Rev. 1
NTD4854N-1G ONSEMI-NTD4854N-1G Datasheet
105Kb / 8P
   Power MOSFET 25 V, 128 A, Single N-Channel, DPAK/IPAK
April, 2008 - Rev. 1
NTD4854N-35G ONSEMI-NTD4854N-35G Datasheet
105Kb / 8P
   Power MOSFET 25 V, 128 A, Single N-Channel, DPAK/IPAK
April, 2008 - Rev. 1
NTD4854NT4G ONSEMI-NTD4854NT4G Datasheet
105Kb / 8P
   Power MOSFET 25 V, 128 A, Single N-Channel, DPAK/IPAK
April, 2008 - Rev. 1
NTD4856N ONSEMI-NTD4856N Datasheet
104Kb / 8P
   Power MOSFET 25 V, 89 A, Single N-Channel, DPAK/IPAK
December, 2007 - Rev. 0
More results

Similar Description - NTD4855N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD4856N ONSEMI-NTD4856N Datasheet
104Kb / 8P
   Power MOSFET 25 V, 89 A, Single N-Channel, DPAK/IPAK
December, 2007 - Rev. 0
NTD4857N ONSEMI-NTD4857N Datasheet
94Kb / 8P
   Power MOSFET 25 V, 78 A, Single N-Channel, DPAK/IPAK
December, 2007 - Rev. 0
NTD4858N ONSEMI-NTD4858N Datasheet
105Kb / 8P
   Power MOSFET 25 V, 73 A, Single N-Channel, DPAK/IPAK
December, 2007 - Rev. 0
NTD4863N ONSEMI-NTD4863N Datasheet
105Kb / 8P
   Power MOSFET 25 V, 49 A, Single N-Channel, DPAK/IPAK
December, 2007 - Rev. 0
NTD4863NAT4G ONSEMI-NTD4863NAT4G Datasheet
292Kb / 8P
   Power MOSFET 25 V, 49 A, Single N--Channel, DPAK/IPAK
June, 2010 -- Rev. 2
NTD4854N ONSEMI-NTD4854N Datasheet
105Kb / 8P
   Power MOSFET 25 V, 128 A, Single N-Channel, DPAK/IPAK
April, 2008 - Rev. 1
NTD4865N ONSEMI-NTD4865N Datasheet
105Kb / 8P
   Power MOSFET 25 V, 44 A, Single N-Channel, DPAK/IPAK
April, 2008 - Rev. 1
NTD4809NA-1G ONSEMI-NTD4809NA-1G Datasheet
116Kb / 8P
   25 V, 58 A, Single N- Channel, DPAK/IPAK
June, 2007 - Rev. P2
NTD4809NAT4G ONSEMI-NTD4809NAT4G Datasheet
116Kb / 8P
   25 V, 58 A, Single N- Channel, DPAK/IPAK
June, 2007 - Rev. P2
NTD4860N ONSEMI-NTD4860N Datasheet
99Kb / 8P
   25 V, 65 A, Single N-Channel, DPAK/IPAK
December, 2007 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com