Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTD3813N-1G Datasheet(PDF) 7 Page - ON Semiconductor

Part # NTD3813N-1G
Description  Power MOSFET 16 V, 51 A, Single N-Channel, DPAK/IPAK
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTD3813N-1G Datasheet(HTML) 7 Page - ON Semiconductor

  NTD3813N-1G Datasheet HTML 1Page - ON Semiconductor NTD3813N-1G Datasheet HTML 2Page - ON Semiconductor NTD3813N-1G Datasheet HTML 3Page - ON Semiconductor NTD3813N-1G Datasheet HTML 4Page - ON Semiconductor NTD3813N-1G Datasheet HTML 5Page - ON Semiconductor NTD3813N-1G Datasheet HTML 6Page - ON Semiconductor NTD3813N-1G Datasheet HTML 7Page - ON Semiconductor NTD3813N-1G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
NTD3813N
http://onsemi.com
7
PACKAGE DIMENSIONS
STYLE 2:
PIN 1. GATE
2. DRAIN
3. SOURCE
4. DRAIN
DPAK (SINGLE GAUGE)
CASE 369AA-01
ISSUE A
D
A
B
R
V
S
F
L
2 PL
M
0.13 (0.005)
T
E
C
U
J
-T- SEATING
PLANE
Z
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.235
0.245
5.97
6.22
B
0.250
0.265
6.35
6.73
C
0.086
0.094
2.19
2.38
D
0.025
0.035
0.63
0.89
E
0.018
0.024
0.46
0.61
F
0.030
0.045
0.77
1.14
J
0.018
0.023
0.46
0.58
L
0.090 BSC
2.29 BSC
R
0.180
0.215
4.57
5.45
S
0.024
0.040
0.60
1.01
U
0.020
---
0.51
---
V
0.035
0.050
0.89
1.27
Z
0.155
---
3.93
---
NOTES:
1. DIMENSIONING AND TOLERANCING
PER ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
12
3
4
H
0.386
0.410
9.80
10.40
H
5.80
0.228
2.58
0.101
1.6
0.063
6.20
0.244
3.0
0.118
6.172
0.243
mm
inches
SCALE 3:1
*For additional information on our Pb-Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*


Similar Part No. - NTD3813N-1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD3817N ONSEMI-NTD3817N Datasheet
100Kb / 8P
   Power MOSFET 16 V, 34.5 A, Single N-Channel, DPAK/IPAK
December, 2007 - Rev. 0
NTD3817N-1G ONSEMI-NTD3817N-1G Datasheet
100Kb / 8P
   Power MOSFET 16 V, 34.5 A, Single N-Channel, DPAK/IPAK
December, 2007 - Rev. 0
NTD3817N-35G ONSEMI-NTD3817N-35G Datasheet
100Kb / 8P
   Power MOSFET 16 V, 34.5 A, Single N-Channel, DPAK/IPAK
December, 2007 - Rev. 0
NTD3817NT4G ONSEMI-NTD3817NT4G Datasheet
100Kb / 8P
   Power MOSFET 16 V, 34.5 A, Single N-Channel, DPAK/IPAK
December, 2007 - Rev. 0
More results

Similar Description - NTD3813N-1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD3808N ONSEMI-NTD3808N Datasheet
99Kb / 7P
   Power MOSFET 16 V, 76 A, Single N-Channel, DPAK/IPAK
December, 2007 - Rev. 0
NTD3817N ONSEMI-NTD3817N Datasheet
100Kb / 8P
   Power MOSFET 16 V, 34.5 A, Single N-Channel, DPAK/IPAK
December, 2007 - Rev. 0
NTD4804N ONSEMI-NTD4804N Datasheet
280Kb / 8P
   Power MOSFET 30 V, 117 A, Single N--Channel, DPAK/IPAK
June, 2010 -- Rev. 6
NTD4810N ONSEMI-NTD4810N Datasheet
299Kb / 8P
   Power MOSFET 30 V, 54 A, Single N--Channel, DPAK/IPAK
June, 2010 -- Rev. 8
NTD4815NH ONSEMI-NTD4815NH Datasheet
89Kb / 8P
   Power MOSFET 30 V, 35 A, Single N-Channel, DPAK/IPAK
December, 2006 ??Rev. 0
NTD4856N ONSEMI-NTD4856N Datasheet
104Kb / 8P
   Power MOSFET 25 V, 89 A, Single N-Channel, DPAK/IPAK
December, 2007 - Rev. 0
NTD4855N ONSEMI-NTD4855N Datasheet
99Kb / 8P
   Power MOSFET 25 V, 98 A, Single N-Channel, DPAK/IPAK
April, 2008 - Rev. 1
NTD4808N ONSEMI-NTD4808N Datasheet
326Kb / 8P
   Power MOSFET 30 V, 63 A, Single N--Channel, DPAK/IPAK
June, 2010 -- Rev. 5
NTD4813N ONSEMI-NTD4813N Datasheet
308Kb / 8P
   Power MOSFET 30 V, 40 A, Single N--Channel, DPAK/IPAK
June, 2010 -- Rev. 6
NTD4806N ONSEMI-NTD4806N Datasheet
297Kb / 8P
   Power MOSFET 30 V, 76 A, Single N--Channel, DPAK/IPAK
June, 2010 -- Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com