Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CZRL5248B-G Datasheet(PDF) 3 Page - Comchip Technology

Part # CZRL5248B-G
Description  Surface Mount Zener Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CZRL5248B-G Datasheet(HTML) 3 Page - Comchip Technology

  CZRL5248B-G Datasheet HTML 1Page - Comchip Technology CZRL5248B-G Datasheet HTML 2Page - Comchip Technology CZRL5248B-G Datasheet HTML 3Page - Comchip Technology CZRL5248B-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RATING AND CHARACTERISTIC CURVES (CZRL5225-G Thru. CZRL5267-G)
Page 3
QW-BZ010
Fig.1 Admissible power dissipation vs.
ambient temperature
0
O
TA, Ambient Temperature (
C)
0
100
200
300
500
Surface Mount Zener Diodes
100
200
400
SMD Diodes Specialist
Suggested PAD Layout
Standard Package
Case Type
Qty per Reel
(Pcs)
2500
Reel Size
(inch)
7
SIZE
(inch)
0.134
(mm)
3.40
1.30
1.70
0.051
0.067
5.10
0.201
E
1.70
0.067
B
C
D
A
A
B
C
E
D
Mini-MELF (SOD-80)
Mini-MELF (SOD-80)
REV:B


Similar Part No. - CZRL5248B-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRL5248B COMCHIP-CZRL5248B Datasheet
56Kb / 3P
   Surface Mount Zener Diodes
More results

Similar Description - CZRL5248B-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
   Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
   Surface Mount Zener Diodes
logo
Pan Jit International I...
BZM55-C2V4 PANJIT-BZM55-C2V4 Datasheet
75Kb / 3P
   SURFACE MOUNT ZENER DIODES
GLZ2.0 PANJIT-GLZ2.0 Datasheet
111Kb / 4P
   SURFACE MOUNT ZENER DIODES
GLZJ2.0 PANJIT-GLZJ2.0 Datasheet
151Kb / 5P
   SURFACE MOUNT ZENER DIODES
GMZJ2.0 PANJIT-GMZJ2.0 Datasheet
159Kb / 5P
   SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
BZT52C2V4 WEITRON-BZT52C2V4 Datasheet
106Kb / 3P
   Surface Mount Zener Diodes
ZS4728A WEITRON-ZS4728A Datasheet
337Kb / 3P
   Surface Mount Zener Diodes
ZMM55C WEITRON-ZMM55C Datasheet
332Kb / 4P
   Surface Mount Zener Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com