Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CZRT5237B-G Datasheet(PDF) 1 Page - Comchip Technology

Part # CZRT5237B-G
Description  SMD Zener Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CZRT5237B-G Datasheet(HTML) 1 Page - Comchip Technology

  CZRT5237B-G Datasheet HTML 1Page - Comchip Technology CZRT5237B-G Datasheet HTML 2Page - Comchip Technology CZRT5237B-G Datasheet HTML 3Page - Comchip Technology CZRT5237B-G Datasheet HTML 4Page - Comchip Technology CZRT5237B-G Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SMD Zener Diode
Voltage: 2.4 to 39 Volts
Power: 350 mWatts
RoHS Device
Page 1
REV:C
Features
Planar die construction
350mW power dissipation on FR-4 PCB
Ideally suited for automated assembly
process
General purpose, medium current
Mechanical data
Case: SOT-23, Molded plastic
Terminals: Solderable per MIL-STD-
202G,method 208
Polarity: See diagram below
Mounting position: Any
Marking: see table on page2
CZRT5221B-GThru CZRT5267B-G
Parameter
Symbol
Value
Unit
Electrical Characteristics (TA=25°C, unless otherwise specified)
0.9
V
VF
Forward voltage drop at IF=10mA
Power dissipation (Notes A),TA = 25°C
350
PD
mW
QW-BZ013
Single
357
oC/W
RθJA
Thermal resistance, junction to ambient air (Notes A)
Operating junction and storage temperature range
-65 to +150
TJ
OC
Notes:
A. Valid provided that device terminals are kept at ambient temperature.
B. Tested with pulses, Tp≤1.0mS.
SMD Diodes Specialist
COMCHIP
Comchip Technology CO., LTD.
Dimensions in inches and (millimeter)
SOT-23
3
1
2
0.119(3.00)
0.110(2.80)
0.056(1.40)
0.047(1.20)
0.079(2.00)
0.071(1.80)
0.041(1.05)
0.035(0.90)
0.020(0.50)
0.012(0.30)
0.006(0.15)
0.002(0.05)
0.100(2.55)
0.089(2.25)
0.004(0.10) max
0.008(0.20) min
Weight: 0.0078 gram(approx.).


Similar Part No. - CZRT5237B-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRT5237B-HF COMCHIP-CZRT5237B-HF Datasheet
85Kb / 5P
   SMD Zener Diode
CZRT5237B-HF COMCHIP-CZRT5237B-HF Datasheet
117Kb / 5P
   SMD Zener Diode
More results

Similar Description - CZRT5237B-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ACZRV5223B-HF COMCHIP-ACZRV5223B-HF Datasheet
132Kb / 5P
   SMD Zener Diode
CZRB3005-G COMCHIP-CZRB3005-G Datasheet
92Kb / 6P
   SMD Zener Diode
CZRC5340B-G COMCHIP-CZRC5340B-G Datasheet
130Kb / 6P
   SMD Zener Diode
CZRA4731B-HF COMCHIP-CZRA4731B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4733B-HF COMCHIP-CZRA4733B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4746B-HF COMCHIP-CZRA4746B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4749B-HF COMCHIP-CZRA4749B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4754B-HF COMCHIP-CZRA4754B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4755-G COMCHIP-CZRA4755-G Datasheet
277Kb / 6P
   SMD Zener Diode
logo
Formosa MS
MMSZ5221BS-FL FORMOSA-MMSZ5221BS-FL Datasheet
194Kb / 9P
   SMD Zener Diode
logo
Comchip Technology
CZRB5366B-HF COMCHIP-CZRB5366B-HF Datasheet
125Kb / 6P
   SMD Zener Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com