Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CZRL5234B-G Datasheet(PDF) 1 Page - Comchip Technology

Part # CZRL5234B-G
Description  Surface Mount Zener Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CZRL5234B-G Datasheet(HTML) 1 Page - Comchip Technology

  CZRL5234B-G Datasheet HTML 1Page - Comchip Technology CZRL5234B-G Datasheet HTML 2Page - Comchip Technology CZRL5234B-G Datasheet HTML 3Page - Comchip Technology CZRL5234B-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CZRL5225-G Thru. CZRL5267-G
Voltage: 3.0 ~ 75V
Power Dissipation: 500mW
RoHS Device
Surface Mount Zener Diodes
QW-BZ010
Page 1
Symbol
Parameter
Value
Unit
O
Electrical Characteristics (at TA=25
C unless otherwise noted)
Features
-Silicon planar power Zener diodes.
-For use in stabilizing and clipping circuits with
higher power rating.
-Standard Zener voltage tolerance is ±5% with a "B"
suffix.
Mechanical Data:
-Case: MiniMELF glass case (SOD-80)
-Weight: approx. 0.05g
Dimensions in inches and (millimeter)
MiniMELF (SOD-80)
Zener current (See table "Characteristics)
Power dissipation at TA=25°C
Thermal resistance, junction to ambient air
Junction temperature
Storage temperature range
0.020(0.50)
0.012(0.30)
0.063(1.60)
0.055(1.40)
0.146(3.70)
0.134(3.40)
Ptot
RθJA
TJ
TSTG
500
(1)
175
-65 to +150
mW
°C/W
°C
°C
Note: Valid provided that electrodes are kept at ambient temperature.
SMD Diodes Specialist
300
(1)
REV:B


Similar Part No. - CZRL5234B-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRL5234B COMCHIP-CZRL5234B Datasheet
56Kb / 3P
   Surface Mount Zener Diodes
More results

Similar Description - CZRL5234B-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
   Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
   Surface Mount Zener Diodes
logo
Pan Jit International I...
BZM55-C2V4 PANJIT-BZM55-C2V4 Datasheet
75Kb / 3P
   SURFACE MOUNT ZENER DIODES
GLZ2.0 PANJIT-GLZ2.0 Datasheet
111Kb / 4P
   SURFACE MOUNT ZENER DIODES
GLZJ2.0 PANJIT-GLZJ2.0 Datasheet
151Kb / 5P
   SURFACE MOUNT ZENER DIODES
GMZJ2.0 PANJIT-GMZJ2.0 Datasheet
159Kb / 5P
   SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
BZT52C2V4 WEITRON-BZT52C2V4 Datasheet
106Kb / 3P
   Surface Mount Zener Diodes
ZS4728A WEITRON-ZS4728A Datasheet
337Kb / 3P
   Surface Mount Zener Diodes
ZMM55C WEITRON-ZMM55C Datasheet
332Kb / 4P
   Surface Mount Zener Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com