Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSB13211DW6T1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NSB13211DW6T1G
Description  Dual Complementary Bias Resistor Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSB13211DW6T1G Datasheet(HTML) 3 Page - ON Semiconductor

  NSB13211DW6T1G Datasheet HTML 1Page - ON Semiconductor NSB13211DW6T1G Datasheet HTML 2Page - ON Semiconductor NSB13211DW6T1G Datasheet HTML 3Page - ON Semiconductor NSB13211DW6T1G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
NSB13211DW6T1G
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS - Q2 (NPN BRT) (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector-Base Cutoff Current
(VCB = 50 V, IE = 0)
ICBO
-
-
100
nAdc
Collector-Emitter Cutoff Current
(VCE = 50 V, IB = 0)
ICEO
-
-
500
nAdc
Emitter-Base Cutoff Current
(VEB = 6.0 V, IC = 0)
IEBO
-
-
0.5
mAdc
Collector-Base Breakdown Voltage
(IC = 10 mA, IE = 0)
V(BR)CBO
50
-
-
Vdc
Collector-Emitter Breakdown Voltage (Note 3)
(IC = 2.0 mA, IB = 0)
V(BR)CEO
50
-
-
Vdc
ON CHARACTERISTICS (Note 3)
DC Current Gain
(VCE = 10 V, IC = 5.0 mA)
hFE
35
60
-
Collector-Emitter Saturation Voltage
(IC = 10 mA, IB = 0.3 mA)
VCE(sat)
-
-
0.25
Vdc
Output Voltage (on)
(VCC = 5.0 V, VB = 2.5 V, RL = 1.0 kW)
VOL
-
-
0.2
Vdc
Output Voltage (off)
(VCC = 5.0 V, VB = 0.5 V, RL = 1.0 kW)
VOH
4.9
-
-
Vdc
Input Resistor
R1
7.0
10
13
k
W
Resistor Ratio
R1/R2
0.8
1.0
1.2
3. Pulse Test: Pulse Width < 300
ms, Duty Cycle < 2.0%


Similar Part No. - NSB13211DW6T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSB13ANT3G ONSEMI-NSB13ANT3G Datasheet
90Kb / 6P
   600 Watt Peak Power Zener Transient Voltage Suppressor
December, 2007 - Rev. 0
More results

Similar Description - NSB13211DW6T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN5314DW1 ONSEMI-MUN5314DW1 Datasheet
180Kb / 10P
   Complementary Bias Resistor Transistors
March, 2016 ??Rev. 5
MUN5333DW1 ONSEMI-MUN5333DW1_16 Datasheet
101Kb / 10P
   Complementary Bias Resistor Transistors
September, 2016 ??Rev. 4
MUN5335DW1 ONSEMI-MUN5335DW1 Datasheet
172Kb / 10P
   Complementary Bias Resistor Transistors
March, 2016 ??Rev. 3
MUN5316DW1 ONSEMI-MUN5316DW1 Datasheet
82Kb / 7P
   Complementary Bias Resistor Transistors
March, 2016 ??Rev. 3
NSBC114YPDXV6T5G ONSEMI-NSBC114YPDXV6T5G Datasheet
147Kb / 10P
   Complementary Bias Resistor Transistors
September, 2012 ??Rev. 0
NSBC115TPDP6 ONSEMI-NSBC115TPDP6 Datasheet
106Kb / 6P
   Complementary Bias Resistor Transistors
September, 2012 ??Rev. 0
MUN5331DW1 ONSEMI-MUN5331DW1 Datasheet
80Kb / 7P
   Complementary Bias Resistor Transistors
November, 2014 ??Rev. 1
MUN5333DW1 ONSEMI-MUN5333DW1 Datasheet
97Kb / 10P
   Complementary Bias Resistor Transistors
January, 2015 ??Rev. 2
MUN5334DW1 ONSEMI-MUN5334DW1 Datasheet
147Kb / 7P
   Complementary Bias Resistor Transistors
September, 2012 ??Rev. 0
MUN5313DW1 ONSEMI-MUN5313DW1 Datasheet
137Kb / 10P
   Complementary Bias Resistor Transistors
November, 2012 ??Rev. 1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com