Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NP1300SAMCT3G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NP1300SAMCT3G
Description  50A, Ultra Low Capacitance TSPD
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NP1300SAMCT3G Datasheet(HTML) 5 Page - ON Semiconductor

  NP1300SAMCT3G Datasheet HTML 1Page - ON Semiconductor NP1300SAMCT3G Datasheet HTML 2Page - ON Semiconductor NP1300SAMCT3G Datasheet HTML 3Page - ON Semiconductor NP1300SAMCT3G Datasheet HTML 4Page - ON Semiconductor NP1300SAMCT3G Datasheet HTML 5Page - ON Semiconductor NP1300SAMCT3G Datasheet HTML 6Page - ON Semiconductor NP1300SAMCT3G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
NP−SAMC Series
http://onsemi.com
5
and shorts the transient to ground, safely protecting the
circuit.
Figure 4. Normal and Fault Conditions
Protected
Equipment
+
+
V(OP)
I(OP)
TSPD
Normal Circuit Operation
Protected
Equipment
+
+
V(Fault)
I(Fault)
TSPD
Operation during a Fault
I(Fault)
•TSPD looks like an open
•Circuit operates normally
•Fault voltage greater than Vbo occurs
•TSPD shorts fault to ground
•After short duration events the O/V
switches back to an open condition
•Worst case (Fail/Safe)
•O/V permanent short
•Equipment protected
The electrical characteristics of the TSPD help the user to
define the protection threshold for the circuit. During the
open circuit condition the device must remain transparent;
this is defined by the IDRM. The IDRM should be as low as
possible. The typical value is less than 5
mA.
The circuit operating voltage and protection voltage must
be understood and considered during circuit design. The
V(BO)is the guaranteed maximum voltage that the protected
circuit will see, this is also known as the protection voltage.
The VDRM is the guaranteed maximum voltage that will
keep the TSPD in its normal open circuit state. The TSPD
V(BO) is typically a 20−30% higher than the VDRM. Based
on these characteristics it is critical to choose devices which
have a VDRM higher than the normal circuit operating
voltage, and a V(BO) which is less than the failure threshold
of the protected equipment circuit. A low on−state voltage
Vt allows the TSPD to conduct large amounts of surge
current (500 A) in a small package size.
Once a transient surge has passed and the operating
voltage and currents have dropped to their normal level the
TSPD changes back to its open circuit state.
Normal System
Operating Voltage
Equipment Failure Threshold
Time
Transient Surge
TSPD Protection
(short)
Figure 5. Protection During a Transient Surge
TSPD Transparent
(open)
TSPD Transparent
(open)
TSPD Protection Voltage
Upper Limit
TSPD’s are useful in helping designers meet safety and
regulatory standards in Telecom equipment including
GR−1089−CORE, ITU−K.20, ITU−K.21, ITU−K.45, FCC
Part 68, UL1950, and EN 60950.
ON Semiconductor offers a full range of these products in
the NP series product line.
DEVICE SELECTION
When selecting a TSPD use the following key selection
parameters.
Off−State Voltage VDRM
Choose a TSPD that has an Off−State Voltage greater than
the normal system operating voltage. The protector should
not operate under these conditions:
Example:
Vbat = 48 Vmax
Vring = 150 Vrms = 150*1.414 = 212 V peak
VDRM should be greater than the peak value of these two
components:
VDRM > 212 + 48 = 260 VDRM
Breakover Voltage V(BO)
Verify that the TSPD Breakover Voltage is a value less
than the peak voltage rating of the circuit it is protecting.
Example: Relay breakdown voltage, SLIC maximum
voltage, or coupling capacitor maximum rated voltage.
Peak Pulse Current Ipps
Choose a Peak Pulse current value which will exceed the
anticipated surge currents in testing. In some cases the 100 A
“C” series device may be needed when little or no series
resistance is used. When a series current limiter is used in the
circuit a lower current level of “A” or “B” may be used. To
determine the peak current divide the maximum surge
current by the series resistance.
Hold Current (IH)
The Hold Current must be greater than the maximum
system generated current. If it is not then the TSPD will
remain in a shorted condition, even after a transient event
has passed.


Similar Part No. - NP1300SAMCT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NP1300SAT3G ONSEMI-NP1300SAT3G Datasheet
52Kb / 5P
   Thyristor Surge Protectors High Voltage Bidirectional
November, 2006 ??Rev. 0
More results

Similar Description - NP1300SAMCT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NP0640SCMCT3G ONSEMI-NP0640SCMCT3G Datasheet
139Kb / 7P
   100A, Ultra Low Capacitance TSPD
April, 2009 ??Rev. 3
NP0640SBMCT3G ONSEMI-NP0640SBMCT3G Datasheet
135Kb / 7P
   80A, Ultra Low Capacitance TSPD
September, 2008 ??Rev. 1
logo
Yea Shin Technology Co....
YSULCXXDT3 YEASHIN-YSULCXXDT3 Datasheet
188Kb / 3P
   ULTRA LOW CAPACITANCE
logo
SeCoS Halbleitertechnol...
SGESD2201-33 SECOS-SGESD2201-33 Datasheet
232Kb / 3P
   Ultra Low Capacitance
logo
MORNSUN Science& Techno...
QA2401C-20 MORNSUN-QA2401C-20 Datasheet
1,020Kb / 4P
   Ultra low isolation capacitance
logo
NXP Semiconductors
PESD5V0L1BSF NXP-PESD5V0L1BSF Datasheet
167Kb / 13P
   Ultra low profile bidirectional low capacitance
Rev. 1-18 February 2011
logo
Protek Devices
PAM19DF2L0521P PROTEC-PAM19DF2L0521P Datasheet
473Kb / 6P
   ULTRA LOW CAPACITANCE TVS ARRAY
logo
Alpha & Omega Semicondu...
AOZ8804A AOSMD-AOZ8804A Datasheet
574Kb / 11P
   Ultra-Low Capacitance TVS Diode
AOZ8818 AOSMD-AOZ8818 Datasheet
375Kb / 8P
   Ultra-Low Capacitance TVS Diode
logo
Protek Devices
PDLC05 PROTEC-PDLC05_12 Datasheet
597Kb / 5P
   ULTRA LOW CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com