Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLX3G16CMX1TCG Datasheet(PDF) 1 Page - ON Semiconductor

Part # NLX3G16CMX1TCG
Description  Triple Non-Inverting Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLX3G16CMX1TCG Datasheet(HTML) 1 Page - ON Semiconductor

  NLX3G16CMX1TCG Datasheet HTML 1Page - ON Semiconductor NLX3G16CMX1TCG Datasheet HTML 2Page - ON Semiconductor NLX3G16CMX1TCG Datasheet HTML 3Page - ON Semiconductor NLX3G16CMX1TCG Datasheet HTML 4Page - ON Semiconductor NLX3G16CMX1TCG Datasheet HTML 5Page - ON Semiconductor NLX3G16CMX1TCG Datasheet HTML 6Page - ON Semiconductor NLX3G16CMX1TCG Datasheet HTML 7Page - ON Semiconductor NLX3G16CMX1TCG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2008
November, 2008 − Rev. 0
1
Publication Order Number:
NLX3G16/D
NLX3G16
Triple Non-Inverting Buffer
The NLX3G16 MiniGate
t is an advanced high−speed CMOS
triple non−inverting buffer in ultra−small footprint.
The NLX3G16 input and output structures provide protection when
voltages up to 7.0 V are applied, regardless of the supply voltage.
Features
High Speed: tPD = 1.8 ns (Typ) @ VCC = 5.0 V
Designed for 1.65 V to 5.5 V VCC Operation
Low Power Dissipation: ICC = 1 mA (Max) at TA = 25°C
24 mA Balanced Output Source and Sink Capability
Balanced Propagation Delays
Overvoltage Tolerant (OVT) Input and Output Pins
Ultra−Small Packages
These are Pb−Free Devices
IN A2
OUT Y2
1
OUT Y2
IN A1
GND
OUT Y1
IN A2
Figure 1. Pinout (Top View)
Figure 2. Logic Symbol
VCC
IN A1
OUT Y1
1
1
2
3
4
8
7
6
5
OUT Y3
IN A3
IN A3
OUT Y3
1
MARKING
DIAGRAMS
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 5 of this data sheet.
ORDERING INFORMATION
PIN ASSIGNMENT
1
2
3IN A2
IN A1
OUT Y3
4
5
OUT Y2
GND
FUNCTION TABLE
L
H
AY
L
H
6IN A3
J or AD = Specific Device Code
M
= Date Code
G
= Pb−Free Package
7
OUT Y1
8VCC
1
ULLGA8
1.45 x 1.0
CASE 613AA
1
ULLGA8
1.6 x 1.0
CASE 613AB
1
ULLGA8
1.95 x 1.0
CASE 613AC
JM
ADM
G
ADM
G


Similar Part No. - NLX3G16CMX1TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLX3G16 ONSEMI-NLX3G16 Datasheet
72Kb / 8P
   Triple Non-Inverting Buffer
July, 2016 ??Rev. 2
NLX3G16DMUTCG ONSEMI-NLX3G16DMUTCG Datasheet
72Kb / 8P
   Triple Non-Inverting Buffer
July, 2016 ??Rev. 2
NLX3G16EMUTCG ONSEMI-NLX3G16EMUTCG Datasheet
72Kb / 8P
   Triple Non-Inverting Buffer
July, 2016 ??Rev. 2
NLX3G16FMUTCG ONSEMI-NLX3G16FMUTCG Datasheet
72Kb / 8P
   Triple Non-Inverting Buffer
July, 2016 ??Rev. 2
NLX3G16 ONSEMI-NLX3G16_16 Datasheet
72Kb / 8P
   Triple Non-Inverting Buffer
July, 2016 ??Rev. 2
More results

Similar Description - NLX3G16CMX1TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLX3G16 ONSEMI-NLX3G16_16 Datasheet
72Kb / 8P
   Triple Non-Inverting Buffer
July, 2016 ??Rev. 2
NLU3G16 ONSEMI-NLU3G16 Datasheet
99Kb / 8P
   Triple Non-Inverting Buffer
March, 2008 - Rev. 2
NLU3G16 ONSEMI-NLU3G16_16 Datasheet
83Kb / 9P
   Triple Non-Inverting Buffer
July, 2016 ??Rev. 5
NLU3G17 ONSEMI-NLU3G17 Datasheet
102Kb / 8P
   Triple Non-Inverting Schmitt-Trigger Buffer
March, 2008 - Rev. 2
NLX3G17 ONSEMI-NLX3G17 Datasheet
100Kb / 8P
   Triple Non-Inverting Schmitt-Trigger Buffer
March, 2008 - Rev. P1
NLU3G17 ONSEMI-NLU3G17_16 Datasheet
79Kb / 8P
   Triple Non-Inverting Schmitt-Trigger Buffer
July, 2016 ??Rev. 4
logo
Fairchild Semiconductor
CD4049UBC FAIRCHILD-CD4049UBC_02 Datasheet
73Kb / 7P
   Hex Inverting Buffer Hex Non-Inverting Buffer
logo
National Semiconductor ...
CD4049UBM NSC-CD4049UBM Datasheet
129Kb / 6P
   Hex Inverting,Non-Inverting Buffer
logo
Fairchild Semiconductor
CD4049UBC FAIRCHILD-CD4049UBC Datasheet
63Kb / 7P
   Hex Inverting Buffer . Hex Non-Inverting Buffer
CD4050BCMX FAIRCHILD-CD4050BCMX Datasheet
74Kb / 7P
   Hex Inverting Buffer ??Hex Non-Inverting Buffer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com