Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLX2GU04AMX1TCG Datasheet(PDF) 7 Page - ON Semiconductor

Part # NLX2GU04AMX1TCG
Description  Dual Unbuffered Inverter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLX2GU04AMX1TCG Datasheet(HTML) 7 Page - ON Semiconductor

  NLX2GU04AMX1TCG Datasheet HTML 1Page - ON Semiconductor NLX2GU04AMX1TCG Datasheet HTML 2Page - ON Semiconductor NLX2GU04AMX1TCG Datasheet HTML 3Page - ON Semiconductor NLX2GU04AMX1TCG Datasheet HTML 4Page - ON Semiconductor NLX2GU04AMX1TCG Datasheet HTML 5Page - ON Semiconductor NLX2GU04AMX1TCG Datasheet HTML 6Page - ON Semiconductor NLX2GU04AMX1TCG Datasheet HTML 7Page - ON Semiconductor NLX2GU04AMX1TCG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
NLX2GU04
http://onsemi.com
7
PACKAGE DIMENSIONS
ULLGA6 1.2x1.0, 0.4P
CASE 613AE-01
ISSUE A
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION b APPLIES TO PLATED TERMINAL
AND IS MEASURED BETWEEN 0.15 AND
0.30 mm FROM THE TERMINAL TIP.
4. A MAXIMUM OF 0.05 PULL BACK OF THE
PLATED TERMINAL FROM THE EDGE OF THE
PACKAGE IS ALLOWED.
A
B
E
D
BOTTOM VIEW
b
e
6X
0.10
B
0.05
A
C
C
L
5X
NOTE 3
0.10 C
PIN ONE
REFERENCE
TOP VIEW
0.10 C
6X
A
A1
0.05 C
0.05 C
C
SEATING
PLANE
SIDE VIEW
L1
1
3
4
6
DIM
MIN
MAX
MILLIMETERS
A
---
0.40
A1
0.00
0.05
b
0.15
0.25
D
1.20 BSC
E
1.00 BSC
e
0.40 BSC
L
0.25
0.35
L1
0.35
0.45
NOTE 4
SOLDERMASK DEFINED*
DIMENSIONS: MILLIMETERS
0.26
5X
0.49
6X
1.24
0.53
PITCH
*For additional information on our Pb-Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
0.40
1
MOUNTING FOOTPRINT
PKG
OUTLINE


Similar Part No. - NLX2GU04AMX1TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLX2G00 ONSEMI-NLX2G00 Datasheet
142Kb / 7P
   Dual 2-Input NAND Gate
December, 2009 ??Rev. 0
NLX2G00AMX1TCG ONSEMI-NLX2G00AMX1TCG Datasheet
142Kb / 7P
   Dual 2-Input NAND Gate
December, 2009 ??Rev. 0
NLX2G00BMX1TCG ONSEMI-NLX2G00BMX1TCG Datasheet
142Kb / 7P
   Dual 2-Input NAND Gate
December, 2009 ??Rev. 0
NLX2G00CMX1TCG ONSEMI-NLX2G00CMX1TCG Datasheet
142Kb / 7P
   Dual 2-Input NAND Gate
December, 2009 ??Rev. 0
NLX2G02 ONSEMI-NLX2G02 Datasheet
144Kb / 7P
   Dual 2-Input NOR Gate
December, 2009 ??Rev. 0
More results

Similar Description - NLX2GU04AMX1TCG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC2GU04 NXP-74HC2GU04 Datasheet
93Kb / 15P
   Dual unbuffered inverter
Rev. 01-6 October 2006
logo
Nexperia B.V. All right...
74LVC2GU04 NEXPERIA-74LVC2GU04 Datasheet
252Kb / 15P
   Dual unbuffered inverter
Rev. 13 - 20 January 2022
74HC2GU04_Q100 NEXPERIA-74HC2GU04_Q100 Datasheet
239Kb / 15P
   Dual unbuffered inverter
Rev. 3 - 4 February 2022
74HC2GU04-Q100 NEXPERIA-74HC2GU04-Q100 Datasheet
760Kb / 16P
   Dual unbuffered inverter
logo
NXP Semiconductors
74HC2GU04 PHILIPS-74HC2GU04_15 Datasheet
169Kb / 16P
   Dual unbuffered inverter
Rev. 2-20 August 2014
logo
ON Semiconductor
NLU2GU04 ONSEMI-NLU2GU04 Datasheet
145Kb / 8P
   Dual Unbuffered Inverter
August, 2009 ??Rev. 3
logo
Nexperia B.V. All right...
74LVC2GU04-Q100 NEXPERIA-74LVC2GU04-Q100 Datasheet
226Kb / 13P
   Dual unbuffered inverter
74HC2GU04 NEXPERIA-74HC2GU04 Datasheet
239Kb / 15P
   Dual unbuffered inverter
Rev. 3 - 4 February 2022
logo
ON Semiconductor
NLU2GU04 ONSEMI-NLU2GU04_16 Datasheet
76Kb / 8P
   Dual Unbuffered Inverter
July, 2016 ??Rev. 5
NL27WZU04 ONSEMI-NL27WZU04_12 Datasheet
122Kb / 6P
   Dual Unbuffered Inverter
June, 2012 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com