Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLX2G86 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NLX2G86
Description  Dual 2-Input Exclusive-OR Gate
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLX2G86 Datasheet(HTML) 1 Page - ON Semiconductor

  NLX2G86 Datasheet HTML 1Page - ON Semiconductor NLX2G86 Datasheet HTML 2Page - ON Semiconductor NLX2G86 Datasheet HTML 3Page - ON Semiconductor NLX2G86 Datasheet HTML 4Page - ON Semiconductor NLX2G86 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2009
April, 2009 − Rev. 0
1
Publication Order Number:
NLX2G86/D
NLX2G86
Dual 2-Input Exclusive-OR
Gate
The NLX2G86 is a high performance dual 2−input Exclusive−OR
Gate operating from a 1.65 V to 5.5 V supply.
Features
Extremely High Speed: tPD 2.4 ns (typical) at VCC = 5.0 V
Designed for 1.65 V to 5.5 V VCC Operation
Over Voltage Tolerant Inputs and Outputs
LVTTL Compatible − Interface Capability With 5.0 V TTL Logic
with VCC = 3.0 V
LVCMOS Compatible
24 mA Balanced Output Sink and Source Capability
Near Zero Static Supply Current Substantially Reduces System
Power Requirements
Replacement for NC7WZ86
This is a Pb−Free Device
A2
Y2
Figure 1. Pinout (Top View)
Figure 2. Logic Symbol
= 1
Y1
A1
B2
B1
Input
FUNCTION TABLE
B
L
H
L
H
Output
Y = A + B
Y
L
H
H
L
A
L
L
H
H
A1
1
VCC
B1
GND
23
8
76
4
5
Y2
Y1
B2
A2
PIN ASSIGNMENT
Pin
1
2
3
4
5
6
7
8
Function
Y1
B2
A2
GND
Y2
B1
A1
VCC
See detailed ordering and shipping information in the package
dimensions section on page 4 of this data sheet.
ORDERING INFORMATION
MARKING
DIAGRAM
http://onsemi.com
UQFN8
MU SUFFIX
CASE 523AN
AC= Device Code
M = Date Code*
G = Pb−Free Package
(Note: Microdot may be in either location)
1
8
AC MG
G
1


Similar Part No. - NLX2G86

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLX2G00 ONSEMI-NLX2G00 Datasheet
142Kb / 7P
   Dual 2-Input NAND Gate
December, 2009 ??Rev. 0
NLX2G00AMX1TCG ONSEMI-NLX2G00AMX1TCG Datasheet
142Kb / 7P
   Dual 2-Input NAND Gate
December, 2009 ??Rev. 0
NLX2G00BMX1TCG ONSEMI-NLX2G00BMX1TCG Datasheet
142Kb / 7P
   Dual 2-Input NAND Gate
December, 2009 ??Rev. 0
NLX2G00CMX1TCG ONSEMI-NLX2G00CMX1TCG Datasheet
142Kb / 7P
   Dual 2-Input NAND Gate
December, 2009 ??Rev. 0
NLX2G02 ONSEMI-NLX2G02 Datasheet
144Kb / 7P
   Dual 2-Input NOR Gate
December, 2009 ??Rev. 0
More results

Similar Description - NLX2G86

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC2G86 NXP-74LVC2G86 Datasheet
87Kb / 15P
   Dual 2-input EXCLUSIVE-OR gate
Rev. 05-7 September 2007
logo
Texas Instruments
SN74AUC2G86 TI-SN74AUC2G86 Datasheet
231Kb / 10P
[Old version datasheet]   DUAL 2-INPUT EXCLUSIVE-OR GATE
logo
Nexperia B.V. All right...
74LVC2G86 NEXPERIA-74LVC2G86 Datasheet
285Kb / 18P
   Dual 2-input EXCLUSIVE-OR gate
Rev. 15 - 21 June 2022
logo
NXP Semiconductors
74HC2G86 PHILIPS-74HC2G86 Datasheet
85Kb / 17P
   Dual 2-input exclusive-OR gate
2003 Jul 28
74LVC2G86 PHILIPS-74LVC2G86 Datasheet
82Kb / 15P
   Dual 2-input exclusive-OR gate
Rev. 03-7 February 2005
logo
Texas Instruments
SN74LVC2G86 TI1-SN74LVC2G86 Datasheet
918Kb / 17P
[Old version datasheet]   Dual 2-Input Exclusive-OR Gate
logo
Nexperia B.V. All right...
74LVC2G86-Q100 NEXPERIA-74LVC2G86-Q100 Datasheet
785Kb / 14P
   Dual 2-input EXCLUSIVE-OR gate
logo
ON Semiconductor
NL27WZ86 ONSEMI-NL27WZ86_V01 Datasheet
353Kb / 9P
   Dual 2-Input Exclusive-OR Gate
October, 2020 - Rev. 9
logo
Diodes Incorporated
74LVC2G86 DIODES-74LVC2G86 Datasheet
510Kb / 11P
   DUAL 2-INPUT EXCLUSIVE-OR GATE
logo
STMicroelectronics
74V2G86 STMICROELECTRONICS-74V2G86 Datasheet
132Kb / 7P
   DUAL 2-INPUT EXCLUSIVE OR GATE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com