Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLX2G06AMX1TCG Datasheet(PDF) 3 Page - ON Semiconductor

Part # NLX2G06AMX1TCG
Description  Dual Inverter, Open Drain
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLX2G06AMX1TCG Datasheet(HTML) 3 Page - ON Semiconductor

  NLX2G06AMX1TCG Datasheet HTML 1Page - ON Semiconductor NLX2G06AMX1TCG Datasheet HTML 2Page - ON Semiconductor NLX2G06AMX1TCG Datasheet HTML 3Page - ON Semiconductor NLX2G06AMX1TCG Datasheet HTML 4Page - ON Semiconductor NLX2G06AMX1TCG Datasheet HTML 5Page - ON Semiconductor NLX2G06AMX1TCG Datasheet HTML 6Page - ON Semiconductor NLX2G06AMX1TCG Datasheet HTML 7Page - ON Semiconductor NLX2G06AMX1TCG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NLX2G06
http://onsemi.com
3
DC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Conditions
VCC
(V)
TA = 25 5C
TA = +855C
TA = -555C to
+125
5C
Unit
Min
Typ
Max
Min
Max
Min
Max
VIH
Low-Level
Input
Voltage
1.65-1.95
0.75 x
VCC
0.75 x
VCC
0.75 x
VCC
V
2.3 to 5.5
0.70 x
VCC
0.70 x
VCC
0.70 x
VCC
VIL
Low-Level
Input
Voltage
1.65-1.95
0.25 x
VCC
0.25 x
VCC
0.25 x
VCC
V
2.3 - 5.5
0.30 x
VCC
0.30 x
VCC
0.30 x
VCC
VOL
Low-Level
Output
Voltage
VIN = VIH or VIL
IOL = 100 mA
1.65 - 5.5
0.1
0.1
0.1
V
VIN = VIH or VIL
IOH = 4 mA
IOH = 8 mA
IOH = 12 mA
IOH = 16 mA
IOH = 24 mA
IOH = 32 mA
1.65
2.3
2.7
3.0
3.0
4.5
0.08
0.2
0.22
0.28
0.38
0.42
0.24
0.3
0.4
0.4
0.55
0.55
0.24
0.3
0.4
0.4
0.55
0.55
0.24
0.3
0.4
0.4
0.55
0.55
ILKG
Z-State
Output
Leakage
Current
VIN = VIL,
VOUT = VCC or
GND
5.5
±5.0
±10
±10
mA
IIN
Input
Leakage
Current
0
v VIN v 5.5 V
0 to 5.5
±0.1
±1.0
±1.0
mA
IOFF
Power-Off
Output
Leakage
Current
VIN or VOUT =
5.5 V
0
1.0
10
10
mA
ICC
Quiescent
Supply
Current
0
v VIN v VCC
5.5
1.0
10
10
mA


Similar Part No. - NLX2G06AMX1TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLX2G06AMUTCG ONSEMI-NLX2G06AMUTCG Datasheet
79Kb / 8P
   Dual Inverter, Open Drain
June, 2016 ??Rev. 3
More results

Similar Description - NLX2G06AMX1TCG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV1GW06A RENESAS-HD74LV1GW06A Datasheet
77Kb / 6P
   Dual Inverter Open Drain
logo
ON Semiconductor
NLU2G06 ONSEMI-NLU2G06 Datasheet
100Kb / 8P
   Dual Inverter, Open Drain
March, 2008 - Rev. 2
logo
Toshiba Semiconductor
TC7PA05FU TOSHIBA-TC7PA05FU_07 Datasheet
184Kb / 8P
   Dual Inverter (Open Drain)
logo
ON Semiconductor
NLU2G06 ONSEMI-NLU2G06_16 Datasheet
72Kb / 7P
   Dual Inverter, Open Drain
July, 2016 ??Rev. 4
NLX2G06 ONSEMI-NLX2G06_16 Datasheet
79Kb / 8P
   Dual Inverter, Open Drain
June, 2016 ??Rev. 3
logo
Toshiba Semiconductor
TC7SG05FE TOSHIBA-TC7SG05FE Datasheet
249Kb / 7P
   Inverter (Open Drain)
2013-03-01
TC7SZ05F TOSHIBA-TC7SZ05F Datasheet
157Kb / 5P
   INVERTER (OPEN DRAIN)
TC7SH05FS TOSHIBA-TC7SH05FS Datasheet
177Kb / 6P
   INVERTER (Open Drain)
2014-03-01
TC7SA05F TOSHIBA-TC7SA05F Datasheet
207Kb / 8P
   Inverter (Open Drain)
TC7SZ05AFS TOSHIBA-TC7SZ05AFS Datasheet
158Kb / 6P
   INVERTER (Open Drain)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com