Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NDD05N50Z Datasheet(PDF) 4 Page - ON Semiconductor

Part # NDD05N50Z
Description  N-Channel Power MOSFET 500 V, 1.25 ?
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NDD05N50Z Datasheet(HTML) 4 Page - ON Semiconductor

  NDD05N50Z Datasheet HTML 1Page - ON Semiconductor NDD05N50Z Datasheet HTML 2Page - ON Semiconductor NDD05N50Z Datasheet HTML 3Page - ON Semiconductor NDD05N50Z Datasheet HTML 4Page - ON Semiconductor NDD05N50Z Datasheet HTML 5Page - ON Semiconductor NDD05N50Z Datasheet HTML 6Page - ON Semiconductor NDD05N50Z Datasheet HTML 7Page - ON Semiconductor NDD05N50Z Datasheet HTML 8Page - ON Semiconductor NDD05N50Z Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
NDF05N50Z, NDP05N50Z, NDD05N50Z
http://onsemi.com
4
TYPICAL CHARACTERISTICS
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
0
5
10
15
20
25
30
35
40
45
50
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
Figure 7. Capacitance Variation
TJ = 25°C
VGS = 0 V
f = 1 MHz
Ciss
Coss
Crss
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
11.0
12.0
13.0
14.0
15.0
0
2
4
6
8
10
12
14
16
18
20
0
50
100
150
200
250
300
Qg, TOTAL GATE CHARGE (nC)
Figure 8. Gate−to−Source Voltage and
Drain−to−Source Voltage versus Total Charge
QT
QGD
QGS
VDS = 250 V
ID = 5 A
TJ = 25°C
VDS
VGS
1.0
10
100
1000
1
10
100
RG, GATE RESISTANCE (W)
Figure 9. Resistive Switching Time Variation
versus Gate Resistance
td(off)
tf
tr
td(on)
VDD = 250 V
ID = 5 A
VGS = 10 V
0.1
1.0
10
100
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
125°C
TJ = 150°C
25°C
−55°C
VSD, SOURCE−TO−DRAIN VOLTAGE (V)
Figure 10. Diode Forward Voltage versus
Current
0.01
0.1
1
10
100
0.1
1
10
100
1000
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
Figure 11. Maximum Rated Forward Biased
Safe Operating Area NDD05N50Z
RDS(on) LIMIT
THERMAL LIMIT
PACKAGE LIMIT
VGS v 30 V
SINGLE PULSE
TC = 25°C
10 ms
100 ms
10 ms
dc
1 ms


Similar Part No. - NDD05N50Z

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
NDD05N50Z ISC-NDD05N50Z Datasheet
299Kb / 2P
   isc N-Channel MOSFET Transistor
NDD05N50Z-1 ISC-NDD05N50Z-1 Datasheet
317Kb / 2P
   isc N-Channel MOSFET Transistor
logo
ON Semiconductor
NDD05N50Z-1G ONSEMI-NDD05N50Z-1G Datasheet
149Kb / 10P
   N-Channel Power MOSFET
January, 2015 ??Rev. 8
NDD05N50ZT4G ONSEMI-NDD05N50ZT4G Datasheet
149Kb / 10P
   N-Channel Power MOSFET
January, 2015 ??Rev. 8
logo
SHENZHEN DOINGTER SEMIC...
NDD05N50ZT4G DOINGTER-NDD05N50ZT4G Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
More results

Similar Description - NDD05N50Z

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PCFA86361F ONSEMI-PCFA86361F Datasheet
217Kb / 7P
   MOSFET ??Power, N-Channel 80 V, 1.25 m
July, 2021 ??Rev. 2
NDF08N50ZH ONSEMI-NDF08N50ZH Datasheet
123Kb / 6P
   N-Channel Power MOSFET 500 V, 0.85
January, 2015 ??Rev. 6
NDP04N50Z ONSEMI-NDP04N50Z Datasheet
127Kb / 9P
   N-Channel Power MOSFET 500 V, 2.7 
July, 2010 - Rev. 0
NDF08N50Z ONSEMI-NDF08N50Z Datasheet
146Kb / 6P
   N-Channel Power MOSFET 500 V, 0.69 
April, 2010 ??Rev. 1
NDD03N50Z ONSEMI-NDD03N50Z Datasheet
124Kb / 8P
   N-Channel Power MOSFET 500 V, 3.3 
July, 2010 ??Rev. 0
NDF11N50Z ONSEMI-NDF11N50Z Datasheet
119Kb / 7P
   N-Channel Power MOSFET 500 V, 0.52 
July, 2010 ??Rev. 0
logo
Vishay Siliconix
SI2302ADS VISHAY-SI2302ADS Datasheet
56Kb / 4P
   N-Channel 1.25-W, 2.5-V MOSFET
Rev. D, 20-Sep-04
logo
ON Semiconductor
NDF05N50ZH ONSEMI-NDF05N50ZH Datasheet
144Kb / 12P
   N-Channel Power MOSFET 500 V, 1.5 Ohm
February, 2013 ??Rev. 6
NDF11N50ZH ONSEMI-NDF11N50ZH Datasheet
120Kb / 7P
   N-Channel Power MOSFET 500 V, 0.52 Ohm
February, 2013 ??Rev. 4
logo
VBsemi Electronics Co.,...
VBM15R13 VBSEMI-VBM15R13 Datasheet
686Kb / 9P
   N-Channel 500 V (D-S) Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com