Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8614 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCV8614
Description  Ultra-Low Iq Automotive System Power Supply IC Power Saving Triple-Output Linear Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8614 Datasheet(HTML) 4 Page - ON Semiconductor

  NCV8614 Datasheet HTML 1Page - ON Semiconductor NCV8614 Datasheet HTML 2Page - ON Semiconductor NCV8614 Datasheet HTML 3Page - ON Semiconductor NCV8614 Datasheet HTML 4Page - ON Semiconductor NCV8614 Datasheet HTML 5Page - ON Semiconductor NCV8614 Datasheet HTML 6Page - ON Semiconductor NCV8614 Datasheet HTML 7Page - ON Semiconductor NCV8614 Datasheet HTML 8Page - ON Semiconductor NCV8614 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
NCV8614
http://onsemi.com
4
MAXIMUM RATINGS (Voltages are with respects to GND unless noted otherwise)
Rating
Symbol
Max
Min
Unit
Maximum DC Voltage
VIN−B, VIN−A, ASO_RAIL, VBATT_MON, VIN_S3, EN, IGNIN
40
−0.3
V
Peak Transient
VIN−B, VIN−A, ASO_RAIL, VBATT_MON, VIN_S3, EN, IGNIN
45
−0.3
V
Maximum DC Voltage
VIN−H
24
−0.3
V
Maximum DC Voltage
IGNOUT, VPP, HV_DET, BO_DET, HOT_FLG, RST, DLY, VOUT1, VOUT2
7
−0.3
V
Maximum DC Voltage
VOUT3
10
−0.3
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
THERMAL INFORMATION
Rating
Symbol
Min
Unit
Thermal Characteristic (Note 1)
RqJA
40
°C/W
Operating Junction Temperature Range
TJ
−40 to 150
°C
Maximum Storage Temperature Range
TSTG
−55 to +150
°C
Moisture Sensitivity Level
MSL
1
1. Values based on measurement of NCV8614 assembled on 2−layer 1−oz Cu thickness PCB with Copper Area of more than 645 mm2 with
several thermal vias for improved thermal performance. Refer to CIRCUIT DESCRIPTION section for safe operating area.
ATTRIBUTES
Rating
Symbol
Min
Unit
ESD Capability, Human Body Model (Note 2)
ESDHB
2
kV
ESD Capability, Machine Model (Note 2)
ESDMM
200
V
ESD Capability, Charged Device Model (Note 2)
ESDCDM
1
kV
IGNIN ESD Capability, Human Body Model (Note 2)
ESDHB_IGNIN
3
kV
IGNIN ESD Capability, Machine Model (Note 2)
ESDMM_IGNIN
200
V
IGNIN ESD Capability (Note 3)
ESD_IGNIN
10
kV
2. This device series incorporates ESD protection and is tested by the following methods:
ESD Human Body Model (HBM) tested per AEC−Q100−002 (EIA/JESD22−A114)
ESD Machine Model (MM) tested per AEC−Q100−003 (EIA/JESD22−A115)
ESD Charged Device Model (CDM) tested per EIA/JES D22/C101, Field Induced Charge Model
3. Device tested with external 10 kW series resistance and 1 nF storage capacitor.


Similar Part No. - NCV8614

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8614B ONSEMI-NCV8614B Datasheet
424Kb / 25P
   Ultra-Low Iq Automotive System Power Supply IC Power Saving Triple-Output Linear Regulator
October, 2009 ??Rev. 0
NCV8614BMNR2G ONSEMI-NCV8614BMNR2G Datasheet
424Kb / 25P
   Ultra-Low Iq Automotive System Power Supply IC Power Saving Triple-Output Linear Regulator
October, 2009 ??Rev. 0
More results

Similar Description - NCV8614

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8612B ONSEMI-NCV8612B Datasheet
462Kb / 26P
   Ultra-Low Iq Automotive System Power Supply IC Power Saving Triple-Output Linear Regulator
March, 2010 ??Rev. 0
NCV8613B ONSEMI-NCV8613B Datasheet
405Kb / 25P
   Ultra-Low Iq Automotive System Power Supply IC Power Saving Triple-Output Linear Regulator
March, 2010 ??Rev. 0
NCV8612 ONSEMI-NCV8612 Datasheet
437Kb / 26P
   Ultra-Low Iq Automotive System Power Supply IC Power Saving Triple-Output Linear Regulator
December, 2008 ??Rev. 0
NCV8613 ONSEMI-NCV8613 Datasheet
380Kb / 25P
   Ultra-Low Iq Automotive System Power Supply IC Power Saving Triple-Output Linear Regulator
December, 2008 ??Rev. 0
NCV8614B ONSEMI-NCV8614B Datasheet
424Kb / 25P
   Ultra-Low Iq Automotive System Power Supply IC Power Saving Triple-Output Linear Regulator
October, 2009 ??Rev. 0
LV56851UV ONSEMI-LV56851UV Datasheet
961Kb / 27P
   Linear Voltage Regulator, Multiple-Output System Power Supply IC,
April 2016- Rev. 0
LV5680NPVC ONSEMI-LV5680NPVC Datasheet
453Kb / 16P
   Linear Voltage Regulator, Multiple-Output, System Power Supply IC
February 2017- Rev. 1
LV5694P ONSEMI-LV5694P Datasheet
357Kb / 14P
   System Power Supply IC for Automotive Infotainment Multiple Output Linear Voltage Regulator
March, 2014
LV5693P ONSEMI-LV5693P_14 Datasheet
412Kb / 16P
   System Power Supply IC for Automotive Infotainment Multiple Output Linear Voltage Regulator
March, 2014
LV5684NPVD ONSEMI-LV5684NPVD Datasheet
364Kb / 15P
   System Power Supply IC for Automotive Infotainment Multiple Output Linear Voltage Regulator
March, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com