Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8613MNR2G Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCV8613MNR2G
Description  Ultra-Low Iq Automotive System Power Supply IC Power Saving Triple-Output Linear Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8613MNR2G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCV8613MNR2G Datasheet HTML 3Page - ON Semiconductor NCV8613MNR2G Datasheet HTML 4Page - ON Semiconductor NCV8613MNR2G Datasheet HTML 5Page - ON Semiconductor NCV8613MNR2G Datasheet HTML 6Page - ON Semiconductor NCV8613MNR2G Datasheet HTML 7Page - ON Semiconductor NCV8613MNR2G Datasheet HTML 8Page - ON Semiconductor NCV8613MNR2G Datasheet HTML 9Page - ON Semiconductor NCV8613MNR2G Datasheet HTML 10Page - ON Semiconductor NCV8613MNR2G Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
NCV8613
http://onsemi.com
7
ELECTRICAL CHARACTERISTICS (7 V < ASO_RAIL < 18 V, VIN−H = VIN−B w ASO_RAIL, VPP = 5 V, VIN_S3 tied to ASO_RAIL,
VBATT_MON = 0 V, IGNIN = 0 V, ISYS = 3 mA (Note 6)) Min/Max values are valid for the temperature range −40°C vTJ v 150 °C unless
noted otherwise. Min/Max values are guaranteed by test, design or statistical correlation.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
LOW DROP−OUT LINEAR REGULATOR 1 (LDO1) SPECIFICATION
Output Voltage
IOUT1 = 0 mA to 100 mA,
7 V < ASO_RAIL < 18 V
4.9
5
5.1
V
Dropout (ASO_RAIL − VOUT1)
VDR1
IOUT1 = 100 mA (Note 7)
500
mV
Load Regulation
IOUT1 = 0 mA to 100 mA, VIN_B = 13.2 V
0
75
mV/mA
Line Regulation
IOUT1 = 1 mA, 7 V < ASO_RAIL < 18 V
0
2
mV/V
Output Current Limit
200
mA
Output Load Capacitance Range
Co
Output Capacitance for Stability
1.0
100
mF
Output Load Capacitance ESR Range
(Notes 8 and 9)
ESRCo
Cap ESR for Stability
0.01
13
W
DVOUT1 (ASO Low to High Transient)
TJ = 25 °C , IOUT1 = 100 mA, ISYS = 400
mA, CASO_RAIL = 1 mF, ESRCo = 0.01 W,
Co = 10 mF, VIN−A falling
70
100
$mV
DVOUT1 (ASO high to Low Transient)
TJ = 25 °C , IOUT1 = 100 mA, ISYS = 400
mA, CASO_RAIL = 1 mF, ESRCo = 0.01 W,
Co = 10 mF, VIN−A rising
70
100
$mV
Power Supply Ripple Rejection (Note 8)
PSRR
VIN_B = 13.2 V, 0.5 VPP, 100 Hz
60
dB
Startup Overshoot
IOUT1 = 0 mA to 100 mA
3
%
LOW DROP−OUT LINEAR REGULATOR 2 (LDO2) SPECIFICATION
Output Voltage
IOUT2 = 0 mA to 300 mA,
7 V < ASO_RAIL < 18 V
3.234
3.3
3.366
V
Dropout (ASO_RAIL − VOUT2)
VDR2
IOUT2 = 300 mA (Note 7)
1.5
V
Load Regulation
IOUT2 = 0 mA to 300 mA, VIN_B = 13.2 V
0
66
mV/mA
Line Regulation
IOUT2 = 1 mA,
7 V < ASO_RAIL < 18 V
0
1.2
mV/V
Output Current Limit
400
mA
Output Load Capacitance Range
Co
Output Capacitance for Stability
1.0
100
mF
Output Load Capacitance ESR Range
(Notes 8 and 9)
ESRCo
Maximum Cap ESR for stability
0.01
10
W
DVOUT2 (ASO Low to High Transient)
TJ = 25 °C , IOUT2 = 300 mA, ISYS = 400
mA, CASO_RAIL = 1 mF, ESRCo = 0.01 W, Co
= 22 mF, VIN−A falling
30
66
$mV
DVOUT2 (ASO high to Low Transient)
TJ = 25 °C , IOUT2 = 300 mA, ISYS = 400
mA, CASO_RAIL = 1 mF, ESRCo = 0.01 W, Co
= 22 mF, VIN−A rising
30
66
$mV
Power Supply Ripple Rejection (Note 8)
PSRR
VIN_B = 13.2 V, 0.5 VPP, 100 Hz
60
dB
Startup Overshoot
IOUT2 = 0 mA to 300 mA
3
%
LOW DROP−OUT LINEAR REGULATOR 3 (LDO3) SPECIFICATION
Output Voltage
VOUT3
IOUT3 = 0 mA to 400 mA,
7 V v VIN_S3 v 18 V
3.234
3.3
3.366
V
Dropout (VIN_S3 − VOUT3)
VDR3
IOUT3 = 300 mA (Note 7)
1.5
V
Output Current Limit
400
mA
Load Regulation
IOUT3 = 0 mA to 300 mA,
VIN_B = 13.2 V
0
66
mV/mA
Line Regulation
IOUT3 = 1 mA,
7 V v VIN_S3 v 18 V
0
1.2
mV /V


Similar Part No. - NCV8613MNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8613B ONSEMI-NCV8613B Datasheet
405Kb / 25P
   Ultra-Low Iq Automotive System Power Supply IC Power Saving Triple-Output Linear Regulator
March, 2010 ??Rev. 0
NCV8613BMNR2G ONSEMI-NCV8613BMNR2G Datasheet
405Kb / 25P
   Ultra-Low Iq Automotive System Power Supply IC Power Saving Triple-Output Linear Regulator
March, 2010 ??Rev. 0
More results

Similar Description - NCV8613MNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8614 ONSEMI-NCV8614 Datasheet
399Kb / 25P
   Ultra-Low Iq Automotive System Power Supply IC Power Saving Triple-Output Linear Regulator
December, 2008 ??Rev. 0
NCV8612B ONSEMI-NCV8612B Datasheet
462Kb / 26P
   Ultra-Low Iq Automotive System Power Supply IC Power Saving Triple-Output Linear Regulator
March, 2010 ??Rev. 0
NCV8613B ONSEMI-NCV8613B Datasheet
405Kb / 25P
   Ultra-Low Iq Automotive System Power Supply IC Power Saving Triple-Output Linear Regulator
March, 2010 ??Rev. 0
NCV8612 ONSEMI-NCV8612 Datasheet
437Kb / 26P
   Ultra-Low Iq Automotive System Power Supply IC Power Saving Triple-Output Linear Regulator
December, 2008 ??Rev. 0
NCV8614B ONSEMI-NCV8614B Datasheet
424Kb / 25P
   Ultra-Low Iq Automotive System Power Supply IC Power Saving Triple-Output Linear Regulator
October, 2009 ??Rev. 0
LV56851UV ONSEMI-LV56851UV Datasheet
961Kb / 27P
   Linear Voltage Regulator, Multiple-Output System Power Supply IC,
April 2016- Rev. 0
LV5680NPVC ONSEMI-LV5680NPVC Datasheet
453Kb / 16P
   Linear Voltage Regulator, Multiple-Output, System Power Supply IC
February 2017- Rev. 1
LV5694P ONSEMI-LV5694P Datasheet
357Kb / 14P
   System Power Supply IC for Automotive Infotainment Multiple Output Linear Voltage Regulator
March, 2014
LV5693P ONSEMI-LV5693P_14 Datasheet
412Kb / 16P
   System Power Supply IC for Automotive Infotainment Multiple Output Linear Voltage Regulator
March, 2014
LV5684NPVD ONSEMI-LV5684NPVD Datasheet
364Kb / 15P
   System Power Supply IC for Automotive Infotainment Multiple Output Linear Voltage Regulator
March, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com