Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8612 Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCV8612
Description  Ultra-Low Iq Automotive System Power Supply IC Power Saving Triple-Output Linear Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8612 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCV8612 Datasheet HTML 7Page - ON Semiconductor NCV8612 Datasheet HTML 8Page - ON Semiconductor NCV8612 Datasheet HTML 9Page - ON Semiconductor NCV8612 Datasheet HTML 10Page - ON Semiconductor NCV8612 Datasheet HTML 11Page - ON Semiconductor NCV8612 Datasheet HTML 12Page - ON Semiconductor NCV8612 Datasheet HTML 13Page - ON Semiconductor NCV8612 Datasheet HTML 14Page - ON Semiconductor NCV8612 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
NCV8612
http://onsemi.com
11
and overshoot of output voltages. The soft−start function
applies to all 3 regulators.
The soft−start function kicks in for start up, start up via
enable, start up after thermal shutdown, and startup after an
over voltage condition.
LDO3 is not subject to soft−start under all conditions. The
LDO3 output is not affected by overvoltage shutdown, and
therefore is not effected by the soft−start function upon the
device’s return from an over voltage condition. Also, when
VIN_S3 is connected to an independent supply and the
supply is made available after the soft−start function, LDO3
will not have an independent soft−start.
LDO1 Regulator
The LDO1 error amplifier compares the reference voltage
to a sample of the output voltage (VOUT1) and drives the gate
of an internal PFET. The reference is a bandgap design to
give it a temperature−stable output.
LDO2 Regulator
The LDO2 error amplifier compares the reference voltage
to a sample of the output voltage (VOUT2) and drives the gate
of an internal PFET. The reference is a bandgap design to
give it a temperature−stable output.
LDO3 Regulator
The LDO3 error amplifier compares the reference voltage
to a sample of the output voltage (VOUT3) and drives the gate
of an internal PFET. The reference is a bandgap design to
give it a temperature−stable output
LDO3 is an adjustable voltage output. The adjustable
voltage option requires an external resistor divider feedback
network. LDO3 can be adjusted up to 10 V. The internal
reference voltage is 0.996 V. To determine the proper
feedback resistors, the following formula can be used:
VOUT3 = VOUT3FB [(R1+R2)/R2]
Figure 4. Feedback Network
R1
R2
VOUTA FB
VOUT3
Stability Considerations
The output or compensation capacitors, COUTX help
determine three main characteristics of a linear regulator:
startup delay, load transient response and loop stability. The
capacitor values and type should be based on cost,
availability, size and temperature constraints. Tantalum,
aluminum electrolytic, film, or ceramic capacitors are all
acceptable solutions, however, attention must be paid to
ESR constraints. The aluminum electrolytic capacitor is the
least expensive solution, but, if the circuit operates at low
temperatures (−25
°C to −40°C), both the value and ESR of
the capacitor will vary considerably. The capacitor
manufacturer’s data sheet usually provides this information.
The value for each output capacitor COUTX shown in
Figures 22 − 27 should work for most applications;
however, it is not necessarily the optimized solution.
Stability is guaranteed at the following values:
COUT1 w 47 mF, ESR v 10 W
COUT2 w 47 mF, ESR v 10 W
COUT3 w 47 mF, ESR v 10 W
Actual limits are shown in graphs in the Typical
Performance Characteristics section.
Thermal
As power in the NCV8612 increases, it might become
necessary to provide some thermal relief. The maximum
power dissipation supported by the device is dependent
upon board design and layout. Mounting pad configuration
on the PCB, the board material, and the ambient temperature
affect the rate of junction temperature rise for the part. When
the NCV8612 has good thermal conductivity through the
PCB, the junction temperature will be relatively low with
high power applications.
The maximum dissipation the NCV8612 can handle is
given by:
PD(max) = (TJ(max)−TA)/RthJA
See Figure 20 for RthJA versus PCB Area.
RthJA could be further decreased by using Multilayer PCB
and/or if Air Flow is taken into account.
IGNOUT Circuitry
The IGNOUT pin is an open drain output Schmitt Trigger,
externally pulled up to 5 V via a 10 k
W resistor. The
IGNOUT pin can be used to monitor the ignition signal of
the vehicle, and send a signal to mute an audio amplifier
during engine crank. The IGNIN pin is ESD protected, and
can handle peak transients up to 45 V. An external diode is
recommended to protect against negative voltage spikes.
The IGNOUT circuitry requires the device to be enabled
for proper operation.
VPP Function
The reset and warning circuits utilize a push−pull output
stage. The high signal is provided by VPP. VPP is tied
internally to LDO1. Under this setup, and any setup where
LDO’s 1−3 are tied to VPP, loss of the VPP signal can occur
if the pull up voltage is reduced due to over current, thermal
shutdown, or overvoltage conditions.
Reset Outputs
The Reset Output is used as the power on indicator to the
Microcontroller. The NCV8612 Reset circuitry monitors the
output on LDO1.
This signal indicates when the output voltage is suitable
for reliable operation. It pulls low when the output is not
considered to be suitable. The Reset circuitry utilizes a push


Similar Part No. - NCV8612

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8612B ONSEMI-NCV8612B Datasheet
462Kb / 26P
   Ultra-Low Iq Automotive System Power Supply IC Power Saving Triple-Output Linear Regulator
March, 2010 ??Rev. 0
NCV8612BMNR2G ONSEMI-NCV8612BMNR2G Datasheet
462Kb / 26P
   Ultra-Low Iq Automotive System Power Supply IC Power Saving Triple-Output Linear Regulator
March, 2010 ??Rev. 0
More results

Similar Description - NCV8612

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8614 ONSEMI-NCV8614 Datasheet
399Kb / 25P
   Ultra-Low Iq Automotive System Power Supply IC Power Saving Triple-Output Linear Regulator
December, 2008 ??Rev. 0
NCV8612B ONSEMI-NCV8612B Datasheet
462Kb / 26P
   Ultra-Low Iq Automotive System Power Supply IC Power Saving Triple-Output Linear Regulator
March, 2010 ??Rev. 0
NCV8613B ONSEMI-NCV8613B Datasheet
405Kb / 25P
   Ultra-Low Iq Automotive System Power Supply IC Power Saving Triple-Output Linear Regulator
March, 2010 ??Rev. 0
NCV8613 ONSEMI-NCV8613 Datasheet
380Kb / 25P
   Ultra-Low Iq Automotive System Power Supply IC Power Saving Triple-Output Linear Regulator
December, 2008 ??Rev. 0
NCV8614B ONSEMI-NCV8614B Datasheet
424Kb / 25P
   Ultra-Low Iq Automotive System Power Supply IC Power Saving Triple-Output Linear Regulator
October, 2009 ??Rev. 0
LV56851UV ONSEMI-LV56851UV Datasheet
961Kb / 27P
   Linear Voltage Regulator, Multiple-Output System Power Supply IC,
April 2016- Rev. 0
LV5680NPVC ONSEMI-LV5680NPVC Datasheet
453Kb / 16P
   Linear Voltage Regulator, Multiple-Output, System Power Supply IC
February 2017- Rev. 1
LV5694P ONSEMI-LV5694P Datasheet
357Kb / 14P
   System Power Supply IC for Automotive Infotainment Multiple Output Linear Voltage Regulator
March, 2014
LV5693P ONSEMI-LV5693P_14 Datasheet
412Kb / 16P
   System Power Supply IC for Automotive Infotainment Multiple Output Linear Voltage Regulator
March, 2014
LV5684NPVD ONSEMI-LV5684NPVD Datasheet
364Kb / 15P
   System Power Supply IC for Automotive Infotainment Multiple Output Linear Voltage Regulator
March, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com