Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8405STT1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCV8405STT1G
Description  Self-Protected Low Side Driver with Temperature and Current Limit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8405STT1G Datasheet(HTML) 1 Page - ON Semiconductor

  NCV8405STT1G Datasheet HTML 1Page - ON Semiconductor NCV8405STT1G Datasheet HTML 2Page - ON Semiconductor NCV8405STT1G Datasheet HTML 3Page - ON Semiconductor NCV8405STT1G Datasheet HTML 4Page - ON Semiconductor NCV8405STT1G Datasheet HTML 5Page - ON Semiconductor NCV8405STT1G Datasheet HTML 6Page - ON Semiconductor NCV8405STT1G Datasheet HTML 7Page - ON Semiconductor NCV8405STT1G Datasheet HTML 8Page - ON Semiconductor NCV8405STT1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2009
December, 2009 − Rev. P0
1
Publication Order Number:
NCV8405/D
NCV8405
Self-Protected Low Side
Driver with Temperature
and Current Limit
NCV8405 is a three terminal protected Low−Side Smart Discrete
device. The protection features include overcurrent, overtemperature,
ESD and integrated Drain−to−Gate clamping for overvoltage
protection. This device is suitable for harsh automotive environments.
Features
Short−Circuit Protection
Thermal Shutdown with Automatic Restart
Overvoltage Protection
Integrated Clamp for Inductive Switching
ESD Protection
dV/dt Robustness
Analog Drive Capability (Logic Level Input)
AEC−Q101 Qualified
NCV Prefix for Automotive and Other Applications Requiring Site
and Change Control
These Devices are Pb−Free and are RoHS Compliant
Typical Applications
Switch a Variety of Resistive, Inductive and Capacitive Loads
Can Replace Electromechanical Relays and Discrete Circuits
Automotive / Industrial
Drain
Source
Temperature
Limit
Gate
Input
Current
Limit
Current
Sense
Overvoltage
Protection
ESD Protection
http://onsemi.com
*Max current limit value is dependent on input
condition.
SOT−223
CASE 318E
STYLE 3
MARKING
DIAGRAM
V(BR)DSS
(Clamped)
RDS(ON) TYP
ID MAX
42 V
90 mW @ 10 V
6.0 A*
A
= Assembly Location
Y
= Year
W
= Work Week
8402
= Specific Device Code
G
= Pb−Free Package
1
(Note: Microdot may be in either location)
1
AYW
8405 G
G
23
4
GATE
DRAIN
SOURCE
DRAIN
2
3
4
Device
Package
Shipping
ORDERING INFORMATION
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
NCV8405STT1G
SOT−223
(Pb−Free)
1000/Tape & Reel
NCV8405STT3G
SOT−223
(Pb−Free)
4000/Tape & Reel


Similar Part No. - NCV8405STT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8405STT1G ONSEMI-NCV8405STT1G Datasheet
146Kb / 12P
   Self-Protected Low Side Driver with Temperature and Current Limit
October, 2012 ??Rev. 3
NCV8405STT1G ONSEMI-NCV8405STT1G Datasheet
146Kb / 12P
   Self-Protected Low Side Driver with Temperature and Current Limit
October, 2012 ??Rev. 3
NCV8405STT1G ONSEMI-NCV8405STT1G Datasheet
146Kb / 12P
   Self-Protected Low Side Driver with Temperature and Current Limit
October, 2012 ??Rev. 3
More results

Similar Description - NCV8405STT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8402ASTT3G ONSEMI-NCV8402ASTT3G Datasheet
128Kb / 10P
   Self-Protected Low Side Driver with Temperature and Current Limit
February, 2012 ??Rev. 8
NCV8406ASTT1G ONSEMI-NCV8406ASTT1G Datasheet
147Kb / 12P
   Self-Protected Low Side Driver with Temperature and Current Limit
November, 2011 ??Rev. 2
NCV8405ADTRKG ONSEMI-NCV8405ADTRKG Datasheet
146Kb / 12P
   Self-Protected Low Side Driver with Temperature and Current Limit
October, 2012 ??Rev. 3
NCV8401 ONSEMI-NCV8401 Datasheet
156Kb / 10P
   Self-Protected Low Side Driver with Temperature and Current Limit
February, 2010 ??Rev. 7
NCV8402 ONSEMI-NCV8402 Datasheet
158Kb / 10P
   Self-Protected Low Side Driver with Temperature and Current Limit
October, 2009 ??Rev. 6
NCV8401 ONSEMI-NCV8401_12 Datasheet
134Kb / 10P
   Self-Protected Low Side Driver with Temperature and Current Limit
July, 2012 ??Rev. 10
NCV8405ADTRKG ONSEMI-NCV8405ADTRKG Datasheet
146Kb / 12P
   Self-Protected Low Side Driver with Temperature and Current Limit
October, 2012 ??Rev. 3
NCV8401A ONSEMI-NCV8401A_V01 Datasheet
189Kb / 11P
   Self-Protected Low Side Driver with Temperature and Current Limit
July, 2017 - Rev. 13
NCV8408-D ONSEMI-NCV8408-D Datasheet
117Kb / 7P
   Self-Protected Low Side Driver with Temperature and Current Limit
December, 2012 ??Rev. 0
NCV8408 ONSEMI-NCV8408 Datasheet
160Kb / 9P
   Self-Protected Low Side Driver with Temperature and Current Limit
March, 2014 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com