Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP5386BMNR2G Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP5386BMNR2G
Description  1/2 Phase Controller for CPU and Chipset Applications
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5386BMNR2G Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP5386BMNR2G Datasheet HTML 6Page - ON Semiconductor NCP5386BMNR2G Datasheet HTML 7Page - ON Semiconductor NCP5386BMNR2G Datasheet HTML 8Page - ON Semiconductor NCP5386BMNR2G Datasheet HTML 9Page - ON Semiconductor NCP5386BMNR2G Datasheet HTML 10Page - ON Semiconductor NCP5386BMNR2G Datasheet HTML 11Page - ON Semiconductor NCP5386BMNR2G Datasheet HTML 12Page - ON Semiconductor NCP5386BMNR2G Datasheet HTML 13Page - ON Semiconductor NCP5386BMNR2G Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
NCP5386, NCP5386A, NCP5386B
http://onsemi.com
10
ELECTRICAL CHARACTERISTICS
(Unless otherwise stated: 0°C < TA < 85°C; 4.75 V < VCC < 5.25 V; All DAC Codes; CVCC = 0.1 mF)
Parameter
Units
Max
Typ
Min
Test Conditions
PWM Outputs
Output Low Voltage
Sinking 500 mA
0.15
V
Rise Time
CL = 20 pF, DVO = 0.3 to 2.0 V
20
ns
Fall Time
CL = 20 pF, DVO = Vmax to 0.7 V
20
ns
Tri−State Output Leakage
Gx = 2.5 V, x = 1 − 4
1.5
mA
Output Impedance − Sourcing
Maximum Resistance to VCC
320
W
Output Impedance − Sinking
Maximum Resistance to GND
140
W
DRVON
Output High Voltage
Sourcing 500 mA
3.0
VCC
V
Output Low Voltage
Sinking 500 mA
0.7
mV
Rise Time
CL (PCB) = 20 pF, DVO = 10% to 90%
24
30
ns
Fall Time
CL = 20 pF, DVO = 10% to 90%
11
20
ns
Internal Pulldown Resistance
70
kW
Soft−Start
Soft−Start Pin Source Current
3.75
5.0
6.25
mA
Soft−Start Ramp Time
CSS = 0.01 mF; Time to 1.05 V
2.2
ms
Soft−Start Pin Discharge Voltage
DRVON pin = LO (Fault)
25
mV
VR11 Dwell Time at VBOOT
CSS = 0.01 mF
50
500
ms
DACMODE Input
Input Range for AMD Operating Mode
2.3
3.5
V
Input Range for VR11 Operating Mode
0.9
1.7
V
Input Range for VR10 Operating Mode
0
0.5
V
Enable Input
Enable High Input Leakage Current
EN = 3.3 V
1.0
mA
Rising Threshold
VUPPER
0.800
0.920
V
Falling Threshold
VLOWER
0.670
0.830
V
Hysteresis
VUPPER – VLOWER
130
mV
Enable Delay Time
Time from Enable transitioning HI to initiation
of Soft−Start
1.0
5.0
ms
Disable Delay Time
EN Low to DRVON Low
150
200
ns
Current Limit
Current Sense Amp to ILIM Gain
20 mV < (CSx − CSxN) < 60 mV
(Each CS Input Independently)
5.7
5.95
6.2
V/V
ILIM Pin Input Bias Current
VILIM = 2.0 V
1.0
mA
ILIM Pin Working Voltage Range
0.2
2.0
V
ILIM Offset Voltage
Offset extrapolated to CSx − CSxN = 0,
referred to ILIM pin
−33
17
67
mV
Delay (Note 3)
300
ns
3. Guaranteed by design. Not tested in production.


Similar Part No. - NCP5386BMNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5380 ONSEMI-NCP5380 Datasheet
498Kb / 27P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Switching Regulator Controller
May, 2009 ??Rev. 0
NCP5380A ONSEMI-NCP5380A Datasheet
498Kb / 27P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Switching Regulator Controller
May, 2009 ??Rev. 0
NCP5380AMNR2G ONSEMI-NCP5380AMNR2G Datasheet
514Kb / 28P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Switching Regulator Controller
April, 2011 ??Rev. 3
NCP5380MNR2G ONSEMI-NCP5380MNR2G Datasheet
498Kb / 27P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Switching Regulator Controller
May, 2009 ??Rev. 0
NCP5380MNR2G ONSEMI-NCP5380MNR2G Datasheet
514Kb / 28P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Switching Regulator Controller
April, 2011 ??Rev. 3
More results

Similar Description - NCP5386BMNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5392 ONSEMI-NCP5392 Datasheet
313Kb / 32P
   2/3/4-Phase Controller for CPU Applications
August, 2008 ??Rev. 3
NCP5392Q ONSEMI-NCP5392Q Datasheet
324Kb / 30P
   2/3/4-Phase Controller for CPU Applications
June, 2009 ??Rev. 0
NCP5387 ONSEMI-NCP5387 Datasheet
347Kb / 37P
   2/3/4 Phase Controller for CPU Applications
April, 2007 ??Rev. 3
NCP5392P ONSEMI-NCP5392P Datasheet
314Kb / 32P
   2/3/4-Phase Controller for CPU Applications
April, 2008 - Rev. 0
NCP5393B ONSEMI-NCP5393B Datasheet
305Kb / 24P
   2/3/4-Phase Controller for CPU Applications
June, 2009 ??Rev. 0
NCP5393 ONSEMI-NCP5393 Datasheet
490Kb / 21P
   2/3/4-Phase Controller for CPU Applications
February, 2008 - Rev. 0
NCP5393A ONSEMI-NCP5393A Datasheet
305Kb / 24P
   2/3/4-Phase Controller for CPU Applications
August, 2008 ??Rev. P0
NCP6251 ONSEMI-NCP6251 Datasheet
293Kb / 24P
   2/3/4-Phase Controller for CPU Applications
October, 2010 ??Rev. P0
NCP6131NS52MNR2G ONSEMI-NCP6131NS52MNR2G Datasheet
14Kb / 1P
   NCP6131: IMVP7 1-, 2-, 3-Phase CPU Controller 1-Phase GPU Controller
5/4/2012
logo
Richtek Technology Corp...
RT8869A RICHTEK-RT8869A Datasheet
423Kb / 19P
   Advanced 2/1-Phase PWM Controller for CPU Core Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com